Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLG-320H-36 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # HLG-320H-36
Description  320W Single Output Switching Power Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLG-320H-36 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  HLG-320H-36 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLG-320H-36 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLG-320H-36 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLG-320H-36 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HLG-320H-36 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HLG-320H-36 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. HLG-320H-36 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MechanicalSpecification
CaseNo.202A
Unit:mm
112.6
112.6
T case
T case
T case:Max.Case Temperature.
T case:Max.Case Temperature.
FG(Green/Yellow)
FG(Green/Yellow)
AC/L(Brown)
AC/L(Brown)
320WSingleOutputSwitchingPowerSupply
H L G - 3 2 0 H series
A Type:(HLG-320H-_A)
IP65rated.Outputvoltageandconstantcurrentlevelcanbeadjustedthroughinternal
(Canaccessbyremovingtherubberstopperonthecase.)
potentiometer.
Blank:(HLG-320H)
IP67rated.CableforI/Oconnection.
FileName:HLG-320H-SPEC 2011-07-21
AC/N(Blue)
AC/N(Blue)
SJTW18AWG 3C
SJTW18AWG 3C
300 20
300 20
13.4
13.4
8.9
8.9
225.2
225.2
252
252
Io
ADJ.
Vo
ADJ.
SJTW14AWG 2C
SJTW14AWG 2C
300 20
300 20
-V(Black)
-V(Black)
+V(Red)
+V(Red)
4.5 4PL
4.5 4PL


Similar Part No. - HLG-320H-36

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-320H-36 MEANWELL-HLG-320H-36 Datasheet
390Kb / 7P
   320W Single Output Switching Power Supply
HLG-320H-36 MEANWELL-HLG-320H-36 Datasheet
394Kb / 7P
   320W Single Output Switching Power Supply
HLG-320H-36 MEANWELL-HLG-320H-36 Datasheet
395Kb / 7P
   320W Single Output Switching Power Supply
HLG-320H-36A MEANWELL-HLG-320H-36A Datasheet
395Kb / 7P
   320W Single Output Switching Power Supply
HLG-320H-36B MEANWELL-HLG-320H-36B Datasheet
395Kb / 7P
   320W Single Output Switching Power Supply
More results

Similar Description - HLG-320H-36

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-320H MEANWELL-HLG-320H_12 Datasheet
395Kb / 7P
   320W Single Output Switching Power Supply
S-320 MEANWELL-S-320 Datasheet
243Kb / 2P
   320W Single Output Switching Power Supply
HEP-320 MEANWELL-HEP-320 Datasheet
94Kb / 4P
   320W Single Output Switching Power Supply
HLG-320H_1109 MEANWELL-HLG-320H_1109 Datasheet
390Kb / 7P
   320W Single Output Switching Power Supply
HLG-320H_1111 MEANWELL-HLG-320H_1111 Datasheet
394Kb / 7P
   320W Single Output Switching Power Supply
logo
Astrodyne Corporation
AS-320 ASTRODYNE-AS-320 Datasheet
322Kb / 2P
   320W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
HVGC-320 MEANWELL-HVGC-320 Datasheet
132Kb / 6P
   320W Single Output LED Power Supply
logo
CUI INC
VSBU-120 CUI-VSBU-120 Datasheet
212Kb / 3P
   Single Output Switching Power Supply
VSBU-150 CUI-VSBU-150 Datasheet
194Kb / 3P
   single output switching power supply
logo
Phihong USA Inc.
PSA-50U-120 PHIHONG-PSA-50U-120 Datasheet
199Kb / 2P
   Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com