Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLG-320H-48 Datasheet(PDF) 7 Page - Mean Well Enterprises Co., Ltd.

Part # HLG-320H-48
Description  320W Single Output Switching Power Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLG-320H-48 Datasheet(HTML) 7 Page - Mean Well Enterprises Co., Ltd.

  HLG-320H-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLG-320H-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLG-320H-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLG-320H-48 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HLG-320H-48 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HLG-320H-48 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. HLG-320H-48 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Waterproofconnector
WaterproofconnectorcanbeassembledontheoutputcableofHLG-320Htooperateindry/wet/damporoutdoorenvironment.
HLG-320H
I/P
O/P
LEDLamp
AC
source
CableJoiner
JunctionBox(Option)
PinConfiguration(Female)
PinConfiguration(Female)
Size
Size
M12
M15
4-PIN
5A/PIN
M12-04
OrderNo.
OrderNo.
10A max.
SuitableCurrent
SuitableCurrent
5-PIN
5A/PIN
M12-05
10A max.
2-PIN
12A/PIN
M15-02
12A max.
Uptofourwirescanbeconnectedthroughthiscablejoinerby
solderingorclampingbytools.
66
26
20
CJ04-2suitablefor18AWG~22AWG
CJ04-1suitablefor14AWG~16AWG
O/P Wires
LEDLamp
HLG-320H
WATERPROOFCONNECTION
CJ04cablejoinercanbepurchasedindependentlyforuser'sownassembly.
MEANWELL orderNo.:CJ04-1,CJ04-2.
320WSingleOutputSwitchingPowerSupply
H L G - 3 2 0 H series
FileName:HLG-320H-SPEC2011-07-21
2-
5
Optionaljunctionboxavailablefor
,pleasecontactMEAWWELL fordetails.
A /Blank-type
3-PF1/2"
3-PF1/2"
76
5
10
387.2
225.2
150 20
86
150 20
SJTW18AWG 3C
FG(Green/Yellow)
AC/L(Brown)
AC/N(Blue)
SJTW14AWG 2C
+V(Red)
-V(Black)


Similar Part No. - HLG-320H-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-320H-48 MEANWELL-HLG-320H-48 Datasheet
390Kb / 7P
   320W Single Output Switching Power Supply
HLG-320H-48 MEANWELL-HLG-320H-48 Datasheet
394Kb / 7P
   320W Single Output Switching Power Supply
HLG-320H-48 MEANWELL-HLG-320H-48 Datasheet
395Kb / 7P
   320W Single Output Switching Power Supply
HLG-320H-48A MEANWELL-HLG-320H-48A Datasheet
395Kb / 7P
   320W Single Output Switching Power Supply
HLG-320H-48B MEANWELL-HLG-320H-48B Datasheet
395Kb / 7P
   320W Single Output Switching Power Supply
More results

Similar Description - HLG-320H-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-320H MEANWELL-HLG-320H_12 Datasheet
395Kb / 7P
   320W Single Output Switching Power Supply
S-320 MEANWELL-S-320 Datasheet
243Kb / 2P
   320W Single Output Switching Power Supply
HEP-320 MEANWELL-HEP-320 Datasheet
94Kb / 4P
   320W Single Output Switching Power Supply
HLG-320H_1109 MEANWELL-HLG-320H_1109 Datasheet
390Kb / 7P
   320W Single Output Switching Power Supply
HLG-320H_1111 MEANWELL-HLG-320H_1111 Datasheet
394Kb / 7P
   320W Single Output Switching Power Supply
logo
Astrodyne Corporation
AS-320 ASTRODYNE-AS-320 Datasheet
322Kb / 2P
   320W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
HVGC-320 MEANWELL-HVGC-320 Datasheet
132Kb / 6P
   320W Single Output LED Power Supply
logo
CUI INC
VSBU-120 CUI-VSBU-120 Datasheet
212Kb / 3P
   Single Output Switching Power Supply
VSBU-150 CUI-VSBU-150 Datasheet
194Kb / 3P
   single output switching power supply
logo
Phihong USA Inc.
PSA-50U-120 PHIHONG-PSA-50U-120 Datasheet
199Kb / 2P
   Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com