Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD122 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJD122
Description  Complementary Darlington Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD122 Datasheet(HTML) 3 Page - ON Semiconductor

  MJD122_11 Datasheet HTML 1Page - ON Semiconductor MJD122_11 Datasheet HTML 2Page - ON Semiconductor MJD122_11 Datasheet HTML 3Page - ON Semiconductor MJD122_11 Datasheet HTML 4Page - ON Semiconductor MJD122_11 Datasheet HTML 5Page - ON Semiconductor MJD122_11 Datasheet HTML 6Page - ON Semiconductor MJD122_11 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MJD122 (NPN)
http://onsemi.com
3
IC, COLLECTOR CURRENT (AMP)
500
0.2
5000
2000
10,000
0.1
0.7
3000
0.5
1
20,000
1000
23
5
3
IB, BASE CURRENT (mA)
2.6
2.2
1.8
1.4
0.3
0.5
1
7
35
2
1
IC, COLLECTOR CURRENT (AMP)
2
1.5
3
2.5
1
0.5
0.2
3
0.1
0.7
0.3
1
5
10
20 30
200
300
0.3
7
10
0.7
0.5
7
210
PNP MJD127
NPN MJD122
IC, COLLECTOR CURRENT (AMP)
500
0.2
5000
2000
10,000
VCE = 4 V
TJ = 150°C
7000
0.1
0.7
25
°C
-55
°C
3000
0.5
1
20,000
700
1000
23
5
3
IB, BASE CURRENT (mA)
2.6
2.2
1.8
1.4
0.3
0.5
1
7
35
4 A
IC = 2 A
2
TJ = 25°C
1
IC, COLLECTOR CURRENT (AMP)
2
1.5
3
2.5
1
0.5
TJ = 25°C
VBE(sat) @ IC/IB = 250
VBE @ VCE = 4 V
VCE(sat) @ IC/IB = 250
0.2
3
0.1
0.7
0.3
1
5
10
20
30
Figure 2. DC Current Gain
Figure 3. Collector Saturation Region
Figure 4. “On” Voltages
200
300
0.3
7
10
0.7
0.5
7
210
6 A
VCE = 4 V
TJ = 150°C
25
°C
-55
°C
TJ = 25°C
4 A
IC = 2 A
6 A
TJ = 25°C
VBE @ VCE = 4 V
VBE(sat) @ IC/IB = 250
VCE(sat) @ IC/IB = 250
TYPICAL ELECTRICAL CHARACTERISTICS


Similar Part No. - MJD122_11

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD122-1 MOTOROLA-MJD122-1 Datasheet
284Kb / 8P
   SILICON POWER TRANSISTORS 8 AMPERES 100 VOLTS 20 WATT
logo
STMicroelectronics
MJD122-1 STMICROELECTRONICS-MJD122-1 Datasheet
91Kb / 8P
   COMPLEMENTARY POWER DARLINGTON TRANSISTORS
MJD122-1 STMICROELECTRONICS-MJD122-1 Datasheet
91Kb / 8P
   COMPLEMENTARY POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
MJD122 ONSEMI-MJD122_16 Datasheet
106Kb / 8P
   Complementary Darlington Power Transistor
September, 2016 ??Rev. 15
logo
Micro Commercial Compon...
MJD122 MCC-MJD122_16 Datasheet
337Kb / 3P
   Silicon NPN epitaxial planerTransistors
More results

Similar Description - MJD122_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD128T4G ONSEMI-MJD128T4G Datasheet
92Kb / 6P
   Complementary Darlington Power Transistor
January, 2016 ??Rev. 6
logo
Seme LAB
MJ11028 SEME-LAB-MJ11028 Datasheet
59Kb / 2P
   COMPLEMENTARY DARLINGTON POWER TRANSISTOR
logo
ON Semiconductor
MJD122 ONSEMI-MJD122_16 Datasheet
106Kb / 8P
   Complementary Darlington Power Transistor
September, 2016 ??Rev. 15
MJD128 ONSEMI-MJD128 Datasheet
75Kb / 6P
   Complementary Darlington Power Transistor
March, 2007 ??Rev. 1
MJD122 ONSEMI-MJD122_05 Datasheet
87Kb / 7P
   Complementary Darlington Power Transistor
December, 2005 ??Rev. 7
MJD128T4G ONSEMI-MJD128T4G_12 Datasheet
185Kb / 6P
   Complementary Darlington Power Transistor
February, 2012 ??Rev. 5
logo
Central Semiconductor C...
CJD112 CENTRAL-CJD112 Datasheet
481Kb / 2P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTOR
CJD122-NPN CENTRAL-CJD122-NPN Datasheet
126Kb / 2P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTOR
logo
Seme LAB
2N6295 SEME-LAB-2N6295 Datasheet
15Kb / 2P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTOR
logo
ON Semiconductor
MJ2501 ONSEMI-MJ2501 Datasheet
98Kb / 4P
   DARLINGTON POWER TRANSISTOR COMPLEMENTARY SILICON
1998
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com