Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD200 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJD200
Description  Complementary Plastic Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD200 Datasheet(HTML) 2 Page - ON Semiconductor

  MJD200 Datasheet HTML 1Page - ON Semiconductor MJD200 Datasheet HTML 2Page - ON Semiconductor MJD200 Datasheet HTML 3Page - ON Semiconductor MJD200 Datasheet HTML 4Page - ON Semiconductor MJD200 Datasheet HTML 5Page - ON Semiconductor MJD200 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MJD200 (NPN) MJD210 (PNP)
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
10
°C/W
Thermal Resistance, Junction−to−Ambient (Note 2)
RqJA
89.3
°C/W
2. These ratings are applicable when surface mounted on the minimum pad sizes recommended.
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 3), (IC = 10 mAdc, IB = 0)
VCEO(sus)
25
Vdc
Collector Cutoff Current
(VCB = 40 Vdc, IE = 0)
(VCB = 40 Vdc, IE = 0, TJ = 125°C)
VCBO
100
100
nAdc
mAdc
Emitter Cutoff Current (VBE = 8 Vdc, IC = 0)
VEBO
100
nAdc
ON CHARACTERISTICS
DC Current Gain (Note 3),
(IC = 500 mAdc, VCE = 1 Vdc)
(IC = 2 Adc, VCE = 1 Vdc)
(IC = 5 Adc, VCE = 2 Vdc)
hFE
70
45
10
180
Collector−Emitter Saturation Voltage (Note 3)
(IC = 500 mAdc, IB = 50 mAdc)
(IC = 2 Adc, IB = 200 mAdc)
(IC = 5 Adc, IB = 1 Adc)
VCE(sat)
0.3
0.75
1.8
Vdc
Base−Emitter Saturation Voltage (Note 3), (IC = 5 Adc, IB = 1 Adc)
VBE(sat)
2.5
Vdc
Base−Emitter On Voltage (Note 3), (IC = 2 Adc, VCE = 1 Vdc)
VBE(on)
1.6
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain − Bandwidth Product (Note 4)
(IC = 100 mAdc, VCE = 10 Vdc, ftest = 10 MHz)
fT
65
MHz
Output Capacitance
MJD200
(VCB = 10 Vdc, IE = 0, f = 0.1 MHz)
MJD210
Cob
80
120
pF
3. Pulse Test: Pulse Width = 300 ms, Duty Cycle [ 2%.
4. fT = ⎪hfe⎪• ftest.
ORDERING INFORMATION
Device
Package Type
Shipping
MJD200G
DPAK
(Pb−Free)
75 Units / Rail
MJD200RLG
DPAK
(Pb−Free)
1800 / Tape & Reel
MJD200T4G
DPAK
(Pb−Free)
2500 / Tape & Reel
MJD210G
DPAK
(Pb−Free)
75 Units / Rail
MJD210RLG
DPAK
(Pb−Free)
1800 / Tape & Reel
MJD210T4
DPAK
2500 / Tape & Reel
MJD210T4G
DPAK
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MJD200

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD200 MOTOROLA-MJD200 Datasheet
236Kb / 6P
   SILICON POWER TRANSISTORS 5 AMPERES 25 VOLTS 12.5 WATTS
logo
ON Semiconductor
MJD200 ONSEMI-MJD200 Datasheet
236Kb / 6P
   Complementary Plastic Power Transistors
1995 REV 1
logo
Fairchild Semiconductor
MJD200 FAIRCHILD-MJD200 Datasheet
45Kb / 5P
   D-PAK for Surface Mount Applications
logo
ON Semiconductor
MJD200 ONSEMI-MJD200 Datasheet
87Kb / 6P
   Complementary Plastic Power Transistors
August, 2006 ??Rev. 8
MJD200 ONSEMI-MJD200 Datasheet
152Kb / 7P
   Complementary Plastic Power Transistors
September, 2013 ??Rev. 13
More results

Similar Description - MJD200

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD200 ONSEMI-MJD200_06 Datasheet
87Kb / 6P
   Complementary Plastic Power Transistors
August, 2006 ??Rev. 8
MJD200 ONSEMI-MJD200 Datasheet
236Kb / 6P
   Complementary Plastic Power Transistors
1995 REV 1
MJD200 ONSEMI-MJD200_13 Datasheet
152Kb / 7P
   Complementary Plastic Power Transistors
September, 2013 ??Rev. 13
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
   Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
MJD112 CDIL-MJD112 Datasheet
90Kb / 6P
   COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
CJD110 CDIL-CJD110 Datasheet
105Kb / 6P
   COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com