Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD3055 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MJD3055
Description  Complementary Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD3055 Datasheet(HTML) 1 Page - ON Semiconductor

  MJD3055 Datasheet HTML 1Page - ON Semiconductor MJD3055 Datasheet HTML 2Page - ON Semiconductor MJD3055 Datasheet HTML 3Page - ON Semiconductor MJD3055 Datasheet HTML 4Page - ON Semiconductor MJD3055 Datasheet HTML 5Page - ON Semiconductor MJD3055 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2011
January, 2011 − Rev. 10
1
Publication Order Number:
MJD2955/D
MJD2955 (PNP)
MJD3055 (NPN)
Complementary Power
Transistors
DPAK For Surface Mount Applications
Designed for general purpose amplifier and low speed switching
applications.
Features
Lead Formed for Surface Mount Applications in Plastic Sleeves
(No Suffix)
Straight Lead Version in Plastic Sleeves (“−1” Suffix)
Electrically Similar to MJE2955 and MJE3055
DC Current Gain Specified to 10 Amperes
High Current Gain−Bandwidth Product − fT = 2.0 MHz (Min) @ IC
= 500 mAdc
Epoxy Meets UL 94 V−0 @ 0.125 in
ESD Ratings: Human Body Model, 3B u 8000 V
Machine Model, C
u 400 V
These are Pb−Free Packages
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Collector−Emitter Voltage
VCEO
60
Vdc
Collector−Base Voltage
VCB
70
Vdc
Emitter−Base Voltage
VEB
5
Vdc
Collector Current
IC
10
Adc
Base Current
IB
6
Adc
Total Power Dissipation @ TC = 25°C
Derate above 25°C
PD{
20
0.16
W
W/°C
Total Power Dissipation (Note1)
@ TA = 25°C
Derate above 25°C
PD
1.75
0.014
W
W/°C
Operating and Storage Junction
Temperature Range
TJ, Tstg −55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
6.25
°C/W
Thermal Resistance, Junction−to−Ambient
(Note1)
RqJA
71.4
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
†Safe Area Curves are indicated by Figure 1. Both limits are applicable and must
be observed.
1. These ratings are applicable when surface mounted on the minimum pad
sizes recommended.
SILICON
POWER TRANSISTORS
10 AMPERES
60 VOLTS, 20 WATTS
DPAK−3
CASE 369D
STYLE 1
DPAK
CASE 369C
STYLE 1
MARKING
DIAGRAMS
1 2
3
4
AYWW
J
xx55G
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
1
2
3
4
AYWW
J
xx55G
http://onsemi.com
A
= Assembly Location
Y
= Year
WW
= Work Week
Jxx55 = Device Code
x = 29 or 30
G= Pb−Free Package


Similar Part No. - MJD3055

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD3055 ONSEMI-MJD3055 Datasheet
147Kb / 6P
   Complementary Power Transistors
1997 REV 2
logo
STMicroelectronics
MJD3055 STMICROELECTRONICS-MJD3055 Datasheet
91Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
MJD3055 FAIRCHILD-MJD3055 Datasheet
44Kb / 4P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
logo
STMicroelectronics
MJD3055 STMICROELECTRONICS-MJD3055 Datasheet
188Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
logo
ON Semiconductor
MJD3055 ONSEMI-MJD3055 Datasheet
78Kb / 6P
   Complementary Power Transistors DPAK For Surface Mount Applications
January, 2006 ??Rev. 8
More results

Similar Description - MJD3055

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJD2955 STMICROELECTRONICS-MJD2955_02 Datasheet
188Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
logo
ON Semiconductor
2N3773 ONSEMI-2N3773 Datasheet
205Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
1995 REV 7
MJD2955-1G ONSEMI-MJD2955-1G Datasheet
184Kb / 7P
   Complementary Power Transistors
February, 2012 ??Rev. 12
logo
STMicroelectronics
TIP2955 STMICROELECTRONICS-TIP2955_08 Datasheet
88Kb / 7P
   Complementary power transistors
logo
ON Semiconductor
MJD31 ONSEMI-MJD31_11 Datasheet
135Kb / 10P
   Complementary Power Transistors
February, 2011 ??Rev. 8
MJD31 ONSEMI-MJD31_16 Datasheet
100Kb / 10P
   Complementary Power Transistors
September, 2016 ??Rev. 16
MJD2955 ONSEMI-MJD2955_13 Datasheet
138Kb / 7P
   Complementary Power Transistors
August, 2013 ??Rev. 13
MJD44H11 ONSEMI-MJD44H11_V01 Datasheet
310Kb / 11P
   Complementary Power Transistors
August, 2021 ??Rev. 21
MJD2955 ONSEMI-MJD2955 Datasheet
147Kb / 6P
   Complementary Power Transistors
1997 REV 2
MJD31 ONSEMI-MJD31_05 Datasheet
81Kb / 8P
   Complementary Power Transistors
June, 2005 ??Rev. 6
logo
List of Unclassifed Man...
2N6109 ETC2-2N6109 Datasheet
365Kb / 6P
   Complementary Power Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com