Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE18008G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJE18008G
Description  NPN Bipolar Power Transistor For Switching Power Supply Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE18008G Datasheet(HTML) 3 Page - ON Semiconductor

  MJE18008G Datasheet HTML 1Page - ON Semiconductor MJE18008G Datasheet HTML 2Page - ON Semiconductor MJE18008G Datasheet HTML 3Page - ON Semiconductor MJE18008G Datasheet HTML 4Page - ON Semiconductor MJE18008G Datasheet HTML 5Page - ON Semiconductor MJE18008G Datasheet HTML 6Page - ON Semiconductor MJE18008G Datasheet HTML 7Page - ON Semiconductor MJE18008G Datasheet HTML 8Page - ON Semiconductor MJE18008G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MJE18008G, MJF18008G
http://onsemi.com
3
IC, COLLECTOR CURRENT (AMPS)
TJ = 125°C
0.01
100
IC, COLLECTOR CURRENT (AMPS)
Figure 1. DC Current Gain @ 1 Volt
Figure 2. DC Current Gain @ 5 Volts
Figure 3. Collector Saturation Region
Figure 4. Collector−Emitter Saturation Voltage
Figure 5. Base−Emitter Saturation Region
Figure 6. Capacitance
10
1
110
100
10
1
0.01
0.1
1
10
2
0.01
IB, BASE CURRENT (AMPS)
10
1
0.01
0.01
IC COLLECTOR CURRENT (AMPS)
0.1
1.3
1
0.8
0.4
0.01
IC, COLLECTOR CURRENT (AMPS)
0.1
1
10
1000
100
1
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
1
1000
1
0
0.1
110
10000
10
0.1
0.1
1
10
10
TJ = 25°C
TJ = -20°C
TJ = 125°C
TJ = 25°C
IC/IB = 10
IC/IB = 5
1.1
0.9
0.6
0.5
0.5
1.5
1.2
TJ = 25°C
3 A
5 A
8 A 10 A
TJ = 25°C
TJ = 125°C
TJ = 25°C
TJ = 125°C
IC/IB = 5
IC/IB = 10
TJ = -20°C
IC = 1 A
0.7
Cob
100
Cib
TYPICAL STATIC CHARACTERISTICS
VCE = 1 V
VCE = 5 V
TJ = 25°C
f = 1 MHz


Similar Part No. - MJE18008G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE18008G ONSEMI-MJE18008G Datasheet
145Kb / 10P
   Switch-mode NPN Bipolar Power Transistor
January, 2015 ??Rev. 10
More results

Similar Description - MJE18008G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE13007 UTC-MJE13007 Datasheet
170Kb / 6P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
logo
ON Semiconductor
MJE18004G ONSEMI-MJE18004G Datasheet
230Kb / 11P
   NPN Bipolar Power Transistor For Switching Power Supply Applications
April, 2010 ??Rev. 9
logo
Unisonic Technologies
MJE13007-P UTC-MJE13007-P Datasheet
265Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
MJE13007-Q UTC-MJE13007-Q Datasheet
266Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
MJE13007 UTC-MJE13007_10 Datasheet
316Kb / 6P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
MJE13007-M UTC-MJE13007-M Datasheet
357Kb / 6P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
logo
ON Semiconductor
MJE13007G ONSEMI-MJE13007G Datasheet
200Kb / 10P
   NPN Bipolar Power Transistor For Switching Power Supply Applications
April, 2010 ??Rev. 6
logo
Unisonic Technologies
MJE13007 UTC-MJE13007_13 Datasheet
385Kb / 6P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
logo
ON Semiconductor
MJE13007 ONSEMI-MJE13007 Datasheet
129Kb / 12P
   NPN Bipolar Power Transistor For Switching Power Supply Applications
May, 2001 ??Rev. 3
logo
Unisonic Technologies
MJE13007D UTC-MJE13007D Datasheet
374Kb / 6P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com