Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE18008 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJE18008
Description  NPN Bipolar Power Transistor For Switching Power Supply Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE18008 Datasheet(HTML) 2 Page - ON Semiconductor

  MJE18008 Datasheet HTML 1Page - ON Semiconductor MJE18008 Datasheet HTML 2Page - ON Semiconductor MJE18008 Datasheet HTML 3Page - ON Semiconductor MJE18008 Datasheet HTML 4Page - ON Semiconductor MJE18008 Datasheet HTML 5Page - ON Semiconductor MJE18008 Datasheet HTML 6Page - ON Semiconductor MJE18008 Datasheet HTML 7Page - ON Semiconductor MJE18008 Datasheet HTML 8Page - ON Semiconductor MJE18008 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MJE18008G, MJF18008G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise specified)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (IC = 100 mA, L = 25 mH)
VCEO(sus)
450
Vdc
Collector Cutoff Current (VCE = Rated VCEO, IB = 0)
ICEO
100
mAdc
Collector Cutoff Current (VCE = Rated VCES, VEB = 0)
(TC = 125_C)
Collector Cutoff Current (VCE = 800 V, VEB = 0)
(TC = 125_C)
ICES
100
500
100
mAdc
Emitter Cutoff Current (VEB = 9.0 Vdc, IC = 0)
IEBO
100
mAdc
ON CHARACTERISTICS
Base−Emitter Saturation Voltage (IC = 2.0 Adc, IB = 0.2 Adc)
Base−Emitter Saturation Voltage (IC = 4.5 Adc, IB = 0.9 Adc)
VBE(sat)
0.82
0.92
1.1
1.25
Vdc
Collector−Emitter Saturation Voltage
(IC = 2.0 Adc, IB = 0.2 Adc)
(TC = 125_C)
(IC = 4.5 Adc, IB = 0.9 Adc)
(TC = 125_C)
VCE(sat)
0.3
0.3
0.35
0.4
0.6
0.65
0.7
0.8
Vdc
DC Current Gain (IC = 1.0 Adc, VCE = 5.0 Vdc)
(TC = 125_C)
DC Current Gain (IC = 4.5 Adc, VCE = 1.0 Vdc)
(TC = 125_C)
DC Current Gain (IC = 2.0 Adc, VCE = 1.0 Vdc)
(TC = 125_C)
DC Current Gain (IC = 10 mAdc, VCE = 5.0 Vdc)
hFE
14
6.0
5.0
11
11
10
28
9.0
8.0
15
16
20
34
DYNAMIC CHARACTERISTICS
Current Gain Bandwidth (IC = 0.5 Adc, VCE = 10 Vdc, f = 1.0 MHz)
fT
13
MHz
Output Capacitance (VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cob
100
150
pF
Input Capacitance (VEB = 8.0 V)
Cib
1750
2500
pF
Dynamic Saturation Voltage:
Determined 1.0 ms and
3.0 ms respectively after
rising IB1 reaches 90% of
final IB1
(see Figure 18)
(IC = 2.0 Adc
IB1 = 200 mAdc
VCC = 300 V)
1.0 ms
(TC = 125°C)
VCE(dsat)
5.5
11.5
Vdc
3.0 ms
(TC = 125°C)
3.5
6.5
(IC = 5.0 Adc
IB1 = 1.0 Adc
VCC = 300 V)
1.0 ms
(TC = 125°C)
11.5
14.5
3.0 ms
(TC = 125°C)
2.4
9.0
SWITCHING CHARACTERISTICS: Resistive Load (D.C. v 10%, Pulse Width = 20 ms)
Turn−On Time
(IC = 2.0 Adc, IB1 = 0.2 Adc,
IB2 = 1.0 Adc, VCC = 300 V)
(TC = 125°C)
ton
200
190
300
ns
Turn−Off Time
(TC = 125°C)
toff
1.2
1.5
2.5
ms
Turn−On Time
(IC = 4.5 Adc, IB1 = 0.9 Adc,
IB2 = 2.25 Adc, VCC = 300 V)
(TC = 125°C)
ton
100
250
180
ns
Turn−Off Time
(TC = 125°C)
toff
1.6
2.0
2.5
ms
SWITCHING CHARACTERISTICS: Inductive Load (Vclamp = 300 V, VCC = 15 V, L = 200 mH)
Fall Time
(IC = 2.0 Adc, IB1 = 0.2 Adc,
IB2 = 1.0 Adc)
(TC = 125°C)
tfi
100
120
180
ns
Storage Time
(TC = 125°C)
tsi
1.5
1.9
2.75
ms
Crossover Time
(TC = 125°C)
tc
250
230
350
ns
Fall Time
(IC = 4.5 Adc, IB1 = 0.9 Adc,
IB2 = 2.25 Adc)
(TC = 125°C)
tfi
85
135
150
ns
Storage Time
(TC = 125°C)
tsi
2.0
2.6
3.2
ms
Crossover Time
(TC = 125°C)
tc
210
250
300
ns
3. Pulse Test: Pulse Width = 5.0 ms, Duty Cycle v 10%.
4. Proper strike and creepage distance must be provided.


Similar Part No. - MJE18008

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE18008 MOTOROLA-MJE18008 Datasheet
421Kb / 10P
   POWER TRANSISTOR 8.0 AMPERES 1000 VOLTS 45 and 125 WATTS
logo
ON Semiconductor
MJE18008 ONSEMI-MJE18008 Datasheet
421Kb / 10P
   POWER TRANSISTOR
1995 REV 1
logo
Savantic, Inc.
MJE18008 SAVANTIC-MJE18008 Datasheet
101Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
MJE18008 JMNIC-MJE18008 Datasheet
100Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
MJE18008 ISC-MJE18008 Datasheet
133Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - MJE18008

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE13007 UTC-MJE13007 Datasheet
170Kb / 6P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
logo
ON Semiconductor
MJE18004G ONSEMI-MJE18004G Datasheet
230Kb / 11P
   NPN Bipolar Power Transistor For Switching Power Supply Applications
April, 2010 ??Rev. 9
logo
Unisonic Technologies
MJE13007-P UTC-MJE13007-P Datasheet
265Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
MJE13007-Q UTC-MJE13007-Q Datasheet
266Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
MJE13007 UTC-MJE13007_10 Datasheet
316Kb / 6P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
MJE13007-M UTC-MJE13007-M Datasheet
357Kb / 6P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
logo
ON Semiconductor
MJE13007G ONSEMI-MJE13007G Datasheet
200Kb / 10P
   NPN Bipolar Power Transistor For Switching Power Supply Applications
April, 2010 ??Rev. 6
logo
Unisonic Technologies
MJE13007 UTC-MJE13007_13 Datasheet
385Kb / 6P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
logo
ON Semiconductor
MJE13007 ONSEMI-MJE13007 Datasheet
129Kb / 12P
   NPN Bipolar Power Transistor For Switching Power Supply Applications
May, 2001 ??Rev. 3
logo
Unisonic Technologies
MJE13007D UTC-MJE13007D Datasheet
374Kb / 6P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com