Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-2381MW-D21G Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPS-2381MW-D21G
Description  80km / DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-2381MW-D21G Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPS-2381MW-D21G Datasheet HTML 1Page - Optoway Technology Inc SPS-2381MW-D21G Datasheet HTML 2Page - Optoway Technology Inc SPS-2381MW-D21G Datasheet HTML 3Page - Optoway Technology Inc SPS-2381MW-D21G Datasheet HTML 4Page - Optoway Technology Inc SPS-2381MW-D21G Datasheet HTML 5Page - Optoway Technology Inc SPS-2381MW-D21G Datasheet HTML 6Page - Optoway Technology Inc SPS-2381MW-D21G Datasheet HTML 7Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ptoway
SPS-2381MW-DXXG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
7/1/2010 V1.0
1
SPS-2381MW-DXXG
(RoHS Compliant)
80km / DWDM / 10G Multirate Digital Diagnostic LC SFP+ SINGLE-MODE TRANSCEIVER
***********************************************************************************************************************************************************************
FEATURES
l Support 9.95 Gbps to 11.1Gbps
l Complaint to SFP+ MSA
l Compliant to IEEE 802.3ae 10GBASE-ZR
l Compliant with OC-192 / SDH STM LR2
l Maximum Link Length of 80 km
l Temperature-stabilized DWDM EML Transmitter
l 23 dB Power Budget at Least
l 100 GHz ITU Grid, C Band
l SFF-8472 Digital Diagnostic Function
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS 6/6 Compliant
l 0 to 70oC Operating
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l 10Gb/s SONET/SDH ITU-T G.959.1 P1L1-2D2
l 10Gb/s SONET/SDH ITU-T G.709
l 10 Gb/s OC-192 / STM-64 LR2
l 10GBASE-ZR/ZW
l 80 km 10G Fibre Channel
l 10G Ethernet with FEC
DESCRIPTION
The SPS-2381MW-DXXG series single mode transceiver
is small form factor pluggable module for bi-directional
serial optical data communications such as SONET OC-192
/ SDH STM-64, 10G Ethernet 10GBASE-ER/EW and 10G
Fibre Channel. It is with the SFP 20-pin connector to allow
hot plug capability. Digital diagnostic functions are
available via an I
2C. This module is designed for single
mode fiber and operates at a nominal wavelength of
100GHz ITU Grid, C Band DWDM wavelength. A
guaranteed minimum optical link budget of
23 dB is
offered.
The
transmitter
section
uses
temperature-stabilized DWDM electrical-modulated laser
(EML) and is a class 1 laser compliant according to
International Safety Standard IEC-60825. The receiver
section uses an integrated InGaAs avalanche photodiode
preamplifier mounted in an optical header and a limiting
post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.


Similar Part No. - SPS-2381MW-D21G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2381MW-D21G OPTOWAY-SPS-2381MW-D21G Datasheet
202Kb / 7P
   80km / 100GHz DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2381MW-D21G OPTOWAY-SPS-2381MW-D21G_11 Datasheet
202Kb / 7P
   80km / 100GHz DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-2381MW-D21G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2381MW-D21G OPTOWAY-SPS-2381MW-D21G_11 Datasheet
202Kb / 7P
   80km / 100GHz DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341MW-DXXG OPTOWAY-SPS-2341MW-DXXG Datasheet
200Kb / 7P
   40km / DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2385MW-D200G OPTOWAY-SPS-2385MW-D200G_12 Datasheet
207Kb / 8P
   80km / 50GHz DWDM / 10G Multirate Digital Diagnostic LC
SPS-2341MW-D21G OPTOWAY-SPS-2341MW-D21G_11 Datasheet
201Kb / 7P
   40km / 100GHz DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2385MW_2015 OPTOWAY-SPS-2385MW_2015 Datasheet
207Kb / 8P
   10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341MW-DXXG_2015 OPTOWAY-SPS-2341MW-DXXG_2015 Datasheet
201Kb / 7P
   10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2381MW_2015 OPTOWAY-SPS-2381MW_2015 Datasheet
202Kb / 7P
   10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2381MW OPTOWAY-SPS-2381MW_15 Datasheet
202Kb / 7P
   10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2385MW OPTOWAY-SPS-2385MW_15 Datasheet
207Kb / 8P
   10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2340MWG OPTOWAY-SPS-2340MWG_15 Datasheet
235Kb / 5P
   10G Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com