Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJF6388 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJF6388
Description  Complementary Power Darlingtons
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJF6388 Datasheet(HTML) 2 Page - ON Semiconductor

  MJF6388_08 Datasheet HTML 1Page - ON Semiconductor MJF6388_08 Datasheet HTML 2Page - ON Semiconductor MJF6388_08 Datasheet HTML 3Page - ON Semiconductor MJF6388_08 Datasheet HTML 4Page - ON Semiconductor MJF6388_08 Datasheet HTML 5Page - ON Semiconductor MJF6388_08 Datasheet HTML 6Page - ON Semiconductor MJF6388_08 Datasheet HTML 7Page - ON Semiconductor MJF6388_08 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MJF6388 (NPN), MJF6668 (PNP)
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 4)
(IC = 30 mAdc, IB = 0)
VCEO(sus)
100
Vdc
Collector Cutoff Current
(VCE = 80 Vdc, IB = 0)
ICEO
10
mAdc
Collector Cutoff Current (VCE = 100 Vdc, VEB(off) = 1.5 Vdc)
Collector Cutoff Current (VCE = 100 Vdc, VEB(off) = 1.5 Vdc, TC = 125_C)
ICEX
10
3.0
mAdc
mAdc
Collector Cutoff Current
(VCB = 100 Vdc, IE = 0)
ICBO
10
mAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
2.0
mAdc
ON CHARACTERISTICS (Note 4)
DC Current Gain (IC = 3.0 Adc, VCE = 4.0 Vdc)
DC Current Gain (IC = 5.0 Adc, VCE = 3.0 Vdc)
DC Current Gain (IC = 8.0 Adc, VCE = 4.0 Vdc)
DC Current Gain (IC = 10 Adc, VCE = 3.0 Vdc)
hFE
3000
1000
200
100
15000
Collector−Emitter Saturation Voltage (IC = 3.0 Adc, IB = 6.0 mAdc)
Collector−Emitter Saturation Voltage (IC = 5.0 Adc, IB = 0.01 Adc)
Collector−Emitter Saturation Voltage (IC = 8.0 Adc, IB = 80 mAdc)
Collector−Emitter Saturation Voltage (IC = 10 Adc, IB = 0.1 Adc)
VCE(sat)
2.0
2.0
2.5
3.0
Vdc
Base−Emitter Saturation Voltage (IC = 5.0 Adc, IB = 0.01 Adc)
Base−Emitter Saturation Voltage (IC = 10 Adc, IB = 0.1 Adc)
VBE(sat)
2.8
4.5
Vdc
Base−Emitter On Voltage
(IC = 8.0 Adc, VCE = 4.0 Vdc)
VBE(on)
2.5
Vdc
DYNAMIC CHARACTERISTICS
Small−Signal Current Gain
(IC = 1.0 Adc, VCE = 5.0 Vdc, ftest = 1.0 MHz)
|hfe|
20
Output Capacitance (VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
MJF6388
MJF6668
Cob
200
300
pF
Insulation Capacitance
(Collector−to−External Heatsink)
Cc−hs
3.0 Typ
pF
Small−Signal Current Gain
(IC = 1.0 Adc, VCE = 5.0 Vdc, f = 1.0 kHz)
hfe
1000
4. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2.0%.
BASE
EMITTER
COLLECTOR
≈ 8 k
≈ 120
BASE
EMITTER
COLLECTOR
≈ 8 k
≈ 120
NPN
MJF6388
PNP
MJF6668
Figure 1. Darlington Schematic


Similar Part No. - MJF6388_08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJF6388 ONSEMI-MJF6388_06 Datasheet
159Kb / 8P
   COMPLEMENTARY SILICON POWER DARLINGTONS 10 AMPERES 100 VOLTS, 40 WATTS
April, 2006 ??Rev. 8
More results

Similar Description - MJF6388_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD335 STMICROELECTRONICS-BD335 Datasheet
321Kb / 4P
   COMPLEMENTARY POWER DARLINGTONS
logo
Comset Semiconductor
MJ1000 COMSET-MJ1000_12 Datasheet
78Kb / 3P
   COMPLEMENTARY POWER DARLINGTONS
MJ900 COMSET-MJ900_12 Datasheet
78Kb / 3P
   COMPLEMENTARY POWER DARLINGTONS
logo
New Jersey Semi-Conduct...
MJF127 NJSEMI-MJF127 Datasheet
99Kb / 2P
   Complementary Power Darlingtons
logo
ON Semiconductor
MJF6388 ONSEMI-MJF6388_13 Datasheet
196Kb / 8P
   Complementary Power Darlingtons
September, 2013 ??Rev. 11
logo
New Jersey Semi-Conduct...
MJ900 NJSEMI-MJ900 Datasheet
115Kb / 4P
   COMPLEMENTARY POWER DARLINGTONS
logo
Comset Semiconductor
MJ3000 COMSET-MJ3000 Datasheet
78Kb / 3P
   COMPLEMENTARY POWER DARLINGTONS
MJ900 COMSET-MJ900 Datasheet
175Kb / 4P
   COMPLEMENTARY POWER DARLINGTONS
MJ2500 COMSET-MJ2500 Datasheet
174Kb / 3P
   COMPLEMENTARY POWER DARLINGTONS
MJ2500 COMSET-MJ2500_12 Datasheet
78Kb / 3P
   COMPLEMENTARY POWER DARLINGTONS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com