Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJF15031G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJF15031G
Description  Complementary Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJF15031G Datasheet(HTML) 2 Page - ON Semiconductor

  MJF15031G Datasheet HTML 1Page - ON Semiconductor MJF15031G Datasheet HTML 2Page - ON Semiconductor MJF15031G Datasheet HTML 3Page - ON Semiconductor MJF15031G Datasheet HTML 4Page - ON Semiconductor MJF15031G Datasheet HTML 5Page - ON Semiconductor MJF15031G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MJF15030 (NPN), MJF15031 (PNP)
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 3)
(IC = 10 mAdc, IB = 0)
VCEO(sus)
150
Vdc
Collector Cutoff Current
(VCE = 150 Vdc, IB = 0)
ICEO
10
mAdc
Collector Cutoff Current
(VCB = 150 Vdc, IE = 0)
ICBO
10
mAdc
Emitter Cutoff Current
(VBE = 5 Vdc, IC = 0)
IEBO
10
mAdc
ON CHARACTERISTICS (Note 3)
DC Current Gain (IC = 0.1 Adc, VCE = 2 Vdc)
(IC = 2 Adc, VCE = 2 Vdc)
(IC = 3 Adc, VCE = 2 Vdc)
(IC = 4 Adc, VCE = 2 Vdc)
hFE
40
40
40
20
Typ
DC Current Gain Linearity
(VCE from 2 V to 20 V, IC from 0.1 A to 3 A) (NPN to PNP)
hFE
2
3
Collector−Emitter Saturation Voltage
(IC = 1 Adc, IB = 0.1 Adc)
VCE(sat)
0.5
Vdc
Base−Emitter On Voltage
(IC = 1 Adc, VCE = 2 Vdc)
VBE(on)
1
Vdc
DYNAMIC CHARACTERISTICS
Current Gain − Bandwidth Product (Note 4)
(IC = 500 mAdc, VCE = 10 Vdc, ftest = 10 MHz)
fT
30
MHz
3. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2%.
4. fT = ⎪hfe⎪• ftest.
t, TIME (ms)
1
0.01
0.3
0.2
0.1
0.05
0.02
0.5
10
30
50
100
300
500
1K
3K
5K
SINGLE PULSE
RqJC(t) = r(t) RqJC
TJ(pk) - TC = P(pk) RqJC(t)
15
3
10K
0.5
0.3
0.03
0.1
0.2
20
200
2K
2
Figure 1. Thermal Response


Similar Part No. - MJF15031G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJF15031G ONSEMI-MJF15031G Datasheet
143Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS, 36 WATTS
April, 2006 ??Rev. 5
MJF15031G ONSEMI-MJF15031G Datasheet
134Kb / 6P
   Complementary Power Transistors
September, 2013 ??Rev. 8
More results

Similar Description - MJF15031G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJD2955 STMICROELECTRONICS-MJD2955_02 Datasheet
188Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
logo
ON Semiconductor
2N3773 ONSEMI-2N3773 Datasheet
205Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
1995 REV 7
MJD2955-1G ONSEMI-MJD2955-1G Datasheet
184Kb / 7P
   Complementary Power Transistors
February, 2012 ??Rev. 12
logo
STMicroelectronics
TIP2955 STMICROELECTRONICS-TIP2955_08 Datasheet
88Kb / 7P
   Complementary power transistors
logo
ON Semiconductor
MJD31 ONSEMI-MJD31_11 Datasheet
135Kb / 10P
   Complementary Power Transistors
February, 2011 ??Rev. 8
MJD31 ONSEMI-MJD31_16 Datasheet
100Kb / 10P
   Complementary Power Transistors
September, 2016 ??Rev. 16
MJD2955 ONSEMI-MJD2955_13 Datasheet
138Kb / 7P
   Complementary Power Transistors
August, 2013 ??Rev. 13
MJD44H11 ONSEMI-MJD44H11_V01 Datasheet
310Kb / 11P
   Complementary Power Transistors
August, 2021 ??Rev. 21
MJD2955 ONSEMI-MJD2955 Datasheet
147Kb / 6P
   Complementary Power Transistors
1997 REV 2
MJD31 ONSEMI-MJD31_05 Datasheet
81Kb / 8P
   Complementary Power Transistors
June, 2005 ??Rev. 6
logo
List of Unclassifed Man...
2N6109 ETC2-2N6109 Datasheet
365Kb / 6P
   Complementary Power Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com