Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT2131T1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBT2131T1G
Description  General Purpose Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT2131T1G Datasheet(HTML) 2 Page - ON Semiconductor

  MMBT2131T1G Datasheet HTML 1Page - ON Semiconductor MMBT2131T1G Datasheet HTML 2Page - ON Semiconductor MMBT2131T1G Datasheet HTML 3Page - ON Semiconductor MMBT2131T1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBT2131T1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector −Base Breakdown Voltage
(IC = 100 mA)
V(BR)CBO
40
V
Collector −Emitter Breakdown Voltage
(IC = 10 mA)
V(BR)CEO
30
V
Emitter−Base Breakdown Voltage
(IE = 100 mA)
V(BR)EBO
5.0
V
Collector Cutoff Current
(VCB = 25 V, IE = 0 A)
(VCB = 25 V, IE = 0 A, TA = 125°C)
ICBO
1.0
10
mA
Emitter Cutoff Current
(VEB = 5.0 V, IC = 0 A)
IEBO
10
mA
ON CHARACTERISTICS
DC Current Gain
(VCE = 3.0 V, IC = 100 mA)
hFE
150
V
Collector −Emitter Saturation Voltage
(IC = 500 mA, IB = 50 mA)
VCE(sat)
0.25
V
Collector −Emitter Saturation Voltage
(IC = 700 mA, IB = 70 mA)
VCE(sat)
0.4
V
Base−Emitter Saturation Voltage
(IC = 700 mA, IB = 70 mA)
VBE(sat)
1.1
V
Collector−Emitter Saturation Voltage
(IC = 700 mA, VCE = 1.0 V)
VBE(on)
1.0
V
Figure 1. Collector Saturation Region
Figure 2. Collector Saturation Region
Figure 3. DC Current Gain
Figure 4. “ON” Voltages
0.1
0.000001
IB, BASE CURRENT (A)
0.5
0.4
0.2
0.3
1.0
0.01
IC, COLLECTOR CURRENT (A)
1000
100
IC, COLLECTOR CURRENT (A)
0.001
1.0
0.1
0.01
0.01
0.1
0
0.0001
0.001
0.01
0.1
0.1
1.0
IC = 1.0 mA
0.7 A
0.00001
0.1
0.000001
IB, BASE CURRENT (A)
0.2
0.15
0.1
0.05
0
0.0001
0.001
0.01
IC = 1.0 mA
0.5 A
0.00001
VCE = 3.0 V
10 mA
0.1 A
0.5 A
10 mA
0.1 A
−40°C
150°C
25°C
VBE(sat)
VCE(sat)
IC/IB = 10


Similar Part No. - MMBT2131T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1 Datasheet
115Kb / 4P
   General Purpose Transistors
More results

Similar Description - MMBT2131T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com