Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT2907ALT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMBT2907ALT1G
Description  General Purpose Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT2907ALT1G Datasheet(HTML) 3 Page - ON Semiconductor

  MMBT2907ALT1G Datasheet HTML 1Page - ON Semiconductor MMBT2907ALT1G Datasheet HTML 2Page - ON Semiconductor MMBT2907ALT1G Datasheet HTML 3Page - ON Semiconductor MMBT2907ALT1G Datasheet HTML 4Page - ON Semiconductor MMBT2907ALT1G Datasheet HTML 5Page - ON Semiconductor MMBT2907ALT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMBT2907ALT1G
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 3. DC Current Gain
IC, COLLECTOR CURRENT (mA)
100
1000
10
1.0
TJ = 150°C
25
°C
-55
°C
10
100
1000
VCE = 10 V
Figure 4. Collector Saturation Region
IB, BASE CURRENT (mA)
-0.4
-0.6
-0.8
-1.0
-0.2
0
IC = -1.0 mA
-0.005
-10 mA
-0.01
-100 mA
-500 mA
-0.02 -0.03 -0.05 -0.07 -0.1
-0.2
-0.3
-0.5 -0.7 -1.0
-2.0
-3.0
-5.0 -7.0 -10
-20
-30
-50
Figure 5. Turn−On Time
IC, COLLECTOR CURRENT
300
-5.0
Figure 6. Turn−Off Time
IC, COLLECTOR CURRENT (mA)
-5.0
200
100
70
50
30
20
10
7.0
5.0
3.0
-7.0 -10
-20 -30
-50 -70 -100
-200 -300
-500
tr
2.0 V
td @ VBE(off) = 0 V
VCC = -30 V
IC/IB = 10
TJ = 25°C
500
300
100
70
50
30
20
10
7.0
5.0
-7.0 -10
-20 -30
-50 -70 -100
-200 -300 -500
200
tf
t
s = ts - 1/8 tf
VCC = -30 V
IC/IB = 10
IB1 = IB2
TJ = 25°C


Similar Part No. - MMBT2907ALT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT2907ALT1G ONSEMI-MMBT2907ALT1G Datasheet
118Kb / 6P
   General Purpose Transistors
December, 2004 ??Rev. 4
MMBT2907ALT1G ONSEMI-MMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
MMBT2907ALT1G ONSEMI-MMBT2907ALT1G Datasheet
86Kb / 6P
   General Purpose Transistors
October, 2016 ??Rev. 15
More results

Similar Description - MMBT2907ALT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com