Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT3904TT1 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MMBT3904TT1
Description  General Purpose Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT3904TT1 Datasheet(HTML) 5 Page - ON Semiconductor

  MMBT3904TT1 Datasheet HTML 1Page - ON Semiconductor MMBT3904TT1 Datasheet HTML 2Page - ON Semiconductor MMBT3904TT1 Datasheet HTML 3Page - ON Semiconductor MMBT3904TT1 Datasheet HTML 4Page - ON Semiconductor MMBT3904TT1 Datasheet HTML 5Page - ON Semiconductor MMBT3904TT1 Datasheet HTML 6Page - ON Semiconductor MMBT3904TT1 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MMBT3904TT1
http://onsemi.com
5
h PARAMETERS
(VCE = 10 Vdc, f = 1.0 kHz, TA = 25°C)
Figure 12. Current Gain
IC, COLLECTOR CURRENT (mA)
70
100
200
300
50
Figure 13. Output Admittance
IC, COLLECTOR CURRENT (mA)
Figure 14. Input Impedance
IC, COLLECTOR CURRENT (mA)
Figure 15. Voltage Feedback Ratio
IC, COLLECTOR CURRENT (mA)
30
100
50
5
10
20
2.0
3.0
5.0
7.0
10
1.0
0.1
0.2
1.0
2.0
5.0
0.5
10
0.3
0.5
3.0
0.7
2.0
5.0
10
20
1.0
0.2
0.5
0.1
0.2
1.0
2.0
5.0
10
0.3
0.5
3.0
0.1
0.2
1.0
2.0
5.0
10
0.3
0.5
3.0
2
1
0.1
0.2
1.0
2.0
5.0
10
0.3
0.5
3.0
TYPICAL STATIC CHARACTERISTICS
Figure 16. DC Current Gain
IC, COLLECTOR CURRENT (mA)
0.3
0.5
0.7
1.0
2.0
0.2
0.1
0.5
2.0
3.0
10
50
70
0.2
0.3
0.1
100
1.0
0.7
200
30
20
5.0
7.0
VCE = 1.0 V
TJ = +125°C
+25
°C
-55
°C
MMBT3904WT1


Similar Part No. - MMBT3904TT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT3904TT1 ONSEMI-MMBT3904TT1 Datasheet
128Kb / 12P
   General Purpose Transistors
October, 2001 ??Rev. 1
logo
WILLAS ELECTRONIC CORP
MMBT3904TT1 WILLAS-MMBT3904TT1 Datasheet
388Kb / 7P
   General Purpose Transistors
logo
Texas Instruments
MMBT3904TT1G TI1-MMBT3904TT1G Datasheet
3Mb / 49P
[Old version datasheet]   Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
logo
ON Semiconductor
MMBT3904TT1G ONSEMI-MMBT3904TT1G Datasheet
136Kb / 7P
   General Purpose Transistors
November, 2011 ??Rev. 5
More results

Similar Description - MMBT3904TT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com