Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT5087LT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MMBT5087LT1G
Description  Low Noise Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT5087LT1G Datasheet(HTML) 4 Page - ON Semiconductor

  MMBT5087LT1G Datasheet HTML 1Page - ON Semiconductor MMBT5087LT1G Datasheet HTML 2Page - ON Semiconductor MMBT5087LT1G Datasheet HTML 3Page - ON Semiconductor MMBT5087LT1G Datasheet HTML 4Page - ON Semiconductor MMBT5087LT1G Datasheet HTML 5Page - ON Semiconductor MMBT5087LT1G Datasheet HTML 6Page - ON Semiconductor MMBT5087LT1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MMBT5087LT1G
http://onsemi.com
4
TYPICAL STATIC CHARACTERISTICS
Figure 6. Collector Saturation Region
IC, COLLECTOR CURRENT (mA)
1.4
Figure 7. Collector Characteristics
IC, COLLECTOR CURRENT (mA)
1.0
2.0
5.0
10
20
50
1.6
100
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = 1.0 V
*
qVC for VCE(sat)
qVB for VBE
0.1
0.2
0.5
Figure 8. “On” Voltages
IB, BASE CURRENT (mA)
0.4
0.6
0.8
1.0
0.2
0
0.002
TA = 25°C
IC = 1.0 mA
10 mA
100 mA
Figure 9. Temperature Coefficients
50 mA
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
40
60
80
100
20
0
0
TA = 25°C
PULSE WIDTH = 300
ms
DUTY CYCLE
≤ 2.0%
IB = 400 mA
350
mA
300
mA
250
mA
200
mA
*APPLIES for IC/IB ≤ hFE/2
25
°C to 125°C
-55
°C to 25°C
25
°C to 125°C
-55
°C to 25°C
0.005 0.01 0.02 0.05 0.1 0.2
0.5
1.0 2.0
5.0 10
20
5.0
10
15
20
25
30
35
40
1.2
1.0
0.8
0.6
0.4
0.2
0
2.4
0.8
0
1.6
0.8
1.0
2.0
5.0
10
20
50
100
0.1
0.2
0.5
150
mA
100
mA
50
mA


Similar Part No. - MMBT5087LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT5087LT1G ONSEMI-MMBT5087LT1G Datasheet
234Kb / 7P
   Low Noise Transistor
October, 2016 ??Rev. 6
More results

Similar Description - MMBT5087LT1G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBT2484LT1 MOTOROLA-MMBT2484LT1 Datasheet
291Kb / 6P
   Low Noise Transistor
logo
ON Semiconductor
MMBT2484LT1G ONSEMI-MMBT2484LT1G Datasheet
196Kb / 5P
   Low Noise Transistor
August, 2009 ??Rev. 4
logo
Yea Shin Technology Co....
MMBT5087 YEASHIN-MMBT5087 Datasheet
836Kb / 7P
   Low Noise Transistor
logo
ON Semiconductor
MMBT2484LT1G ONSEMI-MMBT2484LT1G_16 Datasheet
227Kb / 5P
   Low Noise Transistor
October, 2016 ??Rev. 5
MMBT5087LT1 ONSEMI-MMBT5087LT1 Datasheet
406Kb / 8P
   Low Noise Transistor
logo
Leshan Radio Company
LMBT5087LT1 LRC-LMBT5087LT1 Datasheet
144Kb / 6P
   Low Noise Transistor
logo
ON Semiconductor
MMBT5087L ONSEMI-MMBT5087L Datasheet
234Kb / 7P
   Low Noise Transistor
October, 2016 ??Rev. 6
logo
Fairchild Semiconductor
KST5088MTF FAIRCHILD-KST5088MTF Datasheet
62Kb / 5P
   Low Noise Transistor
KST5087MTF FAIRCHILD-KST5087MTF Datasheet
63Kb / 4P
   Low Noise Transistor
KST5088 FAIRCHILD-KST5088 Datasheet
56Kb / 5P
   Low Noise Transistor
logo
Motorola, Inc
MMBT5087LT1 MOTOROLA-MMBT5087LT1 Datasheet
406Kb / 8P
   Low Noise Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com