Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT6520LT3G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MMBT6520LT3G
Description  High Voltage Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT6520LT3G Datasheet(HTML) 4 Page - ON Semiconductor

  MMBT6520LT3G Datasheet HTML 1Page - ON Semiconductor MMBT6520LT3G Datasheet HTML 2Page - ON Semiconductor MMBT6520LT3G Datasheet HTML 3Page - ON Semiconductor MMBT6520LT3G Datasheet HTML 4Page - ON Semiconductor MMBT6520LT3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MMBT6520LT1G
http://onsemi.com
4
Figure 7. Turn−Off Time
IC, COLLECTOR CURRENT (mA)
100
1.0
2.0 3.0
5.0 7.0
10
20
30
50
70
10k
100
200
300
500
700
1.0k
2.0k
3.0k
5.0k
7.0k
VCE(off) = 100 V
IC/IB = 5.0
IB1 = IB2
TJ = 25°C
ts
tf
Figure 8. Safe Operating Area
VCE, COLLECTOR−EMITTER VOLTAGE (V)
1000
10
1
0.001
0.01
0.1
10 ms
1
100
0.01
0.02
0.03
0.05
0.07
0.1
0.2
0.3
0.5
0.7
1.0
10k
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
500
1.0k
2.0k
5.0k
t, TIME (ms)
Figure 9. Thermal Response
D = 0.5
0.2
0.1
0.05
SINGLE PULSE
SINGLE PULSE
ZqJC(t) = r(t) • RqJC
ZqJA(t) = r(t) • RqJA
RqJC(t) = r(t) RqJC
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) RqJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
Figure 10. Switching Time Test Circuit
+10.8 V
-9.2 V
+VCC
2.2 k
20 k
50
50
W SAMPLING SCOPE
1/2MSD7000
1.0 k
VCC ADJUSTED
FOR VCE(off) = 100 V
APPROXIMATELY
-1.35 V
(ADJUST FOR V(BE)off = 2.0 V)
PULSE WIDTH
≈ 100
ms
tr, tf ≤ 5.0 ns
DUTY CYCLE
≤ 1.0%
FOR PNP TEST CIRCUIT,
REVERSE ALL VOLTAGE POLARITIES
1.0 s


Similar Part No. - MMBT6520LT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT6520LT3G ONSEMI-MMBT6520LT3G Datasheet
141Kb / 5P
   High Voltage Transistor
October, 2016 ??Rev. 7
More results

Similar Description - MMBT6520LT3G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA94 UTC-MPSA94 Datasheet
173Kb / 3P
   HIGH VOLTAGE TRANSISTOR
MJE3055T UTC-MJE3055T Datasheet
42Kb / 2P
   HIGH VOLTAGE TRANSISTOR
MJE2955T UTC-MJE2955T Datasheet
93Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Continental Device Indi...
CMBT5400 CDIL-CMBT5400 Datasheet
105Kb / 3P
   HIGH VOLTAGE TRANSISTOR
logo
Fairchild Semiconductor
KSP42BU FAIRCHILD-KSP42BU Datasheet
42Kb / 4P
   High Voltage Transistor
KSP92BU FAIRCHILD-KSP92BU Datasheet
69Kb / 4P
   High Voltage Transistor
logo
Unisonic Technologies
MJE3055T UTC-MJE3055T_09 Datasheet
119Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
PZTA96S KEXIN-PZTA96S Datasheet
38Kb / 1P
   High Voltage Transistor
logo
Unisonic Technologies
MPSA94 UTC-MPSA94_11 Datasheet
140Kb / 3P
   HIGH VOLTAGE TRANSISTOR
PZTA92 UTC-PZTA92_12 Datasheet
146Kb / 4P
   HIGH VOLTAGE TRANSISTOR
logo
Pan Jit International I...
MMBT5401 PANJIT-MMBT5401 Datasheet
315Kb / 5P
   HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com