Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA42LT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MMBTA42LT1G
Description  High Voltage Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBTA42LT1G Datasheet(HTML) 4 Page - ON Semiconductor

  MMBTA42LT1G Datasheet HTML 1Page - ON Semiconductor MMBTA42LT1G Datasheet HTML 2Page - ON Semiconductor MMBTA42LT1G Datasheet HTML 3Page - ON Semiconductor MMBTA42LT1G Datasheet HTML 4Page - ON Semiconductor MMBTA42LT1G Datasheet HTML 5Page - ON Semiconductor MMBTA42LT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MMBTA42LT1G, MMBTA43LT1G
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 7. Current−Gain — Bandwidth Product
IC, COLLECTOR CURRENT (mA)
10
1
10
100
100
VCE = 20 V
TJ = 25°C


Similar Part No. - MMBTA42LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBTA42LT1G ONSEMI-MMBTA42LT1G Datasheet
54Kb / 4P
   High Voltage Transistors
November, 2003 ??Rev. 5
MMBTA42LT1G ONSEMI-MMBTA42LT1G Datasheet
112Kb / 5P
   High Voltage Transistors
July, 2010 ??Rev. 9
logo
ATMEL Corporation
MMBTA42LT1G ATMEL-MMBTA42LT1G Datasheet
857Kb / 38P
   AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
logo
ON Semiconductor
MMBTA42LT1G ONSEMI-MMBTA42LT1G Datasheet
127Kb / 5P
   High Voltage Transistors
October, 2016 ??Rev. 13
MMBTA42LT1G ONSEMI-MMBTA42LT1G_10 Datasheet
112Kb / 5P
   High Voltage Transistors
July, 2010 ??Rev. 9
More results

Similar Description - MMBTA42LT1G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA42 MOTOROLA-MPSA42 Datasheet
121Kb / 4P
   High Voltage Transistors
logo
Leshan Radio Company
LMBT6517LT1G LRC-LMBT6517LT1G_15 Datasheet
253Kb / 6P
   High Voltage Transistors
logo
ON Semiconductor
MMBTA92L ONSEMI-MMBTA92L Datasheet
103Kb / 4P
   High Voltage Transistors
October, 2016 ??Rev. 11
logo
Leshan Radio Company
LMBT5550LT1 LRC-LMBT5550LT1 Datasheet
114Kb / 5P
   High Voltage Transistors
logo
List of Unclassifed Man...
2SC507 ETC1-2SC507 Datasheet
79Kb / 1P
   High Voltage Transistors
logo
Guangdong Kexin Industr...
MMBT5550 KEXIN-MMBT5550 Datasheet
43Kb / 2P
   High Voltage Transistors
logo
Zowie Technology Corpor...
MMBT5550G ZOWIE-MMBT5550G Datasheet
218Kb / 4P
   High Voltage Transistors
logo
ON Semiconductor
BSP16T1G ONSEMI-BSP16T1G Datasheet
118Kb / 3P
   High Voltage Transistors
September, 2010 -- Rev. 7
logo
Motorola, Inc
BC450 MOTOROLA-BC450 Datasheet
243Kb / 6P
   High Voltage Transistors
MMBT5550LT1 MOTOROLA-MMBT5550LT1 Datasheet
199Kb / 6P
   High Voltage Transistors
logo
ON Semiconductor
MMBTA42L ONSEMI-MMBTA42L Datasheet
95Kb / 6P
   High Voltage Transistors
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com