Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS2222RLRP Datasheet(PDF) 5 Page - ON Semiconductor

Part # MPS2222RLRP
Description  General Purpose Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS2222RLRP Datasheet(HTML) 5 Page - ON Semiconductor

  MPS2222RLRP Datasheet HTML 1Page - ON Semiconductor MPS2222RLRP Datasheet HTML 2Page - ON Semiconductor MPS2222RLRP Datasheet HTML 3Page - ON Semiconductor MPS2222RLRP Datasheet HTML 4Page - ON Semiconductor MPS2222RLRP Datasheet HTML 5Page - ON Semiconductor MPS2222RLRP Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MPS2222, MPS2222A
http://onsemi.com
5
Figure 9. Capacitances
REVERSE VOLTAGE (VOLTS)
3.0
5.0
7.0
10
2.0
0.1
1.0
2.0 3.0 5.0 7.0 10
20 30
50
0.2 0.3 0.5 0.7
Ccb
20
30
Ceb
Figure 10. Current−Gain Bandwidth Product
IC, COLLECTOR CURRENT (mA)
70
100
200
300
50
500
1.0
2.0
3.0
5.0 7.0
10
20
30
50
70 100
VCE = 20 V
TJ = 25°C
Figure 11. “On” Voltages
IC, COLLECTOR CURRENT (mA)
0.4
0.6
0.8
1.0
0.2
0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = 10 V
Figure 12. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
−0.5
0
+0.5
−1.0
−1.5
−2.5
RqVC for VCE(sat)
RqVB for VBE
0.1
1.0 2.0
5.0 10 20
50
0.2
0.5
100 200
500 1.0 k
1.0 V
−2.0
0.1
1.0 2.0
5.0
10
20
50
0.2
0.5
100 200
500
ORDERING INFORMATION
Device
Package
Shipping
MPS2222G
TO−92
(Pb−Free)
5000 Units / Bulk
MPS2222RLRP
TO−92
2000 / Tape & Ammo Box
MPS2222RLRPG
TO−92
(Pb−Free)
2000 / Tape & Ammo Box
MPS2222A
TO−92
5000 Units / Bulk
MPS2222AG
TO−92
(Pb−Free)
5000 Units / Bulk
MPS2222ARLG
TO−92
(Pb−Free)
2000 / Tape & Reel
MPS2222ARLRA
TO−92
2000 / Tape & Reel
MPS2222ARLRAG
TO−92
(Pb−Free)
2000 / Tape & Reel
MPS2222ARLRMG
TO−92
(Pb−Free)
2000 / Tape & Reel
MPS2222ARLRPG
TO−92
(Pb−Free)
2000 / Tape & Ammo Box
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MPS2222RLRP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS2222RLRP ONSEMI-MPS2222RLRP Datasheet
119Kb / 8P
   General Purpose Transistors(NPN Silicon)
October, 2001 ??Rev. 1
More results

Similar Description - MPS2222RLRP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com