Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS6726 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MPS6726
Description  One Watt Amplifier Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS6726 Datasheet(HTML) 3 Page - ON Semiconductor

  MPS6726_10 Datasheet HTML 1Page - ON Semiconductor MPS6726_10 Datasheet HTML 2Page - ON Semiconductor MPS6726_10 Datasheet HTML 3Page - ON Semiconductor MPS6726_10 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MPS6726
http://onsemi.com
3
Figure 3. “ON” Voltages
Figure 4. Temperature Coefficient
-100
-500
-1.0
IC, COLLECTOR CURRENT (mA)
0
-1.0
-0.8
-0.6
-0.4
-0.2
IC, COLLECTOR CURRENT (mA)
-0.8
-1.2
-1.6
-2.0
-2.4
-2.8
-200
-2.0
-5.0
-10
-20
-50
TJ = 25°C
VBE(SAT) @ IC/IB = 10
-1000
-100
-500
-1.0
-200
-2.0
-5.0
-10
-20
-50
qVB for VBE
-1000
VCE(SAT) @ IC/IB = 10
VBE(ON) @ VCE = -1.0 V
Figure 5. Current Gain — Bandwidth Product
Figure 6. Capacitance
-20
-100
-10
IC, COLLECTOR CURRENT (mA)
200
100
70
50
30
VR, REVERSE VOLTAGE (VOLTS)
-5.0
-20
Cobo
160
120
80
0
-50
-200
-1000
-500
300
-10
-25
-15
40
TJ = 25°C
-1.0
-4.0
Cibo
-2.0
-5.0
-3.0
Cobo
Cibo
VCE = -10 V
TJ = 25°C
f = 20 MHz
Figure 7. Active Region — Safe Operating Area
-10
-1.0
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
-500
-200
-100
-50
-20
-10
-30
-2.0
-5.0
-40
-1.0 k
MPS6726
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
MPS6727
-20
DUTY CYCLE
≤ 10%
TA = 25°C
TC = 25°C
1.0 s
1.0 ms
100
ms


Similar Part No. - MPS6726_10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPS6726 MOTOROLA-MPS6726 Datasheet
87Kb / 4P
   One Watt Amplifier Transistor
logo
ON Semiconductor
MPS6726 ONSEMI-MPS6726 Datasheet
87Kb / 4P
   One Watt Amplifier Transistor(PNP Silicon)
1997
More results

Similar Description - MPS6726_10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSW05 MOTOROLA-MPSW05 Datasheet
138Kb / 4P
   One Watt Amplifier Transistors
MPS6714 MOTOROLA-MPS6714 Datasheet
91Kb / 4P
   One Watt Amplifier Transistors
MPSW55 MOTOROLA-MPSW55 Datasheet
141Kb / 4P
   One Watt Amplifier Transistors
logo
ON Semiconductor
MPSW05 ONSEMI-MPSW05_10 Datasheet
102Kb / 4P
   One Watt Amplifier Transistors
August, 2010 ??Rev. 4
logo
Motorola, Inc
BDB01C MOTOROLA-BDB01C Datasheet
132Kb / 4P
   One Watt Amplifier Transistors
BDB02C MOTOROLA-BDB02C Datasheet
137Kb / 4P
   One Watt Amplifier Transistors
logo
ON Semiconductor
MPSW55 ONSEMI-MPSW55_10 Datasheet
103Kb / 4P
   One Watt Amplifier Transistors
August, 2010 ??Rev. 4
MPSW05 ONSEMI-MPSW05 Datasheet
101Kb / 4P
   One Watt Amplifier Transistors(NPN Silicon)
1996
MPSW55 ONSEMI-MPSW55 Datasheet
104Kb / 4P
   One Watt Amplifier Transistors(PNP Silicon)
1996
logo
Motorola, Inc
MPSW63 MOTOROLA-MPSW63 Datasheet
153Kb / 4P
   One Watt Darlington Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com