Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3EH3 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 3EH3
Description  Power Inlet Line Filter for Medical Equipment
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3EH3 Datasheet(HTML) 3 Page - Tyco Electronics

  3EH3 Datasheet HTML 1Page - Tyco Electronics 3EH3 Datasheet HTML 2Page - Tyco Electronics 3EH3 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
H Series
Power Inlet Line Filter for Medical Equipment (continued)
3
171
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
Part No.
A
B
CD
E
F







H1
    


  
H3

   
 
  
6EH4
    


  
10EH4,
10EH4C
    


  
15EH4
    


  
H5
     


  

H8
     


  

H9
    


  
Case Dimensions
GA400: NEMA 5-15P to IEC 60320-1 C-13 line cord
Accessories
FA601: Insulating Shroud
Dia.
.413
10.5
Dia.
.271
6.9
1.39
35.4
.118
3.0
1.17
29.7
.767
19.5
Performance Data
Typical Insertion Loss
3EH
6EH
Common Mode / Asymmetrical (L-G)
Differential Mode / Symmetrical (L-L)
Measured in closed 50 Ohm system
10EH
db
100
90
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
30
Frequency in MHz
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
Minimum Insertion Loss
Common Mode / Asymmetrical (Line to Ground)
Measured in closed 50 Ohm system
 
  






























15EH
db
100
90
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
30
Frequency in MHz


Similar Part No. - 3EH3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3EHG1-2 MACOM-3EHG1-2 Datasheet
85Kb / 2P
   Smallest Filtered Power Entry Modules with Metric Fuseholders
3EHG1-2 MACOM-3EHG1-2 Datasheet
71Kb / 2P
   Smallest Filtered Power Entry Modules with Metric Fuseholders
3EHG1-2 MACOM-3EHG1-2 Datasheet
288Kb / 3P
   Smallest Power Entry Module with Metric Fuse Holders
3EHG8-2 MACOM-3EHG8-2 Datasheet
288Kb / 3P
   Smallest Power Entry Module with Metric Fuse Holders
3EHGS1-2 MACOM-3EHGS1-2 Datasheet
71Kb / 2P
   Smallest Filtered Power Entry Modules with Metric Fuseholders
More results

Similar Description - 3EH3

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
FDMM XPPOWER-FDMM Datasheet
471Kb / 3P
   IEC Power Inlet with Line Filter
logo
Tyco Electronics
3EHT1 MACOM-3EHT1_11 Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
logo
TE Connectivity Ltd
10EHT TEC-10EHT Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
logo
Tyco Electronics
6EHT1 MACOM-6EHT1 Datasheet
75Kb / 2P
   High Performance RFI Power Line Filters for Medical Equipment
logo
TE Connectivity Ltd
6EHT TEC-6EHT Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
logo
Tyco Electronics
3EHZ1 MACOM-3EHZ1 Datasheet
272Kb / 2P
   High Performance Power Line Filter for Medical Applications
3EHZ1 MACOM-3EHZ1_11 Datasheet
312Kb / 3P
   High Performance Power Line Filter for Medical Applications
logo
TE Connectivity Ltd
3EHZ1 TEC-3EHZ1 Datasheet
312Kb / 3P
   High Performance Power Line Filter for Medical Applications
logo
XP Power Limited
FGSM XPPOWER-FGSM Datasheet
532Kb / 3P
   IEC Power Entry Inlet with Line Filter
FCSS XPPOWER-FCSS Datasheet
474Kb / 3P
   IEC Power Entry Inlet with Line Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com