Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSA92RLRMG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MPSA92RLRMG
Description  High Voltage Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPSA92RLRMG Datasheet(HTML) 4 Page - ON Semiconductor

  MPSA92RLRMG Datasheet HTML 1Page - ON Semiconductor MPSA92RLRMG Datasheet HTML 2Page - ON Semiconductor MPSA92RLRMG Datasheet HTML 3Page - ON Semiconductor MPSA92RLRMG Datasheet HTML 4Page - ON Semiconductor MPSA92RLRMG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MPSA92, MPSA93
http://onsemi.com
4
Figure 2. Capacitance
IC, COLLECTOR CURRENT (mA)
150
90
70
50
30
10
TJ = 25°C
VCE = 20 Vdc
F = 20 MHz
1
Figure 3. Current−Gain − Bandwidth
130
21
VR, REVERSE VOLTAGE (VOLTS)
0.1
100
0.1
10
1.0
10
1000
Cib @ 1MHz
100
1.0
Ccb @ 1MHz
IC, COLLECTOR CURRENT (mA)
1.4
0.0
1.2
1.0
0.8
0.6
0.4
0.2
100
10
0.1
1.0
110
357
9
19
17
15
13
11
VBE(on) @ 25°C, VCE = 10 V
VCE(sat) @ 25°C, IC/IB = 10
VBE(sat) @ 25°C, IC/IB = 10
VCE(sat) @ 125°C, IC/IB = 10
VCE(sat) @ −55°C, IC/IB = 10
VBE(sat) @ 125°C, IC/IB = 10
VBE(sat) @ −55°C, IC/IB = 10
VBE(on) @ 125°C, VCE = 10 V
VBE(on) @ −55°C, VCE = 10 V
Figure 4. ”ON” Voltages
Figure 5. Safe Operating Area
VCE, COLLECTOR−EMITTER VOLTAGE (V)
1000
10
1
0.001
0.01
0.1
10 ms
1
100
1.0 s


Similar Part No. - MPSA92RLRMG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPSA92RLRMG ONSEMI-MPSA92RLRMG Datasheet
96Kb / 5P
   High Voltage Transistors
July, 2010 ??Rev. 6
More results

Similar Description - MPSA92RLRMG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA42 MOTOROLA-MPSA42 Datasheet
121Kb / 4P
   High Voltage Transistors
logo
Leshan Radio Company
LMBT6517LT1G LRC-LMBT6517LT1G_15 Datasheet
253Kb / 6P
   High Voltage Transistors
logo
ON Semiconductor
MMBTA92L ONSEMI-MMBTA92L Datasheet
103Kb / 4P
   High Voltage Transistors
October, 2016 ??Rev. 11
logo
Leshan Radio Company
LMBT5550LT1 LRC-LMBT5550LT1 Datasheet
114Kb / 5P
   High Voltage Transistors
logo
List of Unclassifed Man...
2SC507 ETC1-2SC507 Datasheet
79Kb / 1P
   High Voltage Transistors
logo
Guangdong Kexin Industr...
MMBT5550 KEXIN-MMBT5550 Datasheet
43Kb / 2P
   High Voltage Transistors
logo
Zowie Technology Corpor...
MMBT5550G ZOWIE-MMBT5550G Datasheet
218Kb / 4P
   High Voltage Transistors
logo
ON Semiconductor
BSP16T1G ONSEMI-BSP16T1G Datasheet
118Kb / 3P
   High Voltage Transistors
September, 2010 -- Rev. 7
logo
Motorola, Inc
BC450 MOTOROLA-BC450 Datasheet
243Kb / 6P
   High Voltage Transistors
MMBT5550LT1 MOTOROLA-MMBT5550LT1 Datasheet
199Kb / 6P
   High Voltage Transistors
logo
ON Semiconductor
MMBTA42L ONSEMI-MMBTA42L Datasheet
95Kb / 6P
   High Voltage Transistors
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com