Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3EHQ1 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 3EHQ1
Description  Highest Performance RFI Filters for Medical Equipment
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3EHQ1 Datasheet(HTML) 3 Page - Tyco Electronics

  3EHQ1_11 Datasheet HTML 1Page - Tyco Electronics 3EHQ1_11 Datasheet HTML 2Page - Tyco Electronics 3EHQ1_11 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
39
Highest Performance RFI Filters for Medical Equipment (continued)
1
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
HQ Series
Recommended Panel Cutout
.235
5.96
1.575
40.01
.157
3.98
.910
23.11
Dia. (2)
1.295
32.89
R

Part No.
A
B
CD
E






3EHQ1










3EHQ3










3EHQ8,
3EHQ8M










6EHQ1










6EHQ3










6EHQ8,
6EHQ8M










Case Dimensions

Performance Data
Typical Insertion Loss
Minimum Insertion Loss
Common Mode / Asymmetrical (Line to Ground)
3EHQ
db
100
90
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
30
Frequency in MHz
6EHQ
db
100
90
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
30
Frequency in MHz
Measured in closed 50 Ohm system
Common Mode / Asymmetrical (L-G)
Differential Mode / Symmetrical (L-L)
Measured in closed 50 Ohm system


         

           

           
Differential Mode / Symmetrical (Line to Line)


         

           

           


Similar Part No. - 3EHQ1_11

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3EHQ1 MACOM-3EHQ1 Datasheet
68Kb / 2P
   Highest Performance RFI Filters for Medical Equipment
logo
TE Connectivity Ltd
3EHQ1 TEC-3EHQ1 Datasheet
212Kb / 3P
   Highest Performance RFI Filters for Medical Equipment
3EHQ1 TEC-3EHQ1 Datasheet
212Kb / 3P
   Highest Performance RFI Filters for Medical Equipment
More results

Similar Description - 3EHQ1_11

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3EHQ1 MACOM-3EHQ1 Datasheet
68Kb / 2P
   Highest Performance RFI Filters for Medical Equipment
logo
TE Connectivity Ltd
3EHQ TEC-3EHQ Datasheet
212Kb / 3P
   Highest Performance RFI Filters for Medical Equipment
6EHQ TEC-6EHQ Datasheet
212Kb / 3P
   Highest Performance RFI Filters for Medical Equipment
10EHT TEC-10EHT Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
logo
Tyco Electronics
6EHT1 MACOM-6EHT1 Datasheet
75Kb / 2P
   High Performance RFI Power Line Filters for Medical Equipment
logo
TE Connectivity Ltd
6EHT TEC-6EHT Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
logo
Tyco Electronics
3EHT1 MACOM-3EHT1_11 Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
3EQ1 MACOM-3EQ1_11 Datasheet
213Kb / 3P
   Highest Performance RFI Filters for Switching Power Supplies
logo
TE Connectivity Ltd
3EQ1 TEC-3EQ1 Datasheet
213Kb / 3P
   Highest Performance RFI Filters for Switching Power Supplies
logo
Tyco Electronics
3EQ1 MACOM-3EQ1_1 Datasheet
402Kb / 2P
   Highest Performance RFI Filters for Switching Power Supply Emissions down to 10 kHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com