Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6ET1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 6ET1
Description  High Performance RFI Power Line Filters for Switching Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6ET1 Datasheet(HTML) 2 Page - Tyco Electronics

  6ET1 Datasheet HTML 1Page - Tyco Electronics 6ET1 Datasheet HTML 2Page - Tyco Electronics 6ET1 Datasheet HTML 3Page - Tyco Electronics 6ET1 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
81
1
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
T Series
High Performance RFI Filters for Switching Power Supplies (continued)
Case Styles
T1 (3, 6, 10A)
A
B
C
D
E

 




T1 (15 & 20A)
B
C
E
D
2.00± .01
A
50.8± .25

 




T3
A
D
E
Brown
Blue
Brown
Blue
Grn/Yel
C
B
Electrical Schematics
LINE
LOAD
3 & 6A
LINE
LOAD
10A
LINE
LOAD
15 & 20A
GA400: NEMA 5-15P to IEC 60320-1 C-13 line cord
Accessories







Similar Part No. - 6ET1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6ET1 MACOM-6ET1 Datasheet
479Kb / 2P
   High Performance RFI Power Line Filters for Switching Power Supplies
6ET1 MACOM-6ET1 Datasheet
219Kb / 4P
   High Performance RFI Power Line Filters for Switching Power Supplies
logo
TE Connectivity Ltd
6ET1 TEC-6ET1 Datasheet
219Kb / 4P
   High Performance RFI Power Line Filters for Switching Power Supplies
More results

Similar Description - 6ET1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6609047-3 MACOM-6609047-3 Datasheet
219Kb / 4P
   High Performance RFI Power Line Filters for Switching Power Supplies
logo
TE Connectivity Ltd
3ET1 TEC-3ET1 Datasheet
219Kb / 4P
   High Performance RFI Power Line Filters for Switching Power Supplies
logo
Tyco Electronics
3ET1 MACOM-3ET1 Datasheet
479Kb / 2P
   High Performance RFI Power Line Filters for Switching Power Supplies
6VN1 MACOM-6VN1_11 Datasheet
152Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
6EG1 MACOM-6EG1 Datasheet
50Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
logo
TE Connectivity Ltd
6VN1 TEC-6VN1 Datasheet
152Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
logo
Tyco Electronics
6EG1 MACOM-6EG1_11 Datasheet
159Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
3EQ1 MACOM-3EQ1_11 Datasheet
213Kb / 3P
   Highest Performance RFI Filters for Switching Power Supplies
logo
TE Connectivity Ltd
3EQ1 TEC-3EQ1 Datasheet
213Kb / 3P
   Highest Performance RFI Filters for Switching Power Supplies
VP1 TEC-VP1 Datasheet
214Kb / 3P
   Dual Stage RFI Power Line Filters for Switching Mode Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com