Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4624 Datasheet(PDF) 9 Page - 3M Electronics

Part # 4624
Description  VHB?줥apes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4624 Datasheet(HTML) 9 Page - 3M Electronics

Back Button 4624 Datasheet HTML 2Page - 3M Electronics 4624 Datasheet HTML 3Page - 3M Electronics 4624 Datasheet HTML 4Page - 3M Electronics 4624 Datasheet HTML 5Page - 3M Electronics 4624 Datasheet HTML 6Page - 3M Electronics 4624 Datasheet HTML 7Page - 3M Electronics 4624 Datasheet HTML 8Page - 3M Electronics 4624 Datasheet HTML 9Page - 3M Electronics 4624 Datasheet HTML 10Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
- 9 -
3MVHBTapes
Application Techniques
Clean: Most substrates are best prepared by cleaning with a 50:50 mixture of isopropyl alcohol (IPA*) and
water prior to applying 3M™ VHB™ Tapes.
Exceptions to the general procedure that may require additional surface preparation include:
• Heavy Oils: A degreaser or solvent-based cleaner may be required to remove heavy oil or grease from a
surface and should be followed by cleaning with IPA/water.
• Abrasion: Abrading a surface, followed by cleaning with IPA/water, can remove heavy dirt or oxidation
and can increase surface area to improve adhesion.
• Adhesion Promoters: Priming a surface can significantly improve initial and ultimate adhesion to many
materials such as plastics and paints.
• Porous surfaces: Most porous and fibered materials such as wood, particleboard, concrete, etc. need to be
sealed to provide a unified surface.
• Unique Materials: Special surface preparation may be needed for glass and glass-like materials, copper
and copper containing metals, and plastics or rubber that contain components that migrate (e.g. plasticizers).
Refer to 3M Technical Bulletin “Surface Preparation for 3M™ VHB™ Tape Applications” for additional
details and suggestions. (70-0704-8701-5)
*Note: These cleaner solutions contain greater than 250 g/l of volatile organic compounds (VOC). Please
consult your local Air Quality Regulations to be sure the cleaner is compliant. When using solvents,
be sure to follow the manufacturer’s precautions and directions for use when handling such materials.
Pressure: Bond strength is dependent upon the amount of adhesive-to-surface contact developed. Firm
application pressure develops better adhesive contact and helps improve bond strength. Typically, good surface
contact can be attained by applying enough pressure to insure that the tape experiences approximately 15 psi
(100 kPa) pressure. Either roller or platen pressure can be used. Note that rigid surfaces may require 2 or 3 times
that much pressure to make the tape experience 15 psi.
Temperature: Ideal application temperature range is 70°F to 100°F (21°C to 38°C). Pressure sensitive
adhesives use viscous flow to achieve substrate contact area. Minimum suggested application temperatures:
• 50°F (10°C): 3M™ VHB™ Tapes 4950, 5952, 4910, 4952, 4611, 4622 families.
• 60°F (15°C): 3M™ VHB™ Tapes 4941, 4945 families.
• 32°F (0°C): 3M™ VHB™ Tape 4951 families.
Note: Initial tape application to surfaces at temperatures below these suggested minimums is not
recommended because the adhesive becomes too firm to adhere readily. However, once properly
applied, low temperature holding is generally satisfactory.
To obtain good performance with all 3M™ VHB™ Tapes, it is important to ensure that the surfaces are dry
and free of condensed moisture.
Time: After application, the bond strength will increase as
the adhesive flows onto the surface (also referred to as “wet out”).
At room temperature approximately 50% of ultimate bond
strength will be achieved after 20 minutes, 90% after 24 hours
and 100% after 72 hours. This flow is faster at higher temperatures
and slower at lower temperatures. Ultimate bond strength can be
achieved more quickly (and in some cases bond strength can be
increased) by exposure of the bond to elevated temperatures
(e.g. 150°F [66°C] for 1 hour). This can provide better adhesive
wetout onto the substrates. Abrasion of the surfaces or the use of
primers/ adhesion promoters can also have the effect of increasing
bond strength and achieving ultimate bond strength more quickly.
100
80
60
40
20
0
20 MIN
1 HOUR
24 HOURS
72 HOURS
■■
■■
150°F or ABRADE
50°F
● ROOM TEMP
PERCENT OF FULL BOND
Bond Typical Build vs. Time


Similar Part No. - 4624

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
4624 VCC-4624 Datasheet
92Kb / 1P
   Relampable Indicator Light
logo
3M Electronics
4624 3M-4624 Datasheet
735Kb / 9P
   VHB Tape - Specialty Tapes
logo
List of Unclassifed Man...
4624 ETC-4624 Datasheet
44Kb / 1P
   High Q, high self-resonant frequency
logo
RAF ELECTRONIC HARDWARE
4624-1032-S RAF-4624-1032-S Datasheet
103Kb / 1P
   3/8 HEX MALE FEMALE STANDOFFS
logo
3M Electronics
4624-6000 3M-4624-6000 Datasheet
45Kb / 4P
   100 X 100, Plug
More results

Similar Description - 4624

ManufacturerPart #DatasheetDescription
logo
3M Electronics
86415 3M-86415 Datasheet
275Kb / 3P
   3M??VHB??Tape
GPH-110GF 3M-GPH-110GF Datasheet
312Kb / 8P
   3M??VHB??Tape GPH-110GF
4950 3M-4950 Datasheet
735Kb / 9P
   VHB Tape - Specialty Tapes
LSE-110WF 3M-LSE-110WF Datasheet
170Kb / 3P
   3M??VHB??Tape LSE Series
GPH-060GF 3M-GPH-060GF Datasheet
312Kb / 8P
   3M??VHB??Tape GPH-060GF
5980 3M-5980 Datasheet
268Kb / 2P
   3M??VHB??Tape 5980, 5980WT
B23F 3M-B23F Datasheet
151Kb / 6P
   3M??VHB??Structural Glazing Tape B23F
RP040GF 3M-RP040GF Datasheet
59Kb / 7P
   3M™ VHB™ Tape RP040GF
May, 2022
G23F 3M-G23F Datasheet
141Kb / 6P
   3M??VHB??Structural Glazing Tape G23F
F9460PC 3M-F9460PC Datasheet
28Kb / 4P
   VHB??Adhesive Transfer Tapes with Adhesive 100MP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com