Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3ESK1 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 3ESK1
Description  High Performance K Series RFI Line Filters for SMPS Emission Control
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3ESK1 Datasheet(HTML) 3 Page - Tyco Electronics

  3ESK1 Datasheet HTML 1Page - Tyco Electronics 3ESK1 Datasheet HTML 2Page - Tyco Electronics 3ESK1 Datasheet HTML 3Page - Tyco Electronics 3ESK1 Datasheet HTML 4Page - Tyco Electronics 3ESK1 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
77
1
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
High Performance K Series Filters for SMPS Emission Control (continued)
SK Series
SK6 (20A)
C
B
E
D
A


 


SK6 (30A)
E
DB
A
C
1.50
38.1


 


Case Styles (continued)
SK6 (40A)
E
DB
A
C
2.00
50.5
SK7 & SK7M
A
Tapped insert
D B
E
C
SK6C (30A)
E
DB
A
C
1.50
38.1
Recommended Panel Cutout











.235
5.96
1.575
40.01
.157
3.98
.910
23.11
Dia. (2)
1.295
32.89
R

 


 




 


1


Similar Part No. - 3ESK1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3ESK1 MACOM-3ESK1 Datasheet
632Kb / 4P
   3 to 40 Amp High Performance K Series RFI Power Line Filters for SMPS Emission Control
logo
TE Connectivity Ltd
3ESK1 TEC-3ESK1 Datasheet
257Kb / 5P
   High Performance K Series RFI Line Filters for SMPS Emission Control
More results

Similar Description - 3ESK1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
3VSK1 TEC-3VSK1 Datasheet
257Kb / 5P
   High Performance K Series RFI Line Filters for SMPS Emission Control
logo
Tyco Electronics
3VSK1 MACOM-3VSK1 Datasheet
632Kb / 4P
   3 to 40 Amp High Performance K Series RFI Power Line Filters for SMPS Emission Control
1VDK1 MACOM-1VDK1 Datasheet
273Kb / 2P
   Enhanced Performance K Series RFI Power Line Filters
1VDK1 MACOM-1VDK1_11 Datasheet
176Kb / 3P
   Enhanced Differential Mode Performance K Series RFI Line Filters
3EXP MACOM-3EXP Datasheet
431Kb / 2P
   PC Board Mountable RFI Power Line Filters for Emission Control Applications
20ESB6 MACOM-20ESB6 Datasheet
179Kb / 4P
   High Performance B Series RFI Line Filters
3VS1 MACOM-3VS1 Datasheet
213Kb / 3P
   Multipurpose Power Line RFI Filter for Emission Control
3VV1 MACOM-3VV1 Datasheet
208Kb / 3P
   Multipurpose Power Line RFI Filter for Emission Control
logo
TE Connectivity Ltd
3VS1 TEC-3VS1 Datasheet
213Kb / 3P
   Multipurpose Power Line RFI Filter for Emission Control
3VV1 TEC-3VV1 Datasheet
208Kb / 3P
   Multipurpose Power Line RFI Filter for Emission Control
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com