Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16FC10 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 16FC10
Description  Single Phase Power Line Filter for Frequency Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

16FC10 Datasheet(HTML) 2 Page - Tyco Electronics

  16FC10 Datasheet HTML 1Page - Tyco Electronics 16FC10 Datasheet HTML 2Page - Tyco Electronics 16FC10 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
31
FC Series
Single Phase Filter for Frequency Converters (continued)
1
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
Case Styles
FC10 / FC10B (6, 12, 16A)
F
E
A
D
C
B
This hole indicates
the "Line" side and
may be on either flange.

 




FC10 / FC10B (25, 36, 50A )
F
E
A
D
C
B
This hole indicates the "Line" side
and may be on either flange.

 




Part No.
A
B
CD
E
F








6FC10
    

   


12FC10/10B
16FC10/10B
    

  
  
25, 36, 50
FC10/10B
     
     
Case Dimensions


Similar Part No. - 16FC10

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
16FC10 MACOM-16FC10 Datasheet
53Kb / 2P
   SIngle Phase External Power Line Filter for Frequency Converters
More results

Similar Description - 16FC10

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
FC10 TEC-FC10 Datasheet
182Kb / 3P
   Single Phase Power Line Filter for Frequency Converters
logo
Tyco Electronics
6FC10 MACOM-6FC10 Datasheet
53Kb / 2P
   SIngle Phase External Power Line Filter for Frequency Converters
6FCD10 MACOM-6FCD10 Datasheet
50Kb / 2P
   Three Phase External Power Line Filter for Frequency Converters
6FCD10 MACOM-6FCD10_11 Datasheet
269Kb / 5P
   3-phase Delta External Power Line Filter for Frequency Converters
logo
Green Power Solutions s...
GFA105075 GPSEMI-GFA105075 Datasheet
129Kb / 2P
   LINE FILTER FOR PHASE CONTROLLED CONVERTERS
GFA105087 GPSEMI-GFA105087 Datasheet
129Kb / 2P
   LINE FILTER FOR PHASE CONTROLLED CONVERTERS
GFA105095 GPSEMI-GFA105095 Datasheet
129Kb / 2P
   LINE FILTER FOR PHASE CONTROLLED CONVERTERS
GFA202570 GPSEMI-GFA202570 Datasheet
388Kb / 2P
   LINE FILTER FOR PHASE CONTROLLED CONVERTERS
GFA0002-00 GPSEMI-GFA0002-00 Datasheet
208Kb / 2P
   LINE FILTER FOR PHASE CONTROLLED CONVERTERS
GFA105082 GPSEMI-GFA105082 Datasheet
129Kb / 2P
   LINE FILTER FOR PHASE CONTROLLED CONVERTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com