Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCAS120626D580 Datasheet(PDF) 2 Page - AVX Corporation

Part # VCAS120626D580
Description  TransGuard Automotive Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VCAS120626D580 Datasheet(HTML) 2 Page - AVX Corporation

  VCAS120626D580 Datasheet HTML 1Page - AVX Corporation VCAS120626D580 Datasheet HTML 2Page - AVX Corporation VCAS120626D580 Datasheet HTML 3Page - AVX Corporation VCAS120626D580 Datasheet HTML 4Page - AVX Corporation VCAS120626D580 Datasheet HTML 5Page - AVX Corporation VCAS120626D580 Datasheet HTML 6Page - AVX Corporation VCAS120626D580 Datasheet HTML 7Page - AVX Corporation VCAS120626D580 Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
TransGuard Automotive Series
Multilayer Varistors for Automotive Applications
V
W(DC)
DC Working Voltage [V]
V
W(AC)
AC Working Voltage [V]
V
B
Typical Breakdown Votage [V @ 1mA
DC]
V
C
Clamping Voltage [V @ I
IV]
I
VC
Test Current for V
C
I
L
Maximum leakage current at the working voltage [µA]
E
t
Transient Energy Rating [J, 10x1000µS]
I
P
Peak Current Rating [A, 8x20µS]
Cap
Typical capacitance [pF] @ frequency specified and 0.5V
RMS
V
Jump
Jump Start (V)
P
DISS
Power Dissipation (W)
Working Working
Test
Maximum
Typical
AVX Part Number
Voltage
Voltage
VB
VC
Current
IL
ET
IP
Cap
Freq
VJump
PDiss. Max
(DC)
(AC)
for VC
VCAS060316B400 _ _
16
11
25.5±10%
42
1
10
0.2
30
150
K
24.5
0.003
VCAS120616K380 _ _
16
11
22.0±10%
38
1
15
0.6
200
930
K
27.5
0.010
VCAS121016J390 _ _
16
11
25.5±10%
42
5
10
1.5
500
3100
K
27.5
0.030
VCAS040218X400 _ _
18
13
25.5±10%
42
1
10
0.05
20
65
M
24.5
0.001
VCAS060318A400 _ _
18
13
25.5±10%
42
1
10
0.1
30
150
K
24.5
0.003
VCAS080518A400 _ _
18
13
25.5±10%
42
1
10
0.1
30
225
K
27.5
0.002
VCAS080518C400 _ _
18
13
25.5±10%
42
1
10
0.3
120
550
K
27.5
0.007
VCAS120618A400 _ _
18
13
25.5±10%
42
1
10
0.1
30
350
K
27.5
0.002
VCAS120618D400 _ _
18
13
25.5±10%
42
1
10
0.4
150
900
K
27.5
0.008
VCAS120618E380 _ _
18
13
22.0±10%
38
1
15
0.5
200
930
K
27.5
0.010
VCAS121018J390 _ _
18
13
25.5±10%
42
5
10
1.5
500
3100
K
27.5
0.030
VCAS060326A580 _ _
26
18
34.5±10%
60
1
10
0.1
30
155
K
27.5
0.002
VCAS080526A580 _ _
26
18
34.5±10%
60
1
10
0.1
30
120
K
27.5
0.002
VCAS080526C580 _ _
26
18
34.5±10%
60
1
10
0.3
100
250
K
27.5
0.006
VCAS120626D580 _ _
26
18
34.5±10%
60
1
10
0.4
120
500
K
27.5
0.008
VCAS121026H560 _ _
26
18
34.5±10%
60
5
10
1.2
300
2150
K
27.5
0.018
VCAS060330A650 _ _
30
21
41.0±10%
67
1
10
0.1
30
125
K
29.0
0.002
VCAS080530A650 _ _
30
21
41.0±10%
67
1
10
0.1
30
90
M
29.0
0.002
VCAS080530C650 _ _
30
21
41.0±10%
67
1
10
0.3
30
250
K
29.0
0.005
VCAS120630D650 _ _
30
21
41.0±10%
67
1
10
0.4
120
400
K
29.0
0.008
VCAS121030H620 _ _
30
21
41.0±10%
67
5
10
1.2
280
1850
K
29.0
0.018
VCAS080538C770 _ _
38
30
47.0±10%
77
1
10
0.3
80
200
K
45.0
0.006
VCAS120642L800 _ _
42
32
51.0±10%
80
1
100
0.8
180
600
K
48.0
0.016
VCAS120648D101 _ _
48
34
62.0±10%
100
1
10
0.4
100
225
K
48.0
0.008
VCAS121048H101 _ _
48
34
62.0±10%
100
1
10
1.2
250
500
K
48.0
0.022
VCAS120656F111 _ _
56
40
68.0±10%
110
1
15
0.7
100
180
K
48.0
0.014
VCAS121085S151 _ _
85
60
100.0±10%
150
1
35
2.0
250
275
K
48.0
0.040
ELECTRICAL CHARACTERISTICS


Similar Part No. - VCAS120626D580

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VCAS120626D580 AVX-VCAS120626D580 Datasheet
763Kb / 8P
   Multilayer Varistors for Automotive Applications
More results

Similar Description - VCAS120626D580

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VG181216P400 AVX-VG181216P400 Datasheet
75Kb / 2P
   Glass Encapsulated TransGuard
VGAS AVX-VGAS Datasheet
116Kb / 2P
   Glass Encapsulated TransGuard
VC120638N770RP AVX-VC120638N770RP Datasheet
501Kb / 10P
   TransGuard AVX Multilayer Ceramic Transient Voltage Suppressors
VC121030H620DP AVX-VC121030H620DP Datasheet
502Kb / 10P
   TransGuard AVX Multilater Ceramic Transient Vltage Sppressors
logo
EPCOS
B72650M1140K072 EPCOS-B72650M1140K072 Datasheet
86Kb / 4P
   Monolithic; Automotive Series
logo
AVX Corporation
V2AF105A150Y2EDP AVX-V2AF105A150Y2EDP Datasheet
143Kb / 5P
   TransFeed Automotive Series
VCAS06LC18X500RP AVX-VCAS06LC18X500RP Datasheet
515Kb / 3P
   StaticGuard Automotive Series Multilayer Varistors for Automotive Applications
VCAS06AG183R0YATRP AVX-VCAS06AG183R0YATRP Datasheet
362Kb / 3P
   AntennaGuard Automotive Series Multilayer Varistors for Automotive Applications
logo
EPCOS
B72207S1140K201 EPCOS-B72207S1140K201 Datasheet
87Kb / 5P
   Leaded Varistors Automotive Series
logo
Rohm
BR25H010-WC ROHM-BR25H010-WC_10 Datasheet
446Kb / 20P
   Automotive Series Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com