Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUN2214T1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MUN2214T1
Description  Bias Resistor Transistors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN2214T1 Datasheet(HTML) 4 Page - ON Semiconductor

  MUN2214T1 Datasheet HTML 1Page - ON Semiconductor MUN2214T1 Datasheet HTML 2Page - ON Semiconductor MUN2214T1 Datasheet HTML 3Page - ON Semiconductor MUN2214T1 Datasheet HTML 4Page - ON Semiconductor MUN2214T1 Datasheet HTML 5Page - ON Semiconductor MUN2214T1 Datasheet HTML 6Page - ON Semiconductor MUN2214T1 Datasheet HTML 7Page - ON Semiconductor MUN2214T1 Datasheet HTML 8Page - ON Semiconductor MUN2214T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MUN2211T1 Series
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS (Note 5) (Continued)
Output Voltage (on)
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW)
MUN2211T1, G
MUN2212T1, G
MUN2214T1, G
MUN2215T1, G
MUN2216T1, G
MUN2230T1, G
MUN2231T1, G
MUN2232T1, G
MUN2233T1, G
MUN2234T1, G
(VCC = 5.0 V, VB = 3.5 V, RL = 1.0 kW)
MUN2213T1, G
MUN2240T1, G
(VCC = 5.0 V, VB = 5.5 V, RL = 1.0 kW)
MUN2236T1, G
(VCC = 5.0 V, VB = 4.0 V, RL = 1.0 kW)
MUN2237T1, G
(VCC = 5.0 V, VB = 5.0 V, RL = 1.0 kW)
MUN2241T1, G
VOL
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
Vdc
Output Voltage (off)
(VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW)
MUN2211T1, G
MUN2212T1, G
MUN2213T1, G
MUN2214T1, G
MUN2233T1, G
MUN2234T1, G
(VCC = 5.0 V, VB = 0.050 V, RL = 1.0 kW)
MUN2230T1, G
(VCC = 5.0 V, VB = 0.25 V, RL = 1.0 kW)
MUN2215T1, G
MUN2216T1, G
MUN2231T1, G
MUN2232T1, G
MUN2236T1, G
MUN2237T1, G
MUN2240T1, G
MUN2241T1, G
VOH
4.9
4.9
4.9
4.9
4.9
4.9
4.9
4.9
4.9
4.9
4.9
4.9
4.9
4.9
4.9
4.9
4.9
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Vdc
Input Resistor
MUN2211T1, G
MUN2212T1, G
MUN2213T1, G
MUN2214T1, G
MUN2215T1, G
MUN2216T1, G
MUN2230T1, G
MUN2231T1, G
MUN2232T1, G
MUN2233T1, G
MUN2234T1, G
MUN2236T1, G
MUN2237T1, G
MUN2240T1, G
MUN2241T1, G
R1
7.0
15.4
32.9
7.0
7.0
3.3
0.7
1.5
3.3
3.3
15.4
70
32.9
32.9
70
10
22
47
10
10
4.7
1.0
2.2
4.7
4.7
22
100
47
47
100
13
28.6
61.1
13
13
6.1
1.3
2.9
6.1
6.1
28.6
130
61.1
61.1
130
k
W
Resistor Ratio
MUN2211T1, G
MUN2212T1, G
MUN2213T1, G
MUN2214T1, G
MUN2215T1, G
MUN2216T1, G
MUN2230T1, G
MUN2231T1, G
MUN2232T1, G
MUN2233T1, G
MUN2234T1, G
MUN2236T1, G
MUN2237T1, G
MUN2240T1, G
MUN2241T1, G
R1/R2
0.8
0.8
0.8
0.17
-
-
0.8
0.8
0.8
0.055
0.38
0.8
1.7
-
-
1.0
1.0
1.0
0.21
-
-
1.0
1.0
1.0
0.12
0.47
1.0
2.15
-
-
1.2
1.2
1.2
0.25
-
-
1.2
1.2
1.2
0.185
0.56
1.2
2.6
-
-
5. Pulse Test: Pulse Width < 300
ms, Duty Cycle < 2.0%.


Similar Part No. - MUN2214T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUN2214T1 MOTOROLA-MUN2214T1 Datasheet
263Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
logo
ON Semiconductor
MUN2214T1 ONSEMI-MUN2214T1 Datasheet
150Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
January, 2005 ??Rev. 11
logo
Leshan Radio Company
MUN2214T1 LRC-MUN2214T1 Datasheet
160Kb / 11P
   Bias Resistor Transistor
logo
ON Semiconductor
MUN2214T1G ONSEMI-MUN2214T1G Datasheet
150Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
January, 2005 ??Rev. 11
MUN2214T1G ONSEMI-MUN2214T1G Datasheet
150Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 = 47 k
August, 2012 ??Rev. 0
More results

Similar Description - MUN2214T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1_05 Datasheet
90Kb / 8P
   Bias Resistor Transistors
August, 2005 ??Rev. 5
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G Datasheet
191Kb / 11P
   Bias Resistor Transistors
LDTA124XM3T5G LRC-LDTA124XM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LDTA143EM3T5G LRC-LDTA143EM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LMUN2114LT1G LRC-LMUN2114LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2131LT1G LRC-LMUN2131LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2240LT1G LRC-LMUN2240LT1G_15 Datasheet
189Kb / 16P
   Bias Resistor Transistors
LMUN2111LT1G LRC-LMUN2111LT1G Datasheet
655Kb / 10P
   Bias Resistor Transistors
logo
First Silicon Co., Ltd
DTC301 FS-DTC301 Datasheet
337Kb / 10P
   Bias Resistor Transistors
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G_15 Datasheet
220Kb / 11P
   Bias Resistor Transistors
LDTA143ZM3T5G LRC-LDTA143ZM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com