Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUN2215T1G Datasheet(PDF) 10 Page - ON Semiconductor

Part # MUN2215T1G
Description  Bias Resistor Transistors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN2215T1G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MUN2215T1G Datasheet HTML 6Page - ON Semiconductor MUN2215T1G Datasheet HTML 7Page - ON Semiconductor MUN2215T1G Datasheet HTML 8Page - ON Semiconductor MUN2215T1G Datasheet HTML 9Page - ON Semiconductor MUN2215T1G Datasheet HTML 10Page - ON Semiconductor MUN2215T1G Datasheet HTML 11Page - ON Semiconductor MUN2215T1G Datasheet HTML 12Page - ON Semiconductor MUN2215T1G Datasheet HTML 13Page - ON Semiconductor MUN2215T1G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MUN2211T1 Series
http://onsemi.com
10
TYPICAL ELECTRICAL CHARACTERISTICS — MUN2215T1
75
°C
25
°C
-25
°C
Figure 22. VCE(sat) versus IC
Figure 23. DC Current Gain
Figure 24. Output Capacitance
Figure 25. Output Current versus Input Voltage
Vin, INPUT VOLTAGE (VOLTS)
Figure 26. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
1
0.1
50
40
20
10
0
IC, COLLECTOR CURRENT (mA)
100
10
1
100
10
1
0.001
1000
100
6
5
4
3
2
1
0
0.001
1
10
10
9
8
7
10
30
20
10
0
0.1
1
40
50
75
°C
25
°C
TA = -25°C
75
°C
25
°C
TA = -25°C
75
°C
25
°C
TA = -25°C
0.01
0.01
0.1
30
VR, REVERSE BIAS VOLTAGE (VOLTS)
4.5
1.5
45
50
40
30
20
10
0
0
0.5
1
2
4
35
25
15
5
3.5
3
2.5
f = 1 MHz
IE = 0 V
TA = 25°C
VO = 5 V
VO = 0.2 V
IC/IB = 10
VCE = 10 V


Similar Part No. - MUN2215T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN2215T1G ONSEMI-MUN2215T1G Datasheet
150Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
January, 2005 ??Rev. 11
MUN2215T1G ONSEMI-MUN2215T1G Datasheet
140Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 =  k
August, 2012 ??Rev. 0
MUN2215T1G ONSEMI-MUN2215T1G Datasheet
149Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 =  k
March, 2013 ??Rev. 1
MUN2215T1G ONSEMI-MUN2215T1G Datasheet
140Kb / 12P
   Digital Transistors (BRT)
November, 2016 ??Rev. 2
More results

Similar Description - MUN2215T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1_05 Datasheet
90Kb / 8P
   Bias Resistor Transistors
August, 2005 ??Rev. 5
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G Datasheet
191Kb / 11P
   Bias Resistor Transistors
LDTA124XM3T5G LRC-LDTA124XM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LDTA143EM3T5G LRC-LDTA143EM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LMUN2114LT1G LRC-LMUN2114LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2131LT1G LRC-LMUN2131LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2240LT1G LRC-LMUN2240LT1G_15 Datasheet
189Kb / 16P
   Bias Resistor Transistors
LMUN2111LT1G LRC-LMUN2111LT1G Datasheet
655Kb / 10P
   Bias Resistor Transistors
logo
First Silicon Co., Ltd
DTC301 FS-DTC301 Datasheet
337Kb / 10P
   Bias Resistor Transistors
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G_15 Datasheet
220Kb / 11P
   Bias Resistor Transistors
LDTA143ZM3T5G LRC-LDTA143ZM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com