Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1EJMS8 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 1EJMS8
Description  Cost-effective Medium Performance Power Inlet Filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1EJMS8 Datasheet(HTML) 3 Page - Tyco Electronics

  1EJMS8 Datasheet HTML 1Page - Tyco Electronics 1EJMS8 Datasheet HTML 2Page - Tyco Electronics 1EJMS8 Datasheet HTML 3Page - Tyco Electronics 1EJMS8 Datasheet HTML 4Page - Tyco Electronics 1EJMS8 Datasheet HTML 5Page - Tyco Electronics 1EJMS8 Datasheet HTML 6Page - Tyco Electronics 1EJMS8 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EEJ Series Including the EJH/EJHS, EJM/EJMS and EJS Models
Cost-effective Medium Performance Power Inlet Filter (continued)
3
155
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
EEJP & EJHP (1-15A)
E
D
C
A
B








EEJ8, EJH8 & EJM8 (1-15A)
E
D
B
0.96
24.39
C
A
Brown
Green/Yellow
Blue
max.
Case Styles
EEJ1, EJH1 & EJM1 (1-15A)
D
E
A
B
C










EEJ2 & EJH2 (1-15A)
C
D
E
A
B
















 
 
EJS1, EJHS1 & EJMS1 (1-15A)
D
E
A
B
C







EJS8, EJHS8 & EJMS8 (1-15A)
E
D
B
0.96
24.39
C
A
Brown
Green/Yellow
Blue
max.



 
 
20EEJ1 & 20EJH1
D
A
C
B
E












Similar Part No. - 1EJMS8

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1EJG GULFSEMI-1EJG Datasheet
74Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 200 TO 600V CURRENT: 1.0A
logo
Tyco Electronics
1EJH1 MACOM-1EJH1 Datasheet
153Kb / 4P
   Enhanced Performance Compact Medical RFI Filter IEC Connector Package
1EJH2 MACOM-1EJH2 Datasheet
153Kb / 4P
   Enhanced Performance Compact Medical RFI Filter IEC Connector Package
1EJH8 MACOM-1EJH8 Datasheet
153Kb / 4P
   Enhanced Performance Compact Medical RFI Filter IEC Connector Package
1EJHP MACOM-1EJHP Datasheet
153Kb / 4P
   Enhanced Performance Compact Medical RFI Filter IEC Connector Package
More results

Similar Description - 1EJMS8

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
EEJ TEC-EEJ Datasheet
853Kb / 7P
   Cost-effective Medium Performance Power Inlet Filter
EEA TEC-EEA Datasheet
373Kb / 5P
   Cost-effective EMI Power Inlet Filter
logo
Tyco Electronics
1EEA1 MACOM-1EEA1_11 Datasheet
373Kb / 5P
   Cost-effective EMI Power Inlet Filter
logo
TE Connectivity Ltd
SRB TEC-SRB Datasheet
755Kb / 5P
   Minimum Depth, Cost-effective Shielded Power Inlet Filter
ED1 TEC-ED1 Datasheet
255Kb / 4P
   Medium Performance Compact EMI Power Inlet Filter
logo
Tyco Electronics
1ED1 MACOM-1ED1_11 Datasheet
255Kb / 4P
   Medium Performance Compact EMI Power Inlet Filter
logo
TE Connectivity Ltd
EJT TEC-EJT Datasheet
336Kb / 3P
   High Performance Power Inlet Filter
logo
Tyco Electronics
1EJT1 MACOM-1EJT1_11 Datasheet
336Kb / 3P
   High Performance Power Inlet Filter
logo
Axiomtek Co., Ltd.
NA-820L AXIOMTEK-NA-820L Datasheet
159Kb / 1P
   High performance and cost-effective solution
logo
TE Connectivity Ltd
EC1 TEC-EC1 Datasheet
243Kb / 3P
   High Performance EMI Power Inlet Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com