Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MURHD560W1T4G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MURHD560W1T4G
Description  MEGAHERTZ??Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MURHD560W1T4G Datasheet(HTML) 5 Page - ON Semiconductor

  MURHD560W1T4G Datasheet HTML 1Page - ON Semiconductor MURHD560W1T4G Datasheet HTML 2Page - ON Semiconductor MURHD560W1T4G Datasheet HTML 3Page - ON Semiconductor MURHD560W1T4G Datasheet HTML 4Page - ON Semiconductor MURHD560W1T4G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MURHD560T4, MURHD560W1T4
http://onsemi.com
5
PACKAGE DIMENSIONS
DPAK (SINGLE GAUGE)
CASE 369C−01
ISSUE D
STYLE 3:
PIN 1. ANODE
2. CATHODE
3. ANODE
4. CATHODE
STYLE 8:
PIN 1. N/C
2. CATHODE
3. ANODE
4. CATHODE
b
D
E
b3
L3
L4
b2
e
M
0.005 (0.13)
C
c2
A
c
C
Z
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
D
0.235
0.245
5.97
6.22
E
0.250
0.265
6.35
6.73
A
0.086
0.094
2.18
2.38
b
0.025
0.035
0.63
0.89
c2
0.018
0.024
0.46
0.61
b2
0.030
0.045
0.76
1.14
c
0.018
0.024
0.46
0.61
e
0.090 BSC
2.29 BSC
b3
0.180
0.215
4.57
5.46
L4
−−−
0.040
−−−
1.01
L
0.055
0.070
1.40
1.78
L3
0.035
0.050
0.89
1.27
Z
0.155
−−−
3.93
−−−
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: INCHES.
3. THERMAL PAD CONTOUR OPTIONAL WITHIN DI-
MENSIONS b3, L3 and Z.
4. DIMENSIONS D AND E DO NOT INCLUDE MOLD
FLASH, PROTRUSIONS, OR BURRS. MOLD
FLASH, PROTRUSIONS, OR GATE BURRS SHALL
NOT EXCEED 0.006 INCHES PER SIDE.
5. DIMENSIONS D AND E ARE DETERMINED AT THE
OUTERMOST EXTREMES OF THE PLASTIC BODY.
6. DATUMS A AND B ARE DETERMINED AT DATUM
PLANE H.
12
3
4
5.80
0.228
2.58
0.102
1.60
0.063
6.20
0.244
3.00
0.118
6.17
0.243
mm
inches
SCALE 3:1
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
H
0.370
0.410
9.40
10.41
A1 0.000
0.005
0.00
0.13
L1
0.108 REF
2.74 REF
L2
0.020 BSC
0.51 BSC
A1
H
DETAIL A
SEATING
PLANE
A
B
C
L1
L
H
L2
GAUGE
PLANE
DETAIL A
ROTATED 90 CW
5
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
MURHD560/D
MEGAHERTZ is a trademark of Semiconductor Components Industries, LLC.
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - MURHD560W1T4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURHD560W1T4G ONSEMI-MURHD560W1T4G Datasheet
104Kb / 5P
   MEGAHERTZ Power Rectifier
August, 2010 ??Rev. 4
MURHD560W1T4G ONSEMI-MURHD560W1T4G Datasheet
134Kb / 5P
   Power Rectifier
January, 2012 ??Rev. 7
MURHD560W1T4G ONSEMI-MURHD560W1T4G Datasheet
83Kb / 5P
   Power Rectifier
November, 2016 ??Rev. 9
MURHD560W1T4G ONSEMI-MURHD560W1T4G Datasheet
217Kb / 6P
   600 V, 5 A Power Rectifier
June, 2017 - Rev. 10
More results

Similar Description - MURHD560W1T4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURH860CT ONSEMI-MURH860CT_08 Datasheet
128Kb / 4P
   MEGAHERTZ Power Rectifier
June, 2008 ??Rev. 4
MURHD560T4 ONSEMI-MURHD560T4 Datasheet
58Kb / 5P
   MEGAHERTZ TM Power Rectifier
December, 2005 ??Rev. 2
MURHD560T4 ONSEMI-MURHD560T4_10 Datasheet
104Kb / 5P
   MEGAHERTZ Power Rectifier
August, 2010 ??Rev. 4
MURH840CT ONSEMI-MURH840CT_08 Datasheet
123Kb / 4P
   MEGAHERTZ??Power Rectifier
June, 2008 ??Rev. 5
MURHB860CT ONSEMI-MURHB860CT Datasheet
53Kb / 4P
   MEGAHERTZ Power Rectifier D2PAK Power Surface Mount Package
February, 2006 ??Rev. 2
logo
IXYS Corporation
IXFX21N100F IXYS-IXFX21N100F Datasheet
98Kb / 2P
   HiPerRF Power MOSFETs F-Class: MegaHertz Switching
IXFH12N50F IXYS-IXFH12N50F Datasheet
303Kb / 2P
   HiPerRF Power MOSFETs F-Class: MegaHertz Switching
IXFH28N50 IXYS-IXFH28N50 Datasheet
104Kb / 2P
   HiPerRF Power MOSFETs F-Class: MegaHertz Switching
IXFK44N50F IXYS-IXFK44N50F_09 Datasheet
131Kb / 5P
   HiPerRF Power MOSFETs F-Class: MegaHertz Switching
IXFN24N100F IXYS-IXFN24N100F Datasheet
108Kb / 2P
   HiPerRF Power MOSFETs F-Class: MegaHertz Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com