Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MURS360BT3G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MURS360BT3G
Description  Surface Mount Ultrafast Power Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MURS360BT3G Datasheet(HTML) 1 Page - ON Semiconductor

  MURS360BT3G Datasheet HTML 1Page - ON Semiconductor MURS360BT3G Datasheet HTML 2Page - ON Semiconductor MURS360BT3G Datasheet HTML 3Page - ON Semiconductor MURS360BT3G Datasheet HTML 4Page - ON Semiconductor MURS360BT3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2011
May, 2011 − Rev. 2
1
Publication Order Number:
MURS360BT3/D
MURS360BT3
Surface Mount Ultrafast
Power Rectifiers
Ideally suited for high voltage, high frequency rectification, or as
free wheeling and protection diodes in surface mount applications
where compact size and weight are critical to the system.
Features
Small Compact Surface Mountable Package with J−Bend Leads
Rectangular Package for Automated Handling
High Temperature Glass Passivated Junction
This is a Pb−Free Device
Mechanical Characteristics
Case: Epoxy, Molded
Epoxy Meets UL 94 V−O @ 0.125 in
Weight: 95 mg (approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
Polarity: Polarity Band Indicates Cathode Lead
ESD Rating:
Human Body Model (HBM) 3B
Machine Model (MM) C
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
600
V
Average Rectified Forward Current
IF(AV)
3.0 @ TL = 105°C
A
Non−Repetitive Peak Surge Current
(Surge applied at rated load conditions
halfwave, single phase, 60 Hz)
IFSM
100
A
Operating Junction Temperature
TJ
*65 to +175
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
ULTRAFAST RECTIFIERS
3 AMPERES
600 VOLTS
Device
Package
Shipping
ORDERING INFORMATION
SMB
CASE 403A
http://onsemi.com
MURS360BT3G
SMB
(Pb−Free)
2500/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
B36B
= Specific Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
AYWW
B36BG
G
MARKING DIAGRAM


Similar Part No. - MURS360BT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURS360BT3G ONSEMI-MURS360BT3G Datasheet
98Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
June, 2007 - Rev. 1
MURS360BT3G ONSEMI-MURS360BT3G Datasheet
105Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
February, 2013 ??Rev. 5
MURS360BT3G ONSEMI-MURS360BT3G Datasheet
65Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
November, 2016 ??Rev. 7
MURS360BT3G ONSEMI-MURS360BT3G_16 Datasheet
65Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
November, 2016 ??Rev. 7
More results

Similar Description - MURS360BT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SURA8240T3G ONSEMI-SURA8240T3G Datasheet
115Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 4
SURS8220T3G ONSEMI-SURS8220T3G Datasheet
150Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 3
MURA105T3G ONSEMI-MURA105T3G Datasheet
129Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 5
MURA115 ONSEMI-MURA115 Datasheet
56Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 9
MURS230T3G ONSEMI-MURS230T3G Datasheet
60Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 9
MURA115T3 ONSEMI-MURA115T3 Datasheet
39Kb / 4P
   Surface Mount Ultrafast Power Rectifiers
January, 2003 - Rev. 3
MURS260T3 ONSEMI-MURS260T3 Datasheet
61Kb / 4P
   Surface Mount Ultrafast Power Rectifiers
October, 2004 ??Rev. 2
MURS360BT3 ONSEMI-MURS360BT3 Datasheet
98Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
June, 2007 - Rev. 1
logo
Shenzhen Taychipst Elec...
MURA205T3 TAYCHIPST-MURA205T3 Datasheet
8Mb / 3P
   Surface Mount Ultrafast Power Rectifiers
logo
ON Semiconductor
MURA105T3 ONSEMI-MURA105T3 Datasheet
39Kb / 4P
   Surface Mount Ultrafast Power Rectifiers
January, 2003 - Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com