Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

45AYP6C Datasheet(PDF) 1 Page - Tyco Electronics

Part # 45AYP6C
Description  High Performance 3-phase RFI Filters for WYE Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

45AYP6C Datasheet(HTML) 1 Page - Tyco Electronics

  45AYP6C Datasheet HTML 1Page - Tyco Electronics 45AYP6C Datasheet HTML 2Page - Tyco Electronics 45AYP6C Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Maximum leakage current, each Line to Ground:
@ 120 VAC 60 Hz:
1.4 mA
@ 250 VAC 50 Hz:
3.4 mA
Hipot rating (one minute):
Line to Ground:
1500 VAC
Neutral to Ground:
1500 VAC
Line to Neutral:
1450 VDC
Rated Voltage (max):
Phase to Phase:
440 VAC
Phase to Neutral / Ground:
250 VAC
Operating Frequency:
50/60 Hz
Rated Current:
20 to 60A
Operating Ambient Temperature Range
(at rated current Ir):
-10°C to +40°C
In an ambient temperature (Ta) higher than +40°C
the maximum operating current (Io) is calculated as
follows: Io = Ir (85-Ta)/45
A Series
98
A Series
High Performance 3-phase RFI Filters for WYE Applications
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
• For 3-phase, four wire, WYE Applications
• Filters each of the three lines plus the neutral and
ground line
• Both common mode and differential mode
suppression from 50kHz to 30MHz
• Effective for both balanced and unbalanced loads
• Ground choke included
• Optional end bell kits available to shield input and
output terminals
• AYP single stage for lower noise environments
• AYT dual stage provides highest performance
Ordering Information
45 AYT 6 C
Suffix
C – Ground Choke
Input / Output Style
6 – Threaded 1/4 – 20 bolt
Series designation
AYP – Single Stage
AYT – Dual Stage
Current Rating
20, 30, 45 or 60A
Specifications
Electrical Schematics
LINE
LOAD
LINE
GND
LOAD
GND
AA
B
B
C
C
N
N
AYP6C Models
UL Recognized
CSA Certified
VDE Approved


Similar Part No. - 45AYP6C

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
45AYP6C MACOM-45AYP6C Datasheet
337Kb / 2P
   High Performance 3-Phase RFI Power Line Filters for WYE Applications
logo
TE Connectivity Ltd
45AYP6C TEC-45AYP6C Datasheet
513Kb / 6P
   Corcom High Current AC Power Line Filters
More results

Similar Description - 45AYP6C

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
20AYP6C MACOM-20AYP6C Datasheet
337Kb / 2P
   High Performance 3-Phase RFI Power Line Filters for WYE Applications
logo
TE Connectivity Ltd
AYC TEC-AYC Datasheet
171Kb / 3P
   3-phase WYE RFI Power Line Filters for High Noise Applications
logo
Tyco Electronics
16AYC10B MACOM-16AYC10B Datasheet
171Kb / 3P
   3-phase WYE RFI Power Line Filters for High Noise Applications
16AYA6A MACOM-16AYA6A_11 Datasheet
218Kb / 4P
   3-phase WYE RFI Power Line Filters
logo
TE Connectivity Ltd
AYA TEC-AYA Datasheet
218Kb / 4P
   3-phase WYE RFI Power Line Filters
AYO TEC-AYO Datasheet
172Kb / 2P
   Compact Low Current 3-phase WYE RFI Filters
logo
Tyco Electronics
3AYO1 MACOM-3AYO1_11 Datasheet
172Kb / 2P
   Compact Low Current 3-phase WYE RFI Filters
logo
TE Connectivity Ltd
ADT TEC-ADT Datasheet
213Kb / 3P
   High Performance High Current 3-phase Delta RFI Filters
logo
Tyco Electronics
63ADT6 MACOM-63ADT6_11 Datasheet
213Kb / 3P
   High Performance High Current 3-phase Delta RFI Filters
63ADT6 MACOM-63ADT6 Datasheet
64Kb / 2P
   High Performance Filters for High Current Three Phase Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com