Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

180FCD10B Datasheet(PDF) 5 Page - Tyco Electronics

Part # 180FCD10B
Description  3-phase Delta External Power Line Filter for Frequency Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

180FCD10B Datasheet(HTML) 5 Page - Tyco Electronics

  180FCD10B Datasheet HTML 1Page - Tyco Electronics 180FCD10B Datasheet HTML 2Page - Tyco Electronics 180FCD10B Datasheet HTML 3Page - Tyco Electronics 180FCD10B Datasheet HTML 4Page - Tyco Electronics 180FCD10B Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
122
FCD Series
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
3-phase Delta External Filter for Frequency Converters (continued)
Minimum Insertion Loss
Common Mode / Asymmetrical (Line to Ground)
Differential Mode / Symmetrical (Line to Line)
Measured in closed 50 Ohm system
Performance Data (continued)


   


 

        
         

        

        

        

        

        

        

        

        

        

        

       

      

       

        

        
         
         
         
         


   


 


      
         

        

        

        

 
     

 
     

        

        

        

        

        

        

        

        

        

        
         
         
         
         


Similar Part No. - 180FCD10B

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
180FCD10B TEC-180FCD10B Datasheet
513Kb / 6P
   Corcom High Current AC Power Line Filters
More results

Similar Description - 180FCD10B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6FCD10 MACOM-6FCD10 Datasheet
50Kb / 2P
   Three Phase External Power Line Filter for Frequency Converters
6FC10 MACOM-6FC10 Datasheet
53Kb / 2P
   SIngle Phase External Power Line Filter for Frequency Converters
6FC10 MACOM-6FC10_11 Datasheet
182Kb / 3P
   Single Phase Power Line Filter for Frequency Converters
logo
TE Connectivity Ltd
FC10 TEC-FC10 Datasheet
182Kb / 3P
   Single Phase Power Line Filter for Frequency Converters
CFN TEC-CFN Datasheet
142Kb / 2P
   3-phase Delta Power Line Filter for High Voltage Applications
logo
Green Power Solutions s...
GFA105075 GPSEMI-GFA105075 Datasheet
129Kb / 2P
   LINE FILTER FOR PHASE CONTROLLED CONVERTERS
GFA105087 GPSEMI-GFA105087 Datasheet
129Kb / 2P
   LINE FILTER FOR PHASE CONTROLLED CONVERTERS
GFA105095 GPSEMI-GFA105095 Datasheet
129Kb / 2P
   LINE FILTER FOR PHASE CONTROLLED CONVERTERS
GFA202570 GPSEMI-GFA202570 Datasheet
388Kb / 2P
   LINE FILTER FOR PHASE CONTROLLED CONVERTERS
GFA0002-00 GPSEMI-GFA0002-00 Datasheet
208Kb / 2P
   LINE FILTER FOR PHASE CONTROLLED CONVERTERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com