Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15DCB6B Datasheet(PDF) 6 Page - Tyco Electronics

Part # 15DCB6B
Description  RFI Power Line Filters for DC Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

15DCB6B Datasheet(HTML) 6 Page - Tyco Electronics

  15DCB6B Datasheet HTML 1Page - Tyco Electronics 15DCB6B Datasheet HTML 2Page - Tyco Electronics 15DCB6B Datasheet HTML 3Page - Tyco Electronics 15DCB6B Datasheet HTML 4Page - Tyco Electronics 15DCB6B Datasheet HTML 5Page - Tyco Electronics 15DCB6B Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DC Series
RFI Power Line Filters for DC Applications (continued)



    
 















































    
 
























































 




























































 

 





 




















































Performance Data (continued)
Minimum Insertion Loss
Standard Performance
High Frequency Performance (F & BF Styles)
Common Mode / Asymmetrical (Line to Ground)
Differential Mode / Symmetrical (Line to Line)
Common Mode / Asymmetrical (Line to Ground)
Differential Mode / Symmetrical (Line to Line)
Measured in closed 50 Ohm system
222
Corcom Product Guide
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com


Similar Part No. - 15DCB6B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
15DCB6B MACOM-15DCB6B Datasheet
163Kb / 4P
   RFI Power Line Filters for DC Applications
15DCB6B MACOM-15DCB6B Datasheet
169Kb / 4P
   RFI Power Line Filters for DC Applications
logo
TE Connectivity Ltd
15DCB6B TEC-15DCB6B Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
logo
Tyco Electronics
15DCB6BF MACOM-15DCB6BF Datasheet
163Kb / 4P
   RFI Power Line Filters for DC Applications
15DCB6BF MACOM-15DCB6BF Datasheet
169Kb / 4P
   RFI Power Line Filters for DC Applications
More results

Similar Description - 15DCB6B

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
DCB6 TEC-DCB6 Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
logo
Tyco Electronics
15DCB6 MACOM-15DCB6 Datasheet
163Kb / 4P
   RFI Power Line Filters for DC Applications
15DCF6 MACOM-15DCF6_1 Datasheet
169Kb / 4P
   RFI Power Line Filters for DC Applications
logo
PREMO CORPORATION S.L
FA PREMO-FA Datasheet
140Kb / 1P
   RFI Power Line Filters
logo
Tyco Electronics
16AYC10B MACOM-16AYC10B Datasheet
171Kb / 3P
   3-phase WYE RFI Power Line Filters for High Noise Applications
3EXP MACOM-3EXP Datasheet
431Kb / 2P
   PC Board Mountable RFI Power Line Filters for Emission Control Applications
logo
Adam Technologies, Inc.
PLF-6DZ2KR ADAM-TECH-PLF-6DZ2KR Datasheet
93Kb / 1P
   EMI/RFI POWER LINE FILTERS
logo
Tyco Electronics
20AYP6C MACOM-20AYP6C Datasheet
337Kb / 2P
   High Performance 3-Phase RFI Power Line Filters for WYE Applications
logo
TE Connectivity Ltd
AYC TEC-AYC Datasheet
171Kb / 3P
   3-phase WYE RFI Power Line Filters for High Noise Applications
10EHT TEC-10EHT Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com