Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMC3NT1G Datasheet(PDF) 9 Page - ON Semiconductor

Part # UMC3NT1G
Description  Dual Common Base-Collector Bias Resistor Transistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UMC3NT1G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button UMC3NT1G Datasheet HTML 2Page - ON Semiconductor UMC3NT1G Datasheet HTML 3Page - ON Semiconductor UMC3NT1G Datasheet HTML 4Page - ON Semiconductor UMC3NT1G Datasheet HTML 5Page - ON Semiconductor UMC3NT1G Datasheet HTML 6Page - ON Semiconductor UMC3NT1G Datasheet HTML 7Page - ON Semiconductor UMC3NT1G Datasheet HTML 8Page - ON Semiconductor UMC3NT1G Datasheet HTML 9Page - ON Semiconductor UMC3NT1G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
UMC2NT1G, UMC3NT1G, UMC5NT1G
http://onsemi.com
9
TYPICAL ELECTRICAL CHARACTERISTICS — UMC5NT1G NPN TRANSISTOR
Figure 26. VCE(sat) versus IC
0
2
468
10
100
10
1
0.1
0.01
0.001
Vin, INPUT VOLTAGE (V)
TA =-25°C
75
°C
25
°C
Figure 27. DC Current Gain
Figure 28. Output Capacitance
100
10
1
0.1
010
20
30
40
50
IC, COLLECTOR CURRENT (mA)
Figure 29. Output Current versus Input Voltage
1000
10
IC, COLLECTOR CURRENT (mA)
TA =75°C
25
°C
-25
°C
100
10
1
100
25
°C
75
°C
50
0
1020
3040
1
0.8
0.6
0.4
0.2
0
VR, REVERSE BIAS VOLTAGE (V)
Figure 30. Input Voltage versus Output Current
0
20
40
50
10
1
0.1
0.01
IC, COLLECTOR CURRENT (mA)
25
°C
75
°C
VCE = 10 V
f = 1 MHz
IE = 0 mA
TA = 25°C
VO = 5 V
VO = 0.2 V
IC/IB = 10
TA =-25°C
TA =-25°C


Similar Part No. - UMC3NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UMC3NT1G ONSEMI-UMC3NT1G Datasheet
87Kb / 10P
   Dual Common Base-Collector Bias Resistor Transistors
September, 2004 ??Rev. 5
UMC3NT1G ONSEMI-UMC3NT1G Datasheet
86Kb / 10P
   Dual Common Base?묬ollector Bias Resistor Transistors
April, 2006 ??Rev. 6
UMC3NT1G ONSEMI-UMC3NT1G Datasheet
178Kb / 11P
   Dual Common Base-Collector Bias Resistor Transistors
December, 2011 ??Rev. 10
UMC3NT1G ONSEMI-UMC3NT1G Datasheet
211Kb / 12P
   Dual Common Base-Collector Bias Resistor Transistors
January, 2022 ??Rev. 11
More results

Similar Description - UMC3NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UMC2NT1G ONSEMI-UMC2NT1G_11 Datasheet
178Kb / 11P
   Dual Common Base-Collector Bias Resistor Transistors
December, 2011 ??Rev. 10
UMC2NT1G ONSEMI-UMC2NT1G_V01 Datasheet
211Kb / 12P
   Dual Common Base-Collector Bias Resistor Transistors
January, 2022 ??Rev. 11
NSTB1005DXV5T1G ONSEMI-NSTB1005DXV5T1G Datasheet
108Kb / 5P
   Dual Common Base-Collector Bias Resistor Transistors
October, 2010 ??Rev. 1
EMC2DXV5T1G ONSEMI-EMC2DXV5T1G_14 Datasheet
105Kb / 11P
   Dual Common Base-Collector Bias Resistor Transistors
May, 2014 ??Rev. 7
NSTB1005DXV5 ONSEMI-NSTB1005DXV5_04 Datasheet
62Kb / 6P
   Dual Common Base-Collector Bias Resistor Transistors
March, 2004 ??Rev. 0
EMC2DXV5T1 ONSEMI-EMC2DXV5T1 Datasheet
72Kb / 10P
   Dual Common Base-Collector Bias Resistor Transistors
September, 2003 ??Rev. 1
EMC2DXV5T1G ONSEMI-EMC2DXV5T1G Datasheet
143Kb / 11P
   Dual Common Base-Collector Bias Resistor Transistors
October, 2010 ??Rev. 6
UMC2NT1 ONSEMI-UMC2NT1 Datasheet
87Kb / 10P
   Dual Common Base-Collector Bias Resistor Transistors
September, 2004 ??Rev. 5
NSTB1002DXV5 ONSEMI-NSTB1002DXV5_06 Datasheet
63Kb / 6P
   Dual Common Base?묬ollector Bias Resistor Transistors
January, 2006 ??Rev. 0
NSB1010XV5T5 ONSEMI-NSB1010XV5T5 Datasheet
100Kb / 6P
   Dual Common Base?묬ollector Bias Resistor Transistors
January, 2005 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com