Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4501 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL4501
Description  Video Front End (VFE)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4501 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL4501_10 Datasheet HTML 3Page - Intersil Corporation EL4501_10 Datasheet HTML 4Page - Intersil Corporation EL4501_10 Datasheet HTML 5Page - Intersil Corporation EL4501_10 Datasheet HTML 6Page - Intersil Corporation EL4501_10 Datasheet HTML 7Page - Intersil Corporation EL4501_10 Datasheet HTML 8Page - Intersil Corporation EL4501_10 Datasheet HTML 9Page - Intersil Corporation EL4501_10 Datasheet HTML 10Page - Intersil Corporation EL4501_10 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
FIGURE 17. DC OFFSET VOLTAGE AT VOUT vs VREF_IN
FIGURE 18. DC-RESTORE CURRENT vs TEMPERATURE
FIGURE 19. DROOP CURRENT vs TEMPERATURE
FIGURE 20. HOLD STEP VOLTAGE vs HOLD CAPACITANCE
FIGURE 21. DROOP RATE vs HOLD CAPACITANCE
FIGURE 22. LINE RATE vs RFREQ
Typical Performance Curves (Continued)
25
10
0
00.5
1.5
4
VREF_IN (V)
3
2.5
3.5
15
5
20
12
25
10
0
-40
-20
20
100
TEMPERATURE (°C)
80
60
15
5
20
040
10
0.001
-40 -30
30
80
TEMPERATURE (°C)
50
40
60
0.1
1
0.01
10
70
020
-20 -10
90
IDROOP=CH*(ΔVRAMP/ΔT)
10
0.01
110
100
HOLD CAPACITANCE (pF)
0.1
1
1K
ΔV=ΔQ/CH
100
0.01
110
100
HOLD CAPACITANCE (pF)
1
10
0.1
1K
DR=
ΔVRAMP/ΔT
160
140
120
100
80
60
40
20
0
0
20
40
60
80
100
120
140
RFREQ (kΩ)
EL4501


Similar Part No. - EL4501_10

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4501C ELANTEC-EL4501C Datasheet
183Kb / 10P
   Video Front End
EL4501CS ELANTEC-EL4501CS Datasheet
183Kb / 10P
   Video Front End
EL4501CU ELANTEC-EL4501CU Datasheet
183Kb / 10P
   Video Front End
logo
Intersil Corporation
EL4501IU INTERSIL-EL4501IU Datasheet
477Kb / 19P
   Video Front End
EL4501IU INTERSIL-EL4501IU Datasheet
365Kb / 19P
   Video Front End
More results

Similar Description - EL4501_10

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4501 INTERSIL-EL4501 Datasheet
477Kb / 19P
   Video Front End
logo
Elantec Semiconductor
EL4501C ELANTEC-EL4501C Datasheet
183Kb / 10P
   Video Front End
logo
Intersil Corporation
EL4501 INTERSIL-EL4501_06 Datasheet
365Kb / 19P
   Video Front End
logo
Renesas Technology Corp
EL4501 RENESAS-EL4501 Datasheet
924Kb / 20P
   Video Front End
logo
Faraday Technology
ADC-100 FARADAY-ADC-100 Datasheet
187Kb / 5P
   VIDEO FRONT-END MODULES
logo
NXP Semiconductors
PNX3000 PHILIPS-PNX3000 Datasheet
285Kb / 51P
   Analog front end for digital video processors
2004 Oct 04
logo
Elantec Semiconductor
EL4101C ELANTEC-EL4101C Datasheet
61Kb / 6P
   500MHz Video Front End - 4:1MUX DC-Restore
logo
National Semiconductor ...
ADCS9888 NSC-ADCS9888 Datasheet
764Kb / 34P
   205/170/140 MSPS Video Analog Front End
ADCS9888 NSC-ADCS9888_05 Datasheet
1Mb / 34P
   205/170/140 MSPS Video Analog Front End
logo
Elantec Semiconductor
EL4102C ELANTEC-EL4102C Datasheet
272Kb / 9P
   500MHz Video Front End: 4-1 MUX, VGA & DC-Restore
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com