Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4511 Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL4511
Description  Super Sync Separator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4511 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL4511 Datasheet HTML 6Page - Intersil Corporation EL4511 Datasheet HTML 7Page - Intersil Corporation EL4511 Datasheet HTML 8Page - Intersil Corporation EL4511 Datasheet HTML 9Page - Intersil Corporation EL4511 Datasheet HTML 10Page - Intersil Corporation EL4511 Datasheet HTML 11Page - Intersil Corporation EL4511 Datasheet HTML 12Page - Intersil Corporation EL4511 Datasheet HTML 13Page - Intersil Corporation EL4511 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
FN7009.8
November 12, 2010
Timing Diagram 1 - Example of Horizontal Interval 525/625 Line Composite
50%
SYNC
TIP
VSYNC
(SYNC TIP
VOLTAGE)
VSLICE
SYNC LEVEL
COLOR BURST
VBLANK
(BLANKING LEVEL
VOLTAGE)
WHITE LEVEL
INPUT
DYNAMIC
RANGE
0.5V-2V
(@VCCA1=5V)
0.5V-1V
(@VCCA1=3.3V)
VIDEO
SYNC
DEPENDS ON WIDTH OF INPUT SYNC AT 50% LEVEL
tdSYNCOUT
TBACKPORCH
tdBACKPORCH
tdHOUT
THOUT
SYNC IN
SYNC OUT
HOUT
BACKPORCH
CONDITIONS: VCCA1 = VCCA2 = VCCD = +5V, TA = 25°C, NO FILTER (REGISTER 2 BIT 4 = 0)
No Filter
PARAMETER
DESCRIPTION
CONDITIONS
TYP
(Note 1)
UNIT
tdSYNCOUT
SYNCOUT Timing Relative to Input
See Timing Diagram 1
65
ns
tdHOUT
HOUT Timing Relative to Input
See Timing Diagram 1
470
ns
tdBACKPORCH
BACKPORCH Timing Relative to Input
See Timing Diagram 1
525
ns
THOUT
Horizontal Output Width
See Timing Diagram 1
1545
ns
TBACKPORCH
BACKPORCH (Clamp) Width
See Timing Diagram 1
3345
ns
NOTE:
1. Delay variation is less than 2.5ns over temperature range.
EL4511


Similar Part No. - EL4511

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4511 INTERSIL-EL4511 Datasheet
453Kb / 24P
   Super Sync Separator
logo
Renesas Technology Corp
EL4511 RENESAS-EL4511 Datasheet
964Kb / 24P
   Super Sync Separator
logo
Intersil Corporation
EL4511CU INTERSIL-EL4511CU Datasheet
453Kb / 24P
   Super Sync Separator
logo
Renesas Technology Corp
EL4511CU RENESAS-EL4511CU Datasheet
964Kb / 24P
   Super Sync Separator
logo
Intersil Corporation
EL4511CU-T13 INTERSIL-EL4511CU-T13 Datasheet
453Kb / 24P
   Super Sync Separator
More results

Similar Description - EL4511

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4511 INTERSIL-EL4511 Datasheet
453Kb / 24P
   Super Sync Separator
logo
Renesas Technology Corp
EL4511 RENESAS-EL4511 Datasheet
964Kb / 24P
   Super Sync Separator
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
logo
Intersil Corporation
EL1881 INTERSIL-EL1881 Datasheet
193Kb / 11P
   Sync Separator, Low Power
logo
Mitsumi Electronics, Co...
MM1067 MITSUMI-MM1067 Datasheet
92Kb / 3P
   No-adjustment Sync Separator Sync Detector
logo
National Semiconductor ...
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
logo
Rohm
BA7046F ROHM-BA7046F Datasheet
159Kb / 5P
   Sync. Separator With AFC
BA7071F ROHM-BA7071F_1 Datasheet
186Kb / 6P
   Sync. Separator With AFC
logo
Elantec Semiconductor
EL1881C ELANTEC-EL1881C Datasheet
319Kb / 12P
   Sync Separator, Low Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com