Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4501IUZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL4501IUZ
Description  Video Front End (VFE)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4501IUZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL4501IUZ Datasheet HTML 2Page - Intersil Corporation EL4501IUZ Datasheet HTML 3Page - Intersil Corporation EL4501IUZ Datasheet HTML 4Page - Intersil Corporation EL4501IUZ Datasheet HTML 5Page - Intersil Corporation EL4501IUZ Datasheet HTML 6Page - Intersil Corporation EL4501IUZ Datasheet HTML 7Page - Intersil Corporation EL4501IUZ Datasheet HTML 8Page - Intersil Corporation EL4501IUZ Datasheet HTML 9Page - Intersil Corporation EL4501IUZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
FIGURE 11. VOLTAGE NOISE vs FREQUENCY - VIDEO AMP
FIGURE 12. DIFFERENTIAL GAIN FOR RL TIED TO 0V
FIGURE 13. DIFFERENTIAL PHASE FOR RL TIED TO 0V
FIGURE 14. DIFFERENTIAL GAIN FOR RL TIED TO 0V
FIGURE 15. DIFFERENTIAL PHASE FOR RL TIED TO 0V
FIGURE 16. ACQUISITION TIME vs HOLD CAPACITANCE
Typical Performance Curves (Continued)
10K
1K
100
10
10
100
10K
100M
FREQUENCY (Hz)
1M
1K
100K
10M
0.25
0.15
0
-0.1
0.5
1
1.5
3.5
VOUT (V)
2.5
23
RF=0Ω
AV=1
0.2
0.05
-0.05
0.1
RL=150Ω
RL=10kΩ
0.08
-0.04
-0.12
0.5
1
1.5
3.5
VOUT (V)
2.5
23
0
-0.08
0.04
RF=0Ω
AV=1
RL=150Ω
RL=10kΩ
0.5
0.1
-0.2
0.5
1
1.5
3.5
VOUT (V)
2.5
23
0.3
-0.1
0.4
0
0.2
RF=1kΩ
AV=2
RL=150Ω
RL=10kΩ
0.15
-0.15
-0.35
0.5
1
1.5
3.5
VOUT (V)
2.5
23
-0.05
-0.25
0.05
RF=1kΩ
AV=2
RL=150Ω
RL=10kΩ
1600
0
0
100
200
500
HOLD CAPACITANCE (pF)
300
400
800
400
1200
AV=2
RF=1kΩ
RL=150Ω
VIN=1V STEP
VREF_IN=13.V
EL4501


Similar Part No. - EL4501IUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4501IUZ INTERSIL-EL4501IUZ Datasheet
477Kb / 19P
   Video Front End
EL4501IUZ INTERSIL-EL4501IUZ Datasheet
365Kb / 19P
   Video Front End
logo
Renesas Technology Corp
EL4501IUZ RENESAS-EL4501IUZ Datasheet
924Kb / 20P
   Video Front End
logo
Intersil Corporation
EL4501IUZ-T13 INTERSIL-EL4501IUZ-T13 Datasheet
365Kb / 19P
   Video Front End
logo
Renesas Technology Corp
EL4501IUZ-T13 RENESAS-EL4501IUZ-T13 Datasheet
924Kb / 20P
   Video Front End
More results

Similar Description - EL4501IUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4501 INTERSIL-EL4501 Datasheet
477Kb / 19P
   Video Front End
logo
Elantec Semiconductor
EL4501C ELANTEC-EL4501C Datasheet
183Kb / 10P
   Video Front End
logo
Intersil Corporation
EL4501 INTERSIL-EL4501_06 Datasheet
365Kb / 19P
   Video Front End
logo
Renesas Technology Corp
EL4501 RENESAS-EL4501 Datasheet
924Kb / 20P
   Video Front End
logo
Faraday Technology
ADC-100 FARADAY-ADC-100 Datasheet
187Kb / 5P
   VIDEO FRONT-END MODULES
logo
NXP Semiconductors
PNX3000 PHILIPS-PNX3000 Datasheet
285Kb / 51P
   Analog front end for digital video processors
2004 Oct 04
logo
Elantec Semiconductor
EL4101C ELANTEC-EL4101C Datasheet
61Kb / 6P
   500MHz Video Front End - 4:1MUX DC-Restore
logo
National Semiconductor ...
ADCS9888 NSC-ADCS9888 Datasheet
764Kb / 34P
   205/170/140 MSPS Video Analog Front End
ADCS9888 NSC-ADCS9888_05 Datasheet
1Mb / 34P
   205/170/140 MSPS Video Analog Front End
logo
Elantec Semiconductor
EL4102C ELANTEC-EL4102C Datasheet
272Kb / 9P
   500MHz Video Front End: 4-1 MUX, VGA & DC-Restore
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com