Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC625HFLP5E Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC625HFLP5E
Description  0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 6 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC625HFLP5E Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC625HFLP5E Datasheet HTML 1Page - Hittite Microwave Corporation HMC625HFLP5E Datasheet HTML 2Page - Hittite Microwave Corporation HMC625HFLP5E Datasheet HTML 3Page - Hittite Microwave Corporation HMC625HFLP5E Datasheet HTML 4Page - Hittite Microwave Corporation HMC625HFLP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC625HFLP5E Datasheet HTML 6Page - Hittite Microwave Corporation HMC625HFLP5E Datasheet HTML 7Page - Hittite Microwave Corporation HMC625HFLP5E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
0 - 6
HMC625HFLP5E
v00.0311
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL
VARIABLE GAIN AMPLIFIER, 0.5 - 6 GHz
Outline Drawing
nOtes:
1. leaDframe material: COpper allOY
2. DimensiOns are in inCHes [millimeters]
3. leaD spaCinG tOleranCe is nOn-CUmUlatiVe.
4. PAD BURR LENGTH SHALL BE 0.15 mm MAXIMUM.
PAD BURR HEIGHT SHALL BE 0.05 mm MAXIMUM.
5. PACKAGE WARP SHALL NOT EXCEED 0.05 mm.
6. all GrOUnD leaDs anD GrOUnD paDDle mUst be
sOlDereD tO pCb rf GrOUnD.
7. refer tO Hittite appliCatiOn nOte fOr sUGGesteD lanD pattern.
part number
package body material
lead finish
msl rating
package marking [2]
HmC625Hflp5e
roHs-compliant low stress injection molded plastic
100% matte sn
msl1
[1]
H625Hf
XXXX
[1] max peak reflow temperature of 260 °C
[2] 4-Digit lot number XXXX
Package Information
pin number
function
Description
interface schematic
1
ampin
this pin is DC coupled.
An off chip DC blocking capacitor is required.
29
ampOUt
rf output and DC bias (Vcc) for
the output stage of the amplifier.
2, 3, 13,
28, 30 - 32
GnD
these pins and package bottom
must be connected to rf/DC ground.
4, 12
attin,
attOUt
these pins are DC coupled and matched to 50 Ohms.
Blocking capacitors are required. Select value based
on lowest frequency of operation.
Pin Descriptions


Similar Part No. - HMC625HFLP5E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC625BLP5E AD-HMC625BLP5E Datasheet
637Kb / 10P
   Test Equipment and Sensors
logo
Hittite Microwave Corpo...
HMC625LP5 HITTITE-HMC625LP5 Datasheet
494Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 6 GHz
HMC625LP5 HITTITE-HMC625LP5 Datasheet
351Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 6 GHz
HMC625LP5E HITTITE-HMC625LP5E Datasheet
494Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 6 GHz
HMC625LP5E HITTITE-HMC625LP5E Datasheet
351Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 6 GHz
More results

Similar Description - HMC625HFLP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC742HFLP5E HITTITE-HMC742HFLP5E Datasheet
856Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 4 GHz
logo
Analog Devices
HMC627ALP5E AD-HMC627ALP5E Datasheet
833Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
HMC742ALP5E AD-HMC742ALP5E Datasheet
756Kb / 12P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
logo
Hittite Microwave Corpo...
HMC625LP5 HITTITE-HMC625LP5_10 Datasheet
494Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 6 GHz
HMC625LP5 HITTITE-HMC625LP5 Datasheet
351Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 6 GHz
HMC626LP5 HITTITE-HMC626LP5 Datasheet
380Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC626LP5 HITTITE-HMC626LP5_09 Datasheet
385Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC626ALP5E HITTITE-HMC626ALP5E Datasheet
739Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC627LP5 HITTITE-HMC627LP5 Datasheet
316Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC742LP5 HITTITE-HMC742LP5_09 Datasheet
395Kb / 12P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 70 MHz - 4 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com