Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4583AISZ-T7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL4583AISZ-T7
Description  Sync Separator, 50% Slice, S-H, Filter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4583AISZ-T7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL4583AISZ-T7 Datasheet HTML 2Page - Intersil Corporation EL4583AISZ-T7 Datasheet HTML 3Page - Intersil Corporation EL4583AISZ-T7 Datasheet HTML 4Page - Intersil Corporation EL4583AISZ-T7 Datasheet HTML 5Page - Intersil Corporation EL4583AISZ-T7 Datasheet HTML 6Page - Intersil Corporation EL4583AISZ-T7 Datasheet HTML 7Page - Intersil Corporation EL4583AISZ-T7 Datasheet HTML 8Page - Intersil Corporation EL4583AISZ-T7 Datasheet HTML 9Page - Intersil Corporation EL4583AISZ-T7 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
FN7503.2
November 12, 2010
Timing Diagram
2
1.8
1.6
1.4
1.2
1
0.8
0.4
0.2
0
0.6
0
25
50
75
100
125
150
AMBIENT TEMPERATURE (°C)
PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE JEDEC JESD51-7 HIGH EFFECTIVE
THERMAL CONDUCTIVITY TEST BOARD
1.563W
SO
16
(0.1
50”
)
θ
JA =8
0°C
/W
PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE JEDEC JESD51-3 LOW EFFECTIVE
THERMAL CONDUCTIVITY TEST BOARD
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
0
255075
100
125
150
AMBIENT TEMPERATURE (°C)
85
1.136W
SO1
6 (0
.150
”)
θ
JA =11
0°C
/W
NOTES:
b. The composite sync output reproduces all the video input sync pulses, with a propagation delay.
c. Vertical sync leading edge is coincident with the first vertical serration pulse leading edge, with a propagation delay.
d. Odd-even output is low for even field, and high for odd field.
e. Back porch goes low for a fixed pulse width on the trailing edge of video input sync pulses. Note that for serration pulses during
vertical, the back porch starts on the rising edge of the serration pulse (with propagation delay).
f. Horizontal sync output produces the true “H” pulses of nominal width of 5µs. It has the same delay as the composite sync.
FIGURE 1.
EL4583A


Similar Part No. - EL4583AISZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4583AISZ-T7 INTERSIL-EL4583AISZ-T7 Datasheet
213Kb / 10P
   Sync Separator, 50% Slice, S-H, Filter, HOUT
logo
Renesas Technology Corp
EL4583AISZ-T7 RENESAS-EL4583AISZ-T7 Datasheet
526Kb / 10P
   Sync Separator, 50% Slice, S-H, Filter, HOUT
More results

Similar Description - EL4583AISZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4583 INTERSIL-EL4583_10 Datasheet
319Kb / 10P
   Sync Separator, 50% Slice, S-H, Filter
EL4581 INTERSIL-EL4581_08 Datasheet
208Kb / 10P
   Sync Separator, 50% Slice, S-H, Filter
logo
Elantec Semiconductor
EL4581C ELANTEC-EL4581C Datasheet
209Kb / 12P
   Sync Separator, 50% Slice, S-H, Filter
logo
Intersil Corporation
EL4581 INTERSIL-EL4581 Datasheet
108Kb / 9P
   Sync Separator, 50% Slice, S-H, Filter
EL4581 INTERSIL-EL4581_10 Datasheet
361Kb / 10P
   Sync Separator, 50% Slice, S-H, Filter
logo
Renesas Technology Corp
EL4581 RENESAS-EL4581 Datasheet
496Kb / 10P
   Sync Separator, 50% Slice, S-H, Filter
EL4583A RENESAS-EL4583A Datasheet
526Kb / 10P
   Sync Separator, 50% Slice, S-H, Filter, HOUT
logo
Elantec Semiconductor
EL4583C ELANTEC-EL4583C Datasheet
272Kb / 12P
   Sync Separator, 50% Slice, S-H, Filter, HOUT
logo
Renesas Technology Corp
EL4583 RENESAS-EL4583 Datasheet
541Kb / 11P
   Sync Separator, 50% Slice, S-H, Filter, HOUT
logo
Intersil Corporation
EL4583A INTERSIL-EL4583A Datasheet
213Kb / 10P
   Sync Separator, 50% Slice, S-H, Filter, HOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com