Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL9115IL Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL9115IL
Description  Triple Analog Video Delay Line
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL9115IL Datasheet(HTML) 8 Page - Intersil Corporation

  EL9115IL Datasheet HTML 1Page - Intersil Corporation EL9115IL Datasheet HTML 2Page - Intersil Corporation EL9115IL Datasheet HTML 3Page - Intersil Corporation EL9115IL Datasheet HTML 4Page - Intersil Corporation EL9115IL Datasheet HTML 5Page - Intersil Corporation EL9115IL Datasheet HTML 6Page - Intersil Corporation EL9115IL Datasheet HTML 7Page - Intersil Corporation EL9115IL Datasheet HTML 8Page - Intersil Corporation EL9115IL Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
FN7441.5
September 22, 2009
Signals A and B are derived from the video input by
comparing the video signal with a slicing level, which is set by
an internal DAC. This enables the delay to be measured
either from the rising edges of sync-like signals encoded on
top of the video or from a dedicated set-up signal. The outputs
can be used to set the correct delays for the signals received.
The DAC level is set through the serial input by bits 1
through 4 directed to the test register (00).
Test Mode
Bit zero of the test register is set to 0 for normal operation. If
it is set to 1 then the device is in Test Mode. In Test Mode,
the DAC voltage is directed to the Green channel output,
while for the Red and Blue channels, the test outputs are
now pulses of current which are generated by looking at the
delay between the input and output of the channel. They
thus enable the delay to be measured.
FIGURE 15. DELAY DETECTOR
A
B
OUTPUT
4
SLICING LEVEL
COMPARATORS
A
B
VIDEO IN
TABLE 2.
wxyz
DAC/mV
1000
-400
1001
-350
1010
-300
1011
-250
1100
-200
1101
-150
1110
-100
1111
-50
0000
0
0001
50
0010
100
0011
150
0100
200
0101
250
0110
300
0111
350
NOTE: Test Register word = 000wxyzt. If t = 1 test mode else
normal. wxyz fed to DAC. z is LSB
EL9115


Similar Part No. - EL9115IL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL9115IL INTERSIL-EL9115IL Datasheet
581Kb / 9P
   Triple Analog Video Delay Line
EL9115IL INTERSIL-EL9115IL Datasheet
330Kb / 9P
   Triple Analog Video Delay Line
EL9115IL INTERSIL-EL9115IL Datasheet
373Kb / 9P
   Triple Analog Video Delay Line
EL9115IL-T13 INTERSIL-EL9115IL-T13 Datasheet
581Kb / 9P
   Triple Analog Video Delay Line
EL9115IL-T13 INTERSIL-EL9115IL-T13 Datasheet
330Kb / 9P
   Triple Analog Video Delay Line
More results

Similar Description - EL9115IL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL9115 INTERSIL-EL9115 Datasheet
581Kb / 9P
   Triple Analog Video Delay Line
EL9115 INTERSIL-EL9115_08 Datasheet
373Kb / 9P
   Triple Analog Video Delay Line
EL9115ILZ INTERSIL-EL9115ILZ Datasheet
446Kb / 10P
   Triple Analog Video Delay Line
January 12, 2012
EL9115 INTERSIL-EL9115_06 Datasheet
330Kb / 9P
   Triple Analog Video Delay Line
logo
Renesas Technology Corp
EL9115 RENESAS-EL9115 Datasheet
651Kb / 10P
   Triple Analog Video Delay Line
logo
Intersil Corporation
ISL59920 INTERSIL-ISL59920 Datasheet
815Kb / 16P
   Triple Analog Video Delay Lines
ISL59920IRZ INTERSIL-ISL59920IRZ Datasheet
795Kb / 18P
   Triple Analog Video Delay Lines
August 27, 2015
logo
Renesas Technology Corp
ISL59920 RENESAS-ISL59920 Datasheet
1Mb / 18P
   Triple Analog Video Delay Lines
logo
Intersil Corporation
ISL59920 INTERSIL-ISL59920_09 Datasheet
724Kb / 15P
   Triple Analog Video Delay Lines
logo
Analog Devices
AD8120 AD-AD8120 Datasheet
455Kb / 16P
   Triple Skew-Compensating Video Delay Line with Analog and Digital Control
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com