Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962R9572901VJC Datasheet(PDF) 5 Page - Intersil Corporation

Part # 5962R9572901VJC
Description  Radiation Hardened 4 to 16 Line Decoder/Demultiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962R9572901VJC Datasheet(HTML) 5 Page - Intersil Corporation

  5962R9572901VJC Datasheet HTML 1Page - Intersil Corporation 5962R9572901VJC Datasheet HTML 2Page - Intersil Corporation 5962R9572901VJC Datasheet HTML 3Page - Intersil Corporation 5962R9572901VJC Datasheet HTML 4Page - Intersil Corporation 5962R9572901VJC Datasheet HTML 5Page - Intersil Corporation 5962R9572901VJC Datasheet HTML 6Page - Intersil Corporation 5962R9572901VJC Datasheet HTML 7Page - Intersil Corporation 5962R9572901VJC Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
FN2479.3
January 6, 2011
TABLE 5. BURN-IN AND OPERATING LIFE TEST, DELTA PARAMETERS (+25°C)
PARAMETER
GROUP B SUBGROUP
DELTA LIMIT
ICC
5
12μA
IOL/IOH
5
-15% of 0 Hour
TABLE 6. APPLICABLE SUBGROUPS
CONFORMANCE GROUPS
METHOD
GROUP A SUBGROUPS
READ AND RECORD
Initial Test (Preburn-In)
100%/5004
1, 7, 9
ICC, IOL/H
Interim Test I (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H
Interim Test II (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H
PDA
100%/5004
1, 7, 9, Deltas
Interim Test III (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H
PDA
100%/5004
1, 7, 9, Deltas
Final Test
100%/5004
2, 3, 8A, 8B, 10, 11
Group A (Note 8)
Sample/5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11
Group B
Subgroup B-5
Sample/5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11,
Deltas
Subgroups 1, 2, 3, 9, 10, 11
Subgroup B-6
Sample/5005
1, 7, 9
Group D
Sample/5005
1, 7, 9
NOTE:
8. Alternate Group A testing in accordance with Method 5005 of MIL-STD-883 may be exercised.
TABLE 7. TOTAL DOSE IRRADIATION
CONFORMANCE
GROUPS
METHOD
TEST
READ AND RECORD
PRE RAD
POST RAD
PRE RAD
POST RAD
Group E Subgroup 2
5005
1, 7, 9
See “DC Post Radiation
Electrical Performance
Characteristics” table on page 4
1, 9
See “DC Post Radiation Electrical
Performance Characteristics” table
on page 4 (Note 9)
NOTE:
9. Except FN test which will be performed 100% Go/No-Go.
TABLE 8. STATIC AND DYNAMIC BURN-IN TEST CONNECTIONS
OPEN
GROUND
1/2 VCC = 3V ± 0.5V
VCC = 6V ± 0.5V
OSCILLATOR
50kHz
25kHz
STATIC BURN-IN I TEST CONDITIONS (Note 10)
1 - 11, 13 - 17
12, 18 - 23
-
24
-
-
STATIC BURN-IN II TEST CONNECTIONS (Note 10)
1 - 11, 13 - 17
12
-
18 - 24
-
-
DYNAMIC BURN-IN I TEST CONNECTIONS (Note 11)
-
12, 18 - 21
1 - 11, 13 - 17
24
23
22
NOTES:
10. Each pin except VCC and GND will have a resistor of 10kΩ ± 5% for static burn-in.
11. Each pin except VCC and GND will have a resistor of 1kΩ ± 5% for dynamic burn-in.
TABLE 9. IRRADIATION TEST CONNECTIONS
OPEN
GROUND
VCC = 5V ± 0.5V
1 - 11, 13 - 17
12
18 - 24
NOTE: Each pin except VCC and GND will have a resistor of 47kΩ ± 5% for irradiation testing. Group E, Subgroup 2, sample size
is 4 dice/wafer 0 failures.
HCS154MS


Similar Part No. - 5962R9572901VJC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5962R9572901VJC RENESAS-5962R9572901VJC Datasheet
578Kb / 8P
   Radiation Hardened 4 to 16 Line Decoder/Demultiplexer
January 6, 2011
More results

Similar Description - 5962R9572901VJC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS154MS INTERSIL-HCS154MS Datasheet
192Kb / 9P
   Radiation Hardened 4-to-16 Line Decoder/Demultiplexer
September 1995
logo
Renesas Technology Corp
HCS154MS RENESAS-HCS154MS Datasheet
578Kb / 8P
   Radiation Hardened 4 to 16 Line Decoder/Demultiplexer
January 6, 2011
logo
Intersil Corporation
ACS139MS INTERSIL-ACS139MS Datasheet
38Kb / 2P
   Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
November 1997
HCS139MS INTERSIL-HCS139MS Datasheet
171Kb / 9P
   Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
September 1995
logo
Renesas Technology Corp
HCTS139MS RENESAS-HCTS139MS Datasheet
834Kb / 9P
   Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
Jan 13, 2017
HCS139MS RENESAS-HCS139MS Datasheet
516Kb / 9P
   Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
September 1995
logo
Intersil Corporation
HCTS139MS INTERSIL-HCTS139MS Datasheet
160Kb / 9P
   Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
September 1995
HS-54C138RH INTERSIL-HS-54C138RH_00 Datasheet
537Kb / 4P
   Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
HS-54C138RH INTERSIL-HS-54C138RH Datasheet
38Kb / 6P
   Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
logo
Renesas Technology Corp
HCS138MS RENESAS-HCS138MS Datasheet
478Kb / 11P
   Radiation Hardened Inverting3-to-8 Line Decoder/Demultiplexer
Feb 24, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com