Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD-6409 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HD-6409
Description  CMOS Manchester Encoder-Decoder
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HD-6409 Datasheet(HTML) 5 Page - Intersil Corporation

  HD-6409 Datasheet HTML 1Page - Intersil Corporation HD-6409 Datasheet HTML 2Page - Intersil Corporation HD-6409 Datasheet HTML 3Page - Intersil Corporation HD-6409 Datasheet HTML 4Page - Intersil Corporation HD-6409 Datasheet HTML 5Page - Intersil Corporation HD-6409 Datasheet HTML 6Page - Intersil Corporation HD-6409 Datasheet HTML 7Page - Intersil Corporation HD-6409 Datasheet HTML 8Page - Intersil Corporation HD-6409 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
FN2951.3
October 15, 2008
Repeater Operation
Manchester Il data can be presented to the repeater in either
of two ways. The inputs Bipolar One In and Bipolar Zero In
will accept data from differential inputs such as a comparator
or sensed transformer coupled bus. The input Unipolar Data
In accepts only noninverted Manchester II coded data. The
decoder requires a single clock with a frequency 16X or 32X
the desired data rate. This clock is selected to 16X with
Speed Select low and 32X with Speed Select high. For long
data links the 32X mode should be used as this permits a
wider timing jitter margin.
The inputs UDl, or BOl, BZl are delayed approximately 1/2
bit period and repeated as outputs BOO and BZO. The 2X
ECLK is transmitted out of the repeater synchronously with
BOO and BZO.
A low on CTS enables ECLK, BOO, and BZO. In contrast to
the converter mode, a transition on CTS does not initiate a
synchronization sequence of eight 0’s and a command sync.
The repeater mode does recognize a command or data sync
pulse. SD/CDS is an output which reflects the state of the
most recent sync pulse received, with high indicating a
command sync and low indicating a data sync.
When RST is low, the outputs SDO, DCLK, and NVM are
low, and SRST is set low. SRST remains low after RST goes
high and is not reset until a sync pulse and two valid
manchester bits are received with the reset bit low. The reset
bit is the first data bit after the sync pulse. With RST high,
NRZ Data is transmitted out of Serial Data Out
synchronously with the 1X DCLK.
FIGURE 2. DECODER OPERATION
DCLK
UDI
SDO
RST
NVM
COMMAND
SYNC
10
01
01
0
1
0
1
0
1
0
FIGURE 3. REPEATER OPERATION
INPUT
COUNT
ECLK
UDI
BZO
BOO
RST
SRST
SYNC PULSE
12
3
45
6
7
HD-6409
HD-6409


Similar Part No. - HD-6409

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HD-6409 INTERSIL-HD-6409 Datasheet
68Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD-6409 INTERSIL-HD-6409 Datasheet
277Kb / 12P
   CMOS Manchester Encoder-Decoder
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-6409 INTERSIL-HD-6409 Datasheet
347Kb / 15P
   CMOS Manchester Encoder-Decoder
October 1, 2015
HD-6409/883 INTERSIL-HD-6409/883 Datasheet
135Kb / 7P
   CMOS Manchester Encoder-Decoder
More results

Similar Description - HD-6409

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
   CMOS Manchester Encoder-Decoder
HD-6409883 INTERSIL-HD-6409883 Datasheet
135Kb / 7P
   CMOS Manchester Encoder-Decoder
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
276Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
HD-6409 INTERSIL-HD-6409_05 Datasheet
277Kb / 12P
   CMOS Manchester Encoder-Decoder
HD-15531 INTERSIL-HD-15531 Datasheet
115Kb / 8P
   CMOS Manchester Encoder-Decoder
March 1997
HD3-6409-9 INTERSIL-HD3-6409-9 Datasheet
347Kb / 15P
   CMOS Manchester Encoder-Decoder
October 1, 2015
logo
Renesas Technology Corp
HD-15531 RENESAS-HD-15531 Datasheet
732Kb / 16P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Intersil Corporation
HD-6409 INTERSIL-HD-6409 Datasheet
68Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Aeroflex Circuit Techno...
ACT15530 AEROFLEX-ACT15530 Datasheet
131Kb / 15P
   CMOS Manchester Encoder / Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com