Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI1-574ASD-2 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HI1-574ASD-2
Description  Complete, 12-Bit A/D Converters with Converters with Microprocessor Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1-574ASD-2 Datasheet(HTML) 5 Page - Intersil Corporation

  HI1-574ASD-2 Datasheet HTML 1Page - Intersil Corporation HI1-574ASD-2 Datasheet HTML 2Page - Intersil Corporation HI1-574ASD-2 Datasheet HTML 3Page - Intersil Corporation HI1-574ASD-2 Datasheet HTML 4Page - Intersil Corporation HI1-574ASD-2 Datasheet HTML 5Page - Intersil Corporation HI1-574ASD-2 Datasheet HTML 6Page - Intersil Corporation HI1-574ASD-2 Datasheet HTML 7Page - Intersil Corporation HI1-574ASD-2 Datasheet HTML 8Page - Intersil Corporation HI1-574ASD-2 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
FN3096.6
August 7, 2008
Temperature Coefficients
Guaranteed Max Change, TMIN to TMAX (Using Internal Reference)
Unipolar Offset
±2
±1
LSB
Bipolar Offset
±2
±1
LSB
Full Scale Calibration
±9
±2
LSB
Power Supply Rejection Max Change In Full Scale Calibration
+13.5V < VCC < +16.5V or +11.4V < VCC < +12.6V
±2
±1
LSB
+4.5V < VLOGIC < +5.5V
±1/2
±1/2
LSB
-16.5V < VEE < -13.5V or -12.6V < VEE < -11.4V
±2
±1
LSB
ANALOG INPUTS
Input Ranges
Bipolar
-5 to +5 (Note 6)
V
-10 to +10 (Note 7)
V
Unipolar
0 to +10 (Note 6)
V
0 to +20 (Note 7)
V
Input Impedance
10V Span
5k, ±25%
Ω
20V Span
10k, ±25%
Ω
POWER SUPPLIES
Operating Voltage Range
VLOGIC
+4.5 to +5.5
V
VCC
+11.4 to +16.5
V
VEE
-11.4 to -16.5
V
Operating Current
ILOGIC
7 Typ, 15 Max
mA
ICC +15V Supply
11 Typ, 15 Max
mA
IEE -15V Supply
21 Typ, 28 Max
mA
Power Dissipation
±15V, +5V
515 Typ, 720 Max
mW
±12V, +5V
385 Typ
mW
Internal Reference Voltage
TMIN to TMAX
+10.00 ±0.05 Max
V
Output Current, Available For External Loads (External Load Should Not
Change During Conversion).
2.0 Max
mA
DC and Transfer Accuracy Specifications Typical at +25°C with VCC = +15V or +12V, VLOGIC = +5V, VEE = -15V or -12V;
Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise
specified. Temperature limits established by characterization and are not
production tested. (Continued)
PARAMETER
TEMPERATURE RANGE
-5 (0°C to +75°C)
UNITS
J SUFFIX
K SUFFIX
HI-574A, HI-674A


Similar Part No. - HI1-574ASD-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1-574ASD-2 INTERSIL-HI1-574ASD-2 Datasheet
200Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 1997
HI1-574ASD-2 INTERSIL-HI1-574ASD-2 Datasheet
453Kb / 17P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
HI1-574ASD-2 INTERSIL-HI1-574ASD-2 Datasheet
567Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 7, 2008
logo
Renesas Technology Corp
HI1-574ASD-2 RENESAS-HI1-574ASD-2 Datasheet
631Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
Aug 7, 2008
More results

Similar Description - HI1-574ASD-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-574A INTERSIL-HI-574A Datasheet
200Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 1997
logo
Renesas Technology Corp
HI-574A RENESAS-HI-574A Datasheet
631Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
Aug 7, 2008
logo
Intersil Corporation
HI-574A INTERSIL-HI-574A_01 Datasheet
453Kb / 17P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
HI3-574AJN-5 INTERSIL-HI3-574AJN-5 Datasheet
567Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 7, 2008
logo
Analog Devices
AD674B AD-AD674B Datasheet
247Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774BJNZ AD-AD774BJNZ Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674BTE AD-AD674BTE Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
ADADC85 AD-ADADC85_15 Datasheet
1Mb / 12P
   Fast, Complete 12-Bit A/D Converters
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com