Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI3-674AJN-5 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HI3-674AJN-5
Description  Complete, 12-Bit A/D Converters with Converters with Microprocessor Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI3-674AJN-5 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HI3-674AJN-5 Datasheet HTML 4Page - Intersil Corporation HI3-674AJN-5 Datasheet HTML 5Page - Intersil Corporation HI3-674AJN-5 Datasheet HTML 6Page - Intersil Corporation HI3-674AJN-5 Datasheet HTML 7Page - Intersil Corporation HI3-674AJN-5 Datasheet HTML 8Page - Intersil Corporation HI3-674AJN-5 Datasheet HTML 9Page - Intersil Corporation HI3-674AJN-5 Datasheet HTML 10Page - Intersil Corporation HI3-674AJN-5 Datasheet HTML 11Page - Intersil Corporation HI3-674AJN-5 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
FN3096.6
August 7, 2008
READ MODE
tDD
Access Time from CE
-
75
150
ns
tHD
Data Valid After CE Low
25
-
-
ns
tHL
Output Float Delay
-
100
150
ns
tSSR
CS to CE Setup
50
-
-
ns
tSRR
R/C to CE Setup
0
-
-
ns
tSAR
AO to CE Setup
50
-
-
ns
tHSR
CS Valid After CE Low
0
-
-
ns
tHRR
R/C High After CE Low
0
-
-
ns
tHAR
AO Valid After CE Low
50
-
-
ns
tHS
STS Delay After Data Valid
300
-
1200
ns
Timing Specifications (HI-674A) +25°C, Note 5, Unless Otherwise Specified.
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONVERT MODE
tDSC
STS Delay from CE
-
-
200
ns
tHEC
CE Pulse Width
50
-
-
ns
tSSC
CS to CE Setup
50
-
-
ns
tHSC
CS Low During CE High
50
-
-
ns
tSRC
R/C to CE Setup
50
-
-
ns
tHRC
R/C Low During CE High
50
-
-
ns
tSAC
AO to CE Setup
0
-
-
ns
tHAC
AO Valid During CE High
50
-
-
ns
tC
Conversion Time
12-Bit Cycle TMIN to TMAX
812
15
µs
8-Bit Cycle TMIN to TMAX
58
10
µs
READ MODE
tDD
Access Time from CE
-
75
150
ns
tHD
Data Valid After CE Low
25
-
-
ns
tHL
Output Float Delay
-
100
150
ns
tSSR
CS to CE Setup
50
-
-
ns
tSRR
R/C to CE Setup
0
-
-
ns
tSAR
AO to CE Setup
50
-
-
ns
tHSR
CS Valid After CE Low
0
-
-
ns
tHRR
R/C High After CE Low
0
-
-
ns
tHAR
AO Valid After CE Low
50
-
-
ns
tHS
STS Delay After Data Valid
25
-
850
ns
NOTES:
5. Time is measured from 50% level of digital transitions. Tested with a 50pF and 3k
Ω load.
6. For the “10V Input”, Pin 13.
7. For the “20V Input”, Pin 14.
Timing Specifications (HI-574A) +25°C, Note 5, Unless Otherwise Specified. (Continued)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
HI-574A, HI-674A


Similar Part No. - HI3-674AJN-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3-674AJN-5 INTERSIL-HI3-674AJN-5 Datasheet
200Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 1997
HI3-674AJN-5 INTERSIL-HI3-674AJN-5 Datasheet
453Kb / 17P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
HI3-674AJN-5 INTERSIL-HI3-674AJN-5 Datasheet
567Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 7, 2008
logo
Renesas Technology Corp
HI3-674AJN-5 RENESAS-HI3-674AJN-5 Datasheet
631Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
Aug 7, 2008
logo
Intersil Corporation
HI3-674AJN-5Z INTERSIL-HI3-674AJN-5Z Datasheet
567Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 7, 2008
More results

Similar Description - HI3-674AJN-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-574A INTERSIL-HI-574A Datasheet
200Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 1997
logo
Renesas Technology Corp
HI-574A RENESAS-HI-574A Datasheet
631Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
Aug 7, 2008
logo
Intersil Corporation
HI-574A INTERSIL-HI-574A_01 Datasheet
453Kb / 17P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
HI3-574AJN-5 INTERSIL-HI3-574AJN-5 Datasheet
567Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 7, 2008
logo
Analog Devices
AD674B AD-AD674B Datasheet
247Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774BJNZ AD-AD774BJNZ Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674BTE AD-AD674BTE Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
ADADC85 AD-ADADC85_15 Datasheet
1Mb / 12P
   Fast, Complete 12-Bit A/D Converters
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com