Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

556-1503-314F Datasheet(PDF) 1 Page - Dialight Corporation

Part # 556-1503-314F
Description  Day Light Viewable Panel Mount Indicators for 1' Mounting Hole
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

556-1503-314F Datasheet(HTML) 1 Page - Dialight Corporation

  556-1503-314F Datasheet HTML 1Page - Dialight Corporation 556-1503-314F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES / BENEFITS
p Daylight viewable - Clear lens to prevent
phantom light effect
p Safety standards - UL and NEMA
p Tamperproof / Designed for high durability
p Long life, lasting up to 100k hours
p Uniform illumination - multi-LED construction
p Low profile flat lens: Non-tinted, non-diffused
p IP66 from front of panel
556 Series
Day Light Viewable
Panel Mount Indicators
for 1” Mounting Hole
Watertight - NEMA4X IP66
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
MDEL556CR_A
APPLICATIONS
The 556 Series LED Panel Mount Indicators incorporate both InGaN
and AlInGaP technologies to offer higher intensities. This is a highly
durable package, designed to withstand outdoor applications
susceptible to rain, dust and sunlight.
• Instrument panels
• Lane control
• Safety applications
• Display lighting
• UL 508 panel applications
• Transportation - rail, bus, airline
• Agricultural controls
• Ground support Vehicles
•Power Generators
• Pump system controlers
• Environmental Monitoring Equiptment
...And Many More
SPECIFICATIONS
p Available in red, yellow, green, blue, orange and cyan
p UL recognized - File #E156890
p Voltage range of 12 to 125 VDC, 125 and 230 VAC
p Front mounting in 1” clearance hole
p Watertight seal from front of panel meets NEMA 4X IP66
p Operating temperature: -30oC to +85oC
p Maximum Mounting Torque - 40 in./lb.
p Storage temperature: -40oC to +100oC
p Housing material: Nickel plated brass
p Lens material: Clear UV Stabilized Polycarbonate 94 -VO
p Max. panel thickness: .600”
Please see back of page for part numbers and additional specifications.
Dimensions in inches [mm]
All measurements are typical
Dialight reserves the right to make changes at any time
in order to supply the best product possible.
Polarity marking indicated on housing
near positive supply terminal
FLAT LENS


Similar Part No. - 556-1503-314F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
556-1503-304F DIALIGHT-556-1503-304F Datasheet
115Kb / 2P
   High Intensity LED Panel Mount Indicators for 1??Mounting Hole
556-1503-324F DIALIGHT-556-1503-324F Datasheet
221Kb / 2P
   Class I, Div. 2 Panel Mount Indicators for 1' Mounting Hole
556-1503-324F DIALIGHT-556-1503-324F Datasheet
275Kb / 1P
   1' LED PMI, FLAT LENS CLASS 1, DIV.2
More results

Similar Description - 556-1503-314F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
556-1003-304F DIALIGHT-556-1003-304F Datasheet
115Kb / 2P
   High Intensity LED Panel Mount Indicators for 1??Mounting Hole
616-1132-120F DIALIGHT-616-1132-120F Datasheet
81Kb / 1P
   LED Panel Mount Indicators for 16mm Mounting Hole
606-1111-110F DIALIGHT-606-1111-110F Datasheet
105Kb / 2P
   LED Panel Mount Indicators for 6mm Mounting Hole
608-1131-110F DIALIGHT-608-1131-110F Datasheet
103Kb / 2P
   LED Panel Mount Indicators for 8mm Mounting Hole
612-3132-120F DIALIGHT-612-3132-120F Datasheet
87Kb / 1P
   LED Panel Mount Indicators for 12mm Mounting Hole
610-3132-120F DIALIGHT-610-3132-120F Datasheet
90Kb / 1P
   LED Panel Mount Indicators for 10mm Mounting Hole
605-1111-110F DIALIGHT-605-1111-110F Datasheet
79Kb / 1P
   LED Panel Mount Indicators for 5mm Mounting Hole
609-1112-130 DIALIGHT-609-1112-130 Datasheet
515Kb / 2P
   LED Panel Mount Indicators for 9mm Mounting Hole
556-1003-324F DIALIGHT-556-1003-324F Datasheet
221Kb / 2P
   Class I, Div. 2 Panel Mount Indicators for 1' Mounting Hole
249-4162-3734-504F DIALIGHT-249-4162-3734-504F Datasheet
117Kb / 2P
   LED Panel Mount Indicators for 3/8' Mounting Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com