Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL1F20 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GL1F20
Description  Infrared Communication IrDA1.0 Compatible InfraredEmitting Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL1F20 Datasheet(HTML) 2 Page - Sharp Corporation

  GL1F20 Datasheet HTML 1Page - Sharp Corporation GL1F20 Datasheet HTML 2Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
General Descriptions of IrDA1.0 System
Transmission rate : 2.4k to 115.2kbps
Modulation system : SIR
Receiving distance : 1 m
Transmitting wavelength : 850 to 900 nm
Receiving waveform : As shown in the right drawing
Output waveform : As shown in the right drawing
100
025
50
75
0
-25
Ambient temperature Ta (˚C)
500
400
300
200
100
70
Fig. 1 Peak Forward Current vs. Ambient
Temperature
Infrared Communication Terminal System Configuration Using GL1F20/IS1U20
-10
Pulse width 78.1
µ s
Duty ratio= 3/16
Please refer to the chapter "Precautions for Use". (Page 78 to 93)
Receiving waveform
Output waveform
(3/16) T
0
1
0
1
TT
T =8.6 to 417
µ s
Light emitting device for
infrared communication
(GL1F20)
Light emitting device for
infrared communication
(GL1F20)
OPIC detecting device for
infrared communication
(IS1U20)
OPIC detecting device for
infrared communication
(IS1U20)
Comparator
Amp
Amp
OA equipment body such as portable information terminal equipment
OA equipment body such as portable information terminal equipment
Comparator
GL1F20
s
s
q


Similar Part No. - GL1F20

ManufacturerPart #DatasheetDescription
logo
SICK AG
GL10-03811S01 SICK-GL10-03811S01 Datasheet
866Kb / 7P
   Photoelectric retro-reflective sensor
GL10-03811S02 SICK-GL10-03811S02 Datasheet
854Kb / 7P
   Photoelectric retro-reflective sensor
GL10-F4551 SICK-GL10-F4551 Datasheet
808Kb / 7P
   Photoelectric retro-reflective sensor
GL10-F4554 SICK-GL10-F4554 Datasheet
808Kb / 7P
   Photoelectric retro-reflective sensor
GL10-N1111 SICK-GL10-N1111 Datasheet
788Kb / 7P
   Photoelectric retro-reflective sensor
More results

Similar Description - GL1F20

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
IS1U20 SHARP-IS1U20 Datasheet
33Kb / 3P
   OPIC Light Detector for Infrared Communication (IrDA1.0 Compatible)
logo
M-System Co.,Ltd.
COPIRU MSYSTEM-COPIRU Datasheet
80Kb / 2P
   INFRARED COMMUNICATION ADAPTOR
logo
Rohm
RPM872-H14 ROHM-RPM872-H14 Datasheet
96Kb / 7P
   IrDA infrared communication module
RPM882-H12 ROHM-RPM882-H12 Datasheet
126Kb / 10P
   IrDA Infrared Communication Module
RPM873 ROHM-RPM873 Datasheet
87Kb / 7P
   IrDA Infrared Communication Module
RPM871-E4 ROHM-RPM871-E4 Datasheet
75Kb / 8P
   IrDA Infrared communication Module
RPM872-H12 ROHM-RPM872-H12_06 Datasheet
96Kb / 7P
   IrDA Infrared communication Module
RPM960-H14 ROHM-RPM960-H14_05 Datasheet
117Kb / 6P
   IrDA Infrared Communication Module
RPM972-H14 ROHM-RPM972-H14 Datasheet
117Kb / 10P
   IrDA Infrared Communication Module
RPM872 ROHM-RPM872 Datasheet
88Kb / 7P
   IrDA infrared communication module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com