Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

559-1301-001F Datasheet(PDF) 2 Page - Dialight Corporation

Part # 559-1301-001F
Description  Snap-in LED (.250' Mounting Hole) Panel Mount Indicators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

559-1301-001F Datasheet(HTML) 2 Page - Dialight Corporation

  559-1301-001F Datasheet HTML 1Page - Dialight Corporation 559-1301-001F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Part Number
Color
Peak Wavelength
(nm)
Intensity
typ. (mcd)
lf typ.
(mA)
Vf typ.
(V)
Viewing Angle
2Ø 1/2
Max. forward
current (mA)
Termination
RoHS
Compliant
559-1101-001F
Red
635
2.0
2
1.8
50
7
Straight terminals
559-1201-001F
Yellow
585
1.8
2
1.9
50
7
Straight terminals
559-1301-001F
Green
565
1.8
2
1.8
50
7
Straight terminals
559-1101-003F
Red
635
2.0
2
1.8
50
7
6 inch wire leads
559-1201-003F
Yellow
585
1.8
2
1.9
50
7
6 inch wire leads
559-1301-003F
Green
565
1.8
2
1.8
50
7
6 inch wire leads
559-1101-007F
Red
635
2.0
2
1.8
50
7
14 inch wire leads
559-1201-007F
Yellow
585
1.8
2
1.9
50
7
14 inch wire leads
559-1301-007F
Green
565
1.8
2
1.8
50
7
14 inch wire leads
559 Series- Low Current & High Efficiency
Snap-in LED (
.250” Mounting Hole)
Panel Mount Indicators
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
MDEL559LCHE001_B
LOW CURRENT-DIFFUSED
HIGH EFFICIENCY-DIFFUSED
Part Number
Color
Peak Wavelength
(nm)
Intensity
typ. (mcd)
lf typ.
(mA)
Vf typ.
(V)
Viewing Angle
2Ø 1/2
Max. forward
current (mA)
Termination
RoHS
Compliant
559-2101-001F
Red
650
7
10
2.2
50
20
Straight terminals
559-2201-001F
Green
563
10
10
2.1
65
25
Straight terminals
559-2301-001F
Yellow
585
6.3
10
2.1
50
20
Straight terminals
559-2501-001F
Orange
600
7
10
1.9
60
30
Straight terminals
559-5101-001F
Red
650
34
20
2.1
50
25
Straight terminals
559-5201-001F
Green
563
34
20
2.2
50
25
Straight terminals
559-5301-001F
Yellow
585
34
20
2.2
50
25
Straight terminals
559-5401-001F
Orange
610
34
20
2.2
50
25
Straight terminals
559-2101-003F
Red
650
7
10
2.2
50
20
6 inch wire leads
559-2201-003F
Green
563
10
10
2.1
65
25
6 inch wire leads
559-2301-003F
Yellow
585
6.3
10
2.1
50
20
6 inch wire leads
559-2501-003F
Orange
600
7
10
1.9
60
30
6 inch wire leads
559-5101-003F
Red
650
34
20
2.1
50
25
6 inch wire leads
559-5201-003F
Green
563
34
20
2.2
50
25
6 inch wire leads
559-5301-003F
Yellow
585
34
20
2.2
50
25
6 inch wire leads
559-5401-003F
Orange
610
34
20
2.2
50
25
6 inch wire leads
559-2101-007F
Red
650
7
10
2.2
50
20
14 inch wire leads
559-2201-007F
Green
563
10
10
2.1
65
25
14 inch wire leads
559-2301-007F
Yellow
585
6.3
10
2.1
50
20
14 inch wire leads
559-2501-007F
Orange
600
7
10
1.9
60
30
14 inch wire leads
559-5101-007F
Red
650
34
20
2.1
50
25
14 inch wire leads
559-5201-007F
Green
563
34
20
2.2
50
25
14 inch wire leads
559-5301-007F
Yellow
585
34
20
2.2
50
25
14 inch wire leads
559-5401-007F
Orange
610
34
20
2.2
50
25
14 inch wire leads
HIGH EFFICIENCY - NON-TINTED/NON-DIFFUSED
Part Number
Color
Peak Wavelength
(nm)
Intensity
typ. (mcd)
lf typ.
(mA)
Vf typ.
(V)
Viewing Angle
2Ø 1/2
Max. forward
current (mA)
Termination
RoHS
Compliant
559-5501-001F
Red
635
125
20
2.2
24
30
Straight terminals
559-5601-001F
Green
565
120
20
2.3
24
30
Straight terminals
559-5701-001F
Yellow
583
140
20
2.2
24
20
Straight terminals
559-5801-001F
Orange
605
90
20
2.2
20
50
Straight terminals
559-5501-003F
Red
635
125
20
2.2
24
30
6 inch wire leads
559-5601-003F
Green
565
120
20
2.3
24
30
6 inch wire leads
559-5701-003F
Yellow
583
140
20
2.2
24
20
6 inch wire leads
559-5801-003F
Orange
605
90
20
2.2
20
50
6 inch wire leads
559-5501-001F
Red
635
125
20
2.2
24
30
14 inch wire leads
559-5601-007F
Green
565
120
20
2.3
24
30
14 inch wire leads
559-5701-007F
Yellow
583
140
20
2.2
24
20
14 inch wire leads
559-5801-007F
Orange
605
90
20
2.2
20
50
14 inch wire leads
Typical Operating Characteristics (Ta=25
oC)


Similar Part No. - 559-1301-001F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
559-1301-001F DIALIGHT-559-1301-001F Datasheet
206Kb / 2P
   559 Series Snap-in LED - .250??Mounting Hole
More results

Similar Description - 559-1301-001F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
559-0102-001F DIALIGHT-559-0102-001F Datasheet
146Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
559-5901-001F DIALIGHT-559-5901-001F Datasheet
134Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
559-3001-001F DIALIGHT-559-3001-001F Datasheet
182Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
558-3001-001F DIALIGHT-558-3001-001F Datasheet
102Kb / 2P
   Snap-in LED - .156' Mounting Hole Panel Mount Indicators
558-1501-001F DIALIGHT-558-1501-001F Datasheet
134Kb / 2P
   Snap-in LED Panel Mount Indicators
558-0102-001F DIALIGHT-558-0102-001F Datasheet
126Kb / 2P
   5V Integral Resistor Snap-in LED - .156' Mounting Hole Panel Mount Indicators
616-1132-120F DIALIGHT-616-1132-120F Datasheet
81Kb / 1P
   LED Panel Mount Indicators for 16mm Mounting Hole
606-1111-110F DIALIGHT-606-1111-110F Datasheet
105Kb / 2P
   LED Panel Mount Indicators for 6mm Mounting Hole
608-1131-110F DIALIGHT-608-1131-110F Datasheet
103Kb / 2P
   LED Panel Mount Indicators for 8mm Mounting Hole
612-3132-120F DIALIGHT-612-3132-120F Datasheet
87Kb / 1P
   LED Panel Mount Indicators for 12mm Mounting Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com