Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

558-0101-001F Datasheet(PDF) 2 Page - Dialight Corporation

Part # 558-0101-001F
Description  Low Current & High Efficiency Snap-in LED Panel Mount Indicators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

558-0101-001F Datasheet(HTML) 2 Page - Dialight Corporation

  558-0101-001F Datasheet HTML 1Page - Dialight Corporation 558-0101-001F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
558 Series - Low Current & High Efficiency
Snap-in LED Panel Mount Indicators
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
MDEL558LCHE001_B
LED Panel Mount Indicator Selection
Dialight’s line of LED Panel Mount Indicators are available in a variety of sizes and options.
Please visit our website for more information. www.dialight.com
.156” (3.96mm) 5
55
58
8 S
Seerriieess
8mm 6
60
08
8 S
Seerriieess
.250” (6.35mm) 5
55
59
9 S
Seerriieess
9mm 6
60
09
9 S
Seerriieess
5mm 6
60
05
5 S
Seerriieess
10mm 6
61
10
0 S
Seerriieess
6mm 6
60
06
6 S
Seerriieess
11/16” Watertight 5
55
57
7 S
Seerriieess
7mm 6
60
07
7 S
Seerriieess
1” Watertight 5
55
56
6 S
Seerriieess
LOW CURRENT-DIFFUSED
Part Number
Color
Peak Wavelength
(nm)
Intensity
typ. (mcd)
lf typ.
(mA)
Vf typ.
(V)
Viewing Angle
2O 1/2
Max. forward
current (mA)
Termination
RoHS
Compliant
558-1101-001F
Red
635
1.6
2
1.7
60
7
Straight terminals
558-1201-001F
Yellow
585
1.6
2
1.8
60
7
Straight terminals
558-1301-001F
Green
565
1.6
2
1.9
60
7
Straight terminals
558-1101-003F
Red
635
1.6
2
1.7
60
7
6 inch wire leads
558-1201-003F
Yellow
585
1.6
2
1.8
60
7
6 inch wire leads
558-1301-003F
Green
565
1.6
2
1.9
60
7
6 inch wire leads
558-1101-007F
Red
635
1.6
2
1.7
60
7
14 inch wire leads
558-1201-007F
Yellow
585
1.6
2
1.8
60
7
14 inch wire leads
558-1301-007F
Green
565
1.6
2
1.9
60
7
14 inch wire leads
Typical Operating Characteristics (Ta=25
oC)
HIGH EFFICIENCY-DIFFUSED
Typical Operating Characteristics (Ta=25
oC)
Part Number
Color
Peak Wavelength
(nm)
Intensity
typ. (mcd)
lf typ.
(mA)
Vf typ.
(V)
Viewing Angle
2O 1/2
Max. forward
current (mA)
Termination
RoHS
Compliant
558-0101-001F
Red
650
10
10
2.0
55
20
Straight terminals
558-0201-001F
Green
563
16
10
2.1
55
25
Straight terminals
558-0301-001F
Yellow
585
10
10
2.1
55
20
Straight terminals
558-0401-001F
Orange
600
7
10
1.9
60
25
Straight terminals
558-0803-001F
Blue
465
13
10
3.5
70
20
Straight terminals
558-1801-001F
Red
660
30
10
1.8
60
40
Straight terminals
558-0101-003F
Red
650
10
10
2.0
55
20
6 inch wire leads
558-0201-003F
Green
563
16
10
2.1
55
25
6 inch wire leads
558-0301-003F
Yellow
585
10
10
2.1
55
20
6 inch wire leads
558-0401-003F
Orange
600
7
10
1.9
60
25
6 inch wire leads
558-0803-003F
Blue
465
13
10
3.5
70
20
6 inch wire leads
558-1801-003F
Red
660
30
10
1.8
60
40
6 inch wire leads
558-0101-007F
Red
650
10
10
2.0
55
20
14 inch wire leads
558-0201-007F
Green
563
16
10
2.1
55
25
14 inch wire leads
558-0301-007F
Yellow
585
10
10
2.1
55
20
14 inch wire leads
558-0401-007F
Orange
600
7
10
1.9
60
25
14 inch wire leads
558-0803-007F
Blue
465
13
10
3.5
70
20
14 inch wire leads
558-1801-007F
Red
660
30
10
1.8
60
40
14 inch wire leads


Similar Part No. - 558-0101-001F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
558-0101-001F DIALIGHT-558-0101-001F Datasheet
145Kb / 2P
   558 Series Snap-in LED - .156??Mounting Hole
More results

Similar Description - 558-0101-001F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
558-1501-001F DIALIGHT-558-1501-001F Datasheet
134Kb / 2P
   Snap-in LED Panel Mount Indicators
559-0102-001F DIALIGHT-559-0102-001F Datasheet
146Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
559-5901-001F DIALIGHT-559-5901-001F Datasheet
134Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
558-3001-001F DIALIGHT-558-3001-001F Datasheet
102Kb / 2P
   Snap-in LED - .156' Mounting Hole Panel Mount Indicators
559-1101-001F DIALIGHT-559-1101-001F Datasheet
104Kb / 2P
   Snap-in LED (.250' Mounting Hole) Panel Mount Indicators
559-3001-001F DIALIGHT-559-3001-001F Datasheet
182Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
656 DIALIGHT-656 Datasheet
532Kb / 4P
   High Intensity LED Panel Mount Indicators
Nov2021
558-0102-001F DIALIGHT-558-0102-001F Datasheet
126Kb / 2P
   5V Integral Resistor Snap-in LED - .156' Mounting Hole Panel Mount Indicators
logo
P-tec Corporation
PL519-1R21 P-TEC-PL519-1R21 Datasheet
76Kb / 1P
   LED Snap-in Panel Mount Holder
logo
List of Unclassifed Man...
PM3 ETC2-PM3 Datasheet
2Mb / 10P
   PANEL MOUNT INDICATORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com