Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

249-7872-3331-504F Datasheet(PDF) 1 Page - Dialight Corporation

Part # 249-7872-3331-504F
Description  LED Panel Mount Indicators for 3/8' Mounting Hole
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

249-7872-3331-504F Datasheet(HTML) 1 Page - Dialight Corporation

  249-7872-3331-504F Datasheet HTML 1Page - Dialight Corporation 249-7872-3331-504F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES / BENEFITS
p RoHS Compliant
p Long life – typically 100K hours
p Low power consumption – uses up to 90% less energy
than an incandescent indicator
p Front or rear panel mounting
p Available in either cylindrical or stovepipe lens, unique
internal fresnel design provides uniform illumination
p Aluminum black anodized housing enhances contrast
p No heat generate
p Resistant to shock and vibration
p Colors include – red, green, yellow and blue
p Polarity indication by terminal (+) denotes anode
249 Series
LED Panel Mount Indicators
for 3/8” Mounting Hole
APPLICATIONS
Dialight’s 249 series LED panel mount indicator is available with a
variety of LEDs as well as neon for 120 VAC operation. Typical
applications for the 249 series include:
• Main and remote power indication
• Status indication
• Maintenance and warning indication
• Instrumentation
• Process Control
……..and many more!
SPECIFICATIONS
p Voltage requirements: 3.6, 5, 10, 14 and 28 VDC*
p Operating temperature: -20º to +71ºC
(No current limiting resistor required)
p Storage temperature: -40º to +71ºC
p Electrical connection: Turret terminals for wire wrapping p Max Panel thickness: 0.312” (7.92 mm)
p Mounting hole size: 0.375” (9.53 mm)
p Mounts with knurled flange nut, lock washer and nut.
* Dialight recommends tolerance of 5% of specified voltage range
(8-10 in-lbs torque)
NOTES:
1. Dimensions in inches [mm]
2. All measurements are typical
3. Hardware includes knurled ring, lock washer & hex nut
CYLINDRICAL LENS 1
STOVEPIPE LENS
POLARITY
MARK
Lockwash - .22 x 1/2
OD Internal Tooth
POLARITY
MARK
Knurled Flange Nut
.099 x .509
max OD
Nut - 3/32 x 1/2 Flat Hex
Figure 1
Figure 2
.230
[5.80]
.571 [14.50]
.993
[25.20]
.16
[4.06]
.330
[8.40]
.280
[7.10]
.571 [14.50]
.993
[25.20]
1. Cylindrical lens will provide wider viewing angle.
www.dialight.com


Similar Part No. - 249-7872-3331-504F

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
249-001 GLENAIR-249-001 Datasheet
118Kb / 2P
   Conductive O-Ring
249-001-09-B GLENAIR-249-001-09-B Datasheet
286Kb / 2P
   Conductive O-Ring for EMI Shielding
249-001-09-C GLENAIR-249-001-09-C Datasheet
286Kb / 2P
   Conductive O-Ring for EMI Shielding
249-001-09-H GLENAIR-249-001-09-H Datasheet
286Kb / 2P
   Conductive O-Ring for EMI Shielding
249-001-11-B GLENAIR-249-001-11-B Datasheet
286Kb / 2P
   Conductive O-Ring for EMI Shielding
More results

Similar Description - 249-7872-3331-504F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
616-1132-120F DIALIGHT-616-1132-120F Datasheet
81Kb / 1P
   LED Panel Mount Indicators for 16mm Mounting Hole
606-1111-110F DIALIGHT-606-1111-110F Datasheet
105Kb / 2P
   LED Panel Mount Indicators for 6mm Mounting Hole
608-1131-110F DIALIGHT-608-1131-110F Datasheet
103Kb / 2P
   LED Panel Mount Indicators for 8mm Mounting Hole
612-3132-120F DIALIGHT-612-3132-120F Datasheet
87Kb / 1P
   LED Panel Mount Indicators for 12mm Mounting Hole
610-3132-120F DIALIGHT-610-3132-120F Datasheet
90Kb / 1P
   LED Panel Mount Indicators for 10mm Mounting Hole
605-1111-110F DIALIGHT-605-1111-110F Datasheet
79Kb / 1P
   LED Panel Mount Indicators for 5mm Mounting Hole
609-1112-130 DIALIGHT-609-1112-130 Datasheet
515Kb / 2P
   LED Panel Mount Indicators for 9mm Mounting Hole
556-1003-304F DIALIGHT-556-1003-304F Datasheet
115Kb / 2P
   High Intensity LED Panel Mount Indicators for 1??Mounting Hole
559-0102-001F DIALIGHT-559-0102-001F Datasheet
146Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
559-5901-001F DIALIGHT-559-5901-001F Datasheet
134Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com